Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMT40C Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SMT40C
Description  DC-DC CONVERTERS C Class Non-isolated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SMT40C Datasheet(HTML) 2 Page - Artesyn Technologies

  SMT40C Datasheet HTML 1Page - Artesyn Technologies SMT40C Datasheet HTML 2Page - Artesyn Technologies SMT40C Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
SMT40C Series
12 Vin single output
DC-DC CONVERTERS
C Class Non-isolated
2
NEW Product
File Name: smt40c.pdf Rev (04): 16 Dec 2005
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
(11)
CURRENT
CURRENT
LINE
LOAD
NUMBER
(13,14)
(MAX.)
(MIN.)
(MAX.)
200 W
10.2-13.8 Vdc
N/A
0.9-5.0 Vdc
0 A
40 A
92%
±0.2%
±1.5%
SMT40C-12SADJJ
N
No
otte
es
s
1
Measured as per recommended set-up. 2 x Cin = 270 µF (20 m
ESR max, 3 x Cout = 680 µF (10 m
Ω ESR max).
2
di/dt = 10 A/µs, Vin = Nom, Tc = 25 °C, load change = 0.50 lo max.
to 0.75 lo max. and 0.75 lo max. to 0.50 lo max.
3
External input fusing is recommended.
4
Measured with external filter. See Application Note 170 for details.
5
Uses external resistor from trim pin to output ground. See
Application Note 170 for details.
6
Signal line assumed <3 m in length.
7
This product is only for inclusion by professional installers within
other equipment and must not be operated as a stand alone
product.
8
Power-up is the time from application of dc input to Power Good
enabled. Remote ON/OFF is from ON/OFF asserted high to power
good enabled.
9
See Application Note 170 for operation above 50 ºC.
10 See Application Note 170 for ripple current requirements.
11 These models have a wide trim output. The unit has an output of
0.9 Vdc to 5 Vdc. An external resistor adjusts the output voltage.
12 For redundant current sharing applications that use ORing diodes to
separate the outputs, please add the suffix ‘-S’ to the part number,
e.g. SMT40C-12SADJ-SJ. Please refer to Application Note 170 for
further details.
13 TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for
details.
14 NOTICE: Some models do not support all options. Please contact
your local Artesyn representative or use the on-line model number
search tool at http://www.artesyn.com/powergroup/products.htm to
find a suitable alternative.
SMT40C-12SADJ-SJ
Part Number System with Options
Rated Output Current
40 = 40Amps
Number of Outputs
SADJ = Single Adjustable Output
Product Family
SMT = Surface Mount
Performance
C = Cost Optimized
Input Voltage
12 = 10.2 Vdc to 13.8 Vdc
The ultra-wide output voltage trim range offers major advantages to users who
select the SMT40C series. It is no longer necessary to purchase a variety of
modules in order to cover different output voltages. The output voltage can be
trimmed in a range of 0.9 Vdc to 5.0 Vdc. When the SMT40C series converter
leaves the factory the output has been adjusted to the default voltage of 0.9 V.
O
Ou
uttp
pu
utt V
Vo
olltta
ag
ge
e A
Ad
djju
us
sttm
me
en
ntt o
off tth
he
e S
SM
MT
T4
40
0C
C S
Se
erriie
es
s
Current Sharing (12)
No Suffix = Non-isolated
Suffix ‘-S’ = Isolated
Packaging Options (13)
J = Pb-free (RoHS 6/6 compliant)


Similar Part No. - SMT40C

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SMT40C EMERSON-NETWORKPOWER-SMT40C Datasheet
255Kb / 4P
   new high density open frame non-isolated converter
SMT40C-12SADJJ EMERSON-NETWORKPOWER-SMT40C-12SADJJ Datasheet
255Kb / 4P
   new high density open frame non-isolated converter
logo
Artesyn Technologies
SMT40C-12SADJJ ARTESYN-SMT40C-12SADJJ_07 Datasheet
261Kb / 4P
   12 Vin single output
logo
Advanced Energy Industr...
SMT40C2 ADVANCEDENERGY-SMT40C2 Datasheet
152Kb / 7P
   C-Class Non-Isolated
logo
Artesyn Technologies
SMT40C2-00SADJ-HJ ARTESYN-SMT40C2-00SADJ-HJ Datasheet
606Kb / 4P
   4.5-13.8 Vin Single Output DC-DC CONVERTERS C Class Non-isolated
More results

Similar Description - SMT40C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
   DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SMT20C ARTESYN-SMT20C Datasheet
188Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SMT30C ARTESYN-SMT30C Datasheet
184Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SIL30C ARTESYN-SIL30C Datasheet
132Kb / 3P
   DC/DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL15C EMERSON-NETWORKPOWER-SIL15C Datasheet
204Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com