Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2030T Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP2030T
Description  Three-Channel Analog Front-End Device
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2030T Datasheet(HTML) 5 Page - Microchip Technology

  MCP2030T Datasheet HTML 1Page - Microchip Technology MCP2030T Datasheet HTML 2Page - Microchip Technology MCP2030T Datasheet HTML 3Page - Microchip Technology MCP2030T Datasheet HTML 4Page - Microchip Technology MCP2030T Datasheet HTML 5Page - Microchip Technology MCP2030T Datasheet HTML 6Page - Microchip Technology MCP2030T Datasheet HTML 7Page - Microchip Technology MCP2030T Datasheet HTML 8Page - Microchip Technology MCP2030T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
© 2005 Microchip Technology Inc.
DS21981A-page 5
MCP2030
Demodulator Discharge Time (delay time
of demodulated output to fall)
TDF
—50
μsV
DD = 3.0V
MOD depth setting = 33%
Input conditions:
Amplitude = 300 mVPP
Modulation depth = 100%
Rise time of LFDATA
TRLFDATA
—0.5
μsV
DD = 3.0V. Time is measured from 10% to
90% of amplitude
Fall time of LFDATA
TFLFDATA
—0.5
μsV
DD = 3.0V
Time is measured from 10% to 90% of
amplitude
AGC stabilization time
(TAGC + TPAGC)
TSTAB
4——
ms
AGC initialization time
TAGC
—3.5
ms
High time after AGC initialization time
TPAGC
—62.5
μs
Gap time after AGC stabilization time
TGAP
200
μs
Time element of pulse
TE
100
μs
Minimum pulse width
Time from exiting Sleep or POR to being
ready to receive signal
TRDY
——
50*
ms
Minimum time AGC level must be held
after receiving AGC Preserve command
TPRES
5*
ms
AGC level must not change more than 10%
during TPRES.
Internal RC oscillator frequency
FOSC
27
32
35.5
kHz
Internal clock trimmed at 32 kHz during test
Inactivity timer time-out
TINACT
13.5
16
17.75
ms
512 cycles of RC oscillator @ FOSC
Alarm timer time-out
TALARM
27
32
35.5
ms
1024 cycles of RC oscillator @ FOSC
LC Pin Input Resistance for
LCX, LCY, LCZ pins
RIN
800*
k
Ω
LCCOM grounded, VDD = 3V,
FCARRIER = 125 kHz.
LC Pin Input Parasitic Capacitance for
LCX, LCY, LCZ pins
CIN
—24*
pF
LCCOM grounded, VDD = 3V,
FCARRIER = 125 kHz.
Minimum output enable filter high time
OEH (Bits Config0<8:7>)
01
= 1 ms
10
= 2 ms
11
= 4 ms
00
= Filter Disabled
TOEH
32 (~1 ms)
64 (~2 ms)
128 (~4 ms)
clock
count
RC oscillator = FOSC (see FOSC specification
for variations).
Viewed from the pin input:
(Note 1)
Minimum output enable filter low time
OEL (Bits Config0<6:5>)
00
= 1 ms
01
= 1 ms
10
= 2 ms
11
= 4 ms
TOEL
32 (~1 ms)
32 (~1 ms)
64 (~2 ms)
128 (~4 ms)
clock
count
RC oscillator = FOSC
Viewed from the pin input:
(Note 2)
Maximum output enable filter period
OEH
OEL
TOEH
TOEL
01
00
= 1 ms
1 ms (Filter 1)
01
01
= 1 ms
1 ms (Filter 1)
01
10
= 1 ms
2 ms (Filter 2)
01
11
= 1 ms
4 ms (Filter 3)
TOET
96 (~3 ms)
96 (~3 ms)
128 (~4 ms)
192 (~6 ms)
clock
count
RC oscillator = FOSC
10
00
= 2 ms
1 ms (Filter 4)
10
01
= 2 ms
1 ms (Filter 4)
10
10
= 2 ms
2 ms (Filter 5)
10
11
= 2 ms
4 ms (Filter 6)
128 (~4 ms)
128 (~4 ms)
160 (~5 ms)
250 (~8 ms)
11
00
= 4 ms
1 ms (Filter 7)
11
01
= 4 ms
1 ms (Filter 7)
11
10
= 4 ms
2 ms (Filter 8)
11
11
= 4 ms
4 ms (Filter 9)
192 (~6 ms)
192 (~6 ms)
256 (~8 ms)
320 (~10 ms)
00
XX
=
Filter Disabled
LFDATA output appears as long as input
signal level is greater than VSENSE.
AC Characteristics (Continued)
Electrical Specifications: Standard Operating Conditions (unless otherwise stated)
Supply Voltage
2.0V
≤ VDD ≤ 3.6V
Operating temperature
-40°C
≤ TA ≤ +85°C
LCCOM connected to VSS
LC Signal Input
Sinusoidal 300 mVPP
Carrier Frequency
125 kHz
LCCOM connected to VSS
Parameters
Sym.
Min.
Typ†
Max.
Units
Conditions
*
Parameter is characterized but not tested.
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Note
1:
Required output enable filter high time must account for input path analog delays (= TOEH - TDR + TDF).
2:
Required output enable filter low time must account for input path analog delays (= TOEL + TDR - TDF).


Similar Part No. - MCP2030T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2030A MICROCHIP-MCP2030A Datasheet
1Mb / 74P
   Three-Channel Analog Front-End Devicewith 1 mVPP Input Detection Sensitivity
2011
MCP2030A-I MICROCHIP-MCP2030A-I Datasheet
1Mb / 66P
   Three-Channel Analog Front-End Device
08/24/05
MCP2030 MICROCHIP-MCP2030_13 Datasheet
958Kb / 66P
   Three-Channel Analog Front-End Device
2005-2013
More results

Similar Description - MCP2030T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2030 MICROCHIP-MCP2030_13 Datasheet
958Kb / 66P
   Three-Channel Analog Front-End Device
2005-2013
MCP2030A-I MICROCHIP-MCP2030A-I Datasheet
1Mb / 66P
   Three-Channel Analog Front-End Device
08/24/05
MCP3919 MICROCHIP-MCP3919 Datasheet
5Mb / 88P
   3V Three-Channel Analog Front End
03/25/14
MCP2036 MICROCHIP-MCP2036 Datasheet
669Kb / 30P
   Inductive Sensor Analog Front End Device
2009
MCP2035 MICROCHIP-MCP2035 Datasheet
1Mb / 68P
   Analog Front-End Device for BodyCom Applications
11/29/11
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
   Two-Channel Analog Front End
2010
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
   Two Channel Analog Front End
2009
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com