Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV259N Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LV259N
Description  8-bit addressable latch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV259N Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LV259N Datasheet HTML 4Page - NXP Semiconductors 74LV259N Datasheet HTML 5Page - NXP Semiconductors 74LV259N Datasheet HTML 6Page - NXP Semiconductors 74LV259N Datasheet HTML 7Page - NXP Semiconductors 74LV259N Datasheet HTML 8Page - NXP Semiconductors 74LV259N Datasheet HTML 9Page - NXP Semiconductors 74LV259N Datasheet HTML 10Page - NXP Semiconductors 74LV259N Datasheet HTML 11Page - NXP Semiconductors 74LV259N Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
74LV259
8-bit addressable latch
1998 May 20
8
AC WAVEFORMS (Continued)
VM = 1.5 V at VCC ≥ 2.7 V and ≤ 3.6V;
VM = 0.5 × VCC at VCC < 2.7 V and ≥ 4.5 V.
VOL and VOH are the typical output voltage drop that occur with the
output load.
tsu
SV01609
VM
Dn INPUT
VM
th
th
tsu
VM
LE INPUT
GND
GND
Qn OUTPUT
VOH
VOL
VCC
VCC
Q = D
Q = D
The shaded areas indicate when the input is permitted
to change for predictable output performance
Figure 5. Data set-up and hold times for D input to LE input.
SV01610
VM
An INPUT
ADDRESS STABLE
GND
GND
VCC
VCC
LE INPUT
VM
tsu
th
The shaded areas indicate when the input is permitted to change for predictable
output performance.
Figure 6. Address set-up and hold times for
An inputs to LE input.
TEST CIRCUIT
SWITCH POSITION
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
VCC
1k
Open
GND
S1
VCC
VI
< 2.7V
VCC
TEST
S1
tPLH/tPHL
Open
2.7V
2.7–3.6V
50pF
1k
2 * VCC
SV00905
DEFINITIONS
RT = Termination resistance should be equal to ZOUT of pulse generators.
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
Figure 7. Load circuitry for switching times.


Similar Part No. - 74LV259N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV259N NXP-74LV259N Datasheet
115Kb / 19P
   8-bit addressable latch
Rev. 03-2 January 2008
More results

Similar Description - 74LV259N

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com