Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1NK60Z Datasheet(PDF) 7 Page - STMicroelectronics

Part # S1NK60Z
Description  N-CHANNEL 600V - 13W - 0.25A - SO-8 Zener-Protected SuperMESH??Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S1NK60Z Datasheet(HTML) 7 Page - STMicroelectronics

  S1NK60Z Datasheet HTML 1Page - STMicroelectronics S1NK60Z Datasheet HTML 2Page - STMicroelectronics S1NK60Z Datasheet HTML 3Page - STMicroelectronics S1NK60Z Datasheet HTML 4Page - STMicroelectronics S1NK60Z Datasheet HTML 5Page - STMicroelectronics S1NK60Z Datasheet HTML 6Page - STMicroelectronics S1NK60Z Datasheet HTML 7Page - STMicroelectronics S1NK60Z Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7/8
STS1NK60Z
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A1.75
0.068
a1
0.1
0.25
0.003
0.009
a2
1.65
0.064
a3
0.65
0.85
0.025
0.033
b
0.35
0.48
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.25
0.5
0.010
0.019
c1
45 (typ.)
D
4.8
5.0
0.188
0.196
E
5.8
6.2
0.228
0.244
e1.27
0.050
e3
3.81
0.150
F
3.8
4.0
0.14
0.157
L
0.4
1.27
0.015
0.050
M0.6
0.023
S
8 (max.)
0016023
SO-8 MECHANICAL DATA


Similar Part No. - S1NK60Z

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S1NAD80 SHINDENGEN-S1NAD80 Datasheet
474Kb / 4P
   Surface Mounting Device Diode Array
logo
DIOTEC Electronics Corp...
S1NB05 DEC-S1NB05 Datasheet
342Kb / 2P
   1 AMP MINIATURE BRIDGE RECTIFIERS
S1NB10 DEC-S1NB10 Datasheet
342Kb / 2P
   1 AMP MINIATURE BRIDGE RECTIFIERS
S1NB100 DEC-S1NB100 Datasheet
342Kb / 2P
   1 AMP MINIATURE BRIDGE RECTIFIERS
logo
Shindengen Electric Mfg...
S1NB20 SHINDENGEN-S1NB20 Datasheet
271Kb / 5P
   General Purpose Rectifiers(200V 1A)
More results

Similar Description - S1NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS1HNK60 STMICROELECTRONICS-STS1HNK60 Datasheet
303Kb / 8P
   N-CHANNEL 600V - 8W - 0.3A SO-8 SuperMESH-TMPower MOSFET
STW18NK60Z STMICROELECTRONICS-STW18NK60Z Datasheet
206Kb / 9P
   N-CHANNEL 600V - 0.27??- 16A TO-247 Zener-Protected SuperMESH??MOSFET
STD2NK60Z STMICROELECTRONICS-STD2NK60Z Datasheet
762Kb / 16P
   Zener-Protected SuperMESH MOSFET
STP6NK90Z STMICROELECTRONICS-STP6NK90Z Datasheet
483Kb / 12P
   N-channel 900V - 1.56 - 5.8A Zener-protected SuperMESH Power MOSFET
March 2003
STB12NK80Z-S STMICROELECTRONICS-STB12NK80Z-S Datasheet
212Kb / 9P
   N-CHANNEL 800V - 0.65ohm - 10.5A I2SPAK Zener-Protected SuperMESH Power MOSFET
STP5NK60Z STMICROELECTRONICS-STP5NK60Z Datasheet
477Kb / 14P
   N-CHANNEL 600V - 1.2ohm - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH Power MOSFET
STY60NK30Z STMICROELECTRONICS-STY60NK30Z Datasheet
187Kb / 8P
   N-CHANNEL 300V - 0.033ohm - 60A Max247 Zener-Protected SuperMESH Power MOSFET
STS1DNC45 STMICROELECTRONICS-STS1DNC45 Datasheet
296Kb / 8P
   DUAL N-CHANNEL 450V - 4.1ohm - 0.4A SO-8 SuperMESH??POWER MOSFET
STSJ2NM60 STMICROELECTRONICS-STSJ2NM60 Datasheet
223Kb / 8P
   N-CHANNEL 600V - 2.8ohm - 2A PowerSO-8 Zener-Protected MDmesh??POWER MOSFET
STP16NK60Z STMICROELECTRONICS-STP16NK60Z Datasheet
283Kb / 11P
   N-CHANNEL 600V - 0.38??- 14A TO-220 / I2SPAK / TO-247 Zener-Protected SuperMESH??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com