Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C1026-20BI Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C1026-20BI
Description  5V / 3.3V 64KX16 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1026-20BI Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C1026-20BI Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1026-20BI Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1026-20BI Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1026-20BI Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1026-20BI Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1026-20BI Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1026-20BI Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1026-20BI Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1026-20BI Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
March 2001
Copyright © Alliance Semiconductor. All rights reserved.
®
AS7C1026
AS7C31026
5V/3.3V 64K×16 CMOS SRAM
3/23/01; v.1.0
Alliance Semiconductor
P. 1 of 10
Features
• AS7C1026 (5V version)
• AS7C31026 (3.3V version)
• Industrial and commercial versions
• Organization: 65,536 words x 16 bits
• Center power and ground pins for low noise
• High speed
- 12/15/20 ns address access time
- 6,7,8 ns output enable access time
• Low power consumption: ACTIVE
- 880 mW (AS7C1026) / max @ 12 ns
- 396 mW (AS7C31026) / max @ 12 ns
• Low power consumption: STANDBY
- 28 mW (AS7C1026) / max CMOS I/O
- 18 mW (AS7C31026) / max CMOS I/O
• 2.0V data retention
• Easy memory expansion with CE, OE inputs
• TTL-compatible, three-state I/O
• JEDEC standard packaging
- 44-pin 400 mil SOJ
- 44-pin 400 mil TSOP II
- 48-ball 6 mm × 8 mm CSP mBGA
• ESD protection
≥ 2000 volts
• Latch-up current
≥ 200 mA
Logic block diagram
64K × 16
Array
OE
CE
WE
Column decoder
A0
A1
A2
A3
A4
A5
A7
VCC
GND
Control circuit
I/O0–I/O7
I/O8–I/O15
UB
LB
I/O
buffer
A6
Pin arrangement
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
I/O13
I/O12
GND
VCC
I/O11
I/O10
I/O9
I/O8
NC
A8
A9
A10
A11
NC
A0
CE
I/O0
I/O1
I/O2
I/O3
VCC
GND
I/O4
I/O5
I/O6
I/O7
WE
A15
A14
A13
44-Pin SOJ, TSOP II (400 mil)
21
22
A12
NC
UB
LB
I/O15
I/O14
2
A3
3
A2
4
A1
1
A4
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
43
42
41
44
A6
A7
OE
A5
Selection guide
Shaded areas indicate preliminary information.
AS7C1026-12
AS7C31026-12
AS7C1026-15
AS7C31026-15
AS7C1026-20
AS7C31026-20
Unit
Maximum address access time
12
15
20
ns
Maximum output enable access time
6
8
10
ns
Maximum operating current
AS7C1026
160
150
140
mA
AS7C31026
110
100
90
mA
Maximum CMOS standby current
AS7C1026
10
10
15
mA
AS7C31026
10
10
15
mA
48-CSP mini Ball-Grid-Array Package
12
3
4
5
6
ALB
OE
A0
A1
A2
NC
BI/O8
UB
A3
A4
CE
I/O0
CI/O9 I/O10
A5
A6
I/O1 I/O2
DVSS
I/O11
NC
A7
I/O3
VDD
EVDD I/O12 NC
NC I/O4
VSS
FI/O14 I/O13 A14
A15 I/O5 I/O6
G I/O15
NC
A12
A13
WE
I/O7
HNC
A8
A9
A10
A11
NC


Similar Part No. - AS7C1026-20BI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1026-20BC ALSC-AS7C1026-20BC Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
More results

Similar Description - AS7C1026-20BI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C513 ALSC-AS7C513 Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
   5V/3.3V 512K X8 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
AS7C1024A ALSC-AS7C1024A Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
   5V/3.3V 256K x 16 CMOS SRAM
logo
Eorex Corporation
EM6164K600V EOREX-EM6164K600V Datasheet
239Kb / 12P
   64Kx16 LP SRAM
logo
Alliance Semiconductor ...
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com