Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3252N Datasheet(PDF) 10 Page - Sony Corporation

Part # CXA3252N
Description  All Band TV Tuner IC with On-chip PLL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3252N Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXA3252N Datasheet HTML 6Page - Sony Corporation CXA3252N Datasheet HTML 7Page - Sony Corporation CXA3252N Datasheet HTML 8Page - Sony Corporation CXA3252N Datasheet HTML 9Page - Sony Corporation CXA3252N Datasheet HTML 10Page - Sony Corporation CXA3252N Datasheet HTML 11Page - Sony Corporation CXA3252N Datasheet HTML 12Page - Sony Corporation CXA3252N Datasheet HTML 13Page - Sony Corporation CXA3252N Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
–10–
CXA3252N
Symbol
Measurement conditions
Item
Min.
Typ.
Max.
Unit
Bus timing (I2C bus)
fSCL
SCL clock frequency
0
400
kHz
tWSTA
Start waiting time
1300
ns
tHSTA
Start hold time
600
ns
tLOW
“L” hold time
1300
ns
tHIGH
“H” hold time
600
ns
tSSTA
Start setup time
600
ns
taHDAT
Data hold time
1300
ns
tSDAT
Data setup time
600
ns
tR
Rise time
300
ns
tF
Fall time
300
ns
tSSTO
Stop setup time
600
ns
Bus timing (3-wire bus)
tSD
Data setup time
300
ns
tHD
Data hold time
600
ns
tWE
Enable waiting time
300
ns
tSE
Enable setup time
300
ns
tHE
Enable hold time
600
ns


Similar Part No. - CXA3252N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
CXA3250N SONY-CXA3250N Datasheet
384Kb / 35P
   All Band TV Tuner IC with On-chip PLL
CXA3256R SONY-CXA3256R Datasheet
331Kb / 23P
   8-bit 120MSPS Flash A/D Converter
More results

Similar Description - CXA3252N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3085AN SONY-CXA3085AN Datasheet
325Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3235 SONY-CXA3235 Datasheet
313Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
CXA3135AN SONY-CXA3135AN Datasheet
319Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3185 SONY-CXA3185 Datasheet
318Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3205N SONY-CXA3205N Datasheet
320Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250N SONY-CXA3250N Datasheet
384Kb / 35P
   All Band TV Tuner IC with On-chip PLL
CXA3555N SONY-CXA3555N Datasheet
225Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com