Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3B34-N-01 Datasheet(PDF) 6 Page - Analog Devices

Part # 3B34-N-01
Description  Isolated, Linearized RTD Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

3B34-N-01 Datasheet(HTML) 6 Page - Analog Devices

  3B34-N-01 Datasheet HTML 1Page - Analog Devices 3B34-N-01 Datasheet HTML 2Page - Analog Devices 3B34-N-01 Datasheet HTML 3Page - Analog Devices 3B34-N-01 Datasheet HTML 4Page - Analog Devices 3B34-N-01 Datasheet HTML 5Page - Analog Devices 3B34-N-01 Datasheet HTML 6Page - Analog Devices 3B34-N-01 Datasheet HTML 7Page - Analog Devices 3B34-N-01 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
3B34
Rev. 0 | Page 6 of 8
PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
Figure 3 3B34 Input Field Connections
Table 1. Pin Function Descriptions—
Pin No.
Description
1
+EXC
2
HI
3
LO
4
-EXC
Figure 4 . Model 3B Series Module, with pin-out assignments.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human
body and test equipment and can discharge without detection. Although this product features proprietary ESD
protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges.
Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.


Similar Part No. - 3B34-N-01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B34 AD-3B34 Datasheet
399Kb / 8P
   Isolated, Linearized RTD Input
REV. 0
3B34 AD-3B34_15 Datasheet
399Kb / 8P
   Isolated, Linearized RTD Input
REV. 0
More results

Similar Description - 3B34-N-01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B34 AD-5B34 Datasheet
697Kb / 8P
   Isolated Linearized RTD Input
REV. 0
7B34 AD-7B34 Datasheet
549Kb / 8P
   Isolated, Linearized RTD Input
REV. 0
3B34 AD-3B34_15 Datasheet
399Kb / 8P
   Isolated, Linearized RTD Input
REV. 0
5B34 AD-5B34_15 Datasheet
699Kb / 8P
   Isolated Linearized RTD Input
REV. 0
7B34 AD-7B34_15 Datasheet
550Kb / 8P
   Isolated, Linearized RTD Input
REV. 0
7B14 AD-7B14_15 Datasheet
535Kb / 8P
   Non Isolated, Linearized RTD Input
REV. 0
7B14 AD-7B14 Datasheet
529Kb / 8P
   Non Isolated, Linearized RTD Input
REV. 0
5B35 AD-5B35_15 Datasheet
697Kb / 9P
   Isolated Linearized 4-Wire RTD Input
REV. 0
5B47 AD-5B47 Datasheet
703Kb / 8P
   Isolated, Linearized Thermocouple Input
REV. 0
logo
List of Unclassifed Man...
DI-8B35 ETC1-DI-8B35 Datasheet
321Kb / 2P
   Linearized 4-Wire RTD Input Modules
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com