Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V10071 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT72V10071
Description  3.3 VOLT DUAL MULTIMEDIA FIFO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V10071 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT72V10071 Datasheet HTML 1Page - Integrated Device Technology IDT72V10071 Datasheet HTML 2Page - Integrated Device Technology IDT72V10071 Datasheet HTML 3Page - Integrated Device Technology IDT72V10071 Datasheet HTML 4Page - Integrated Device Technology IDT72V10071 Datasheet HTML 5Page - Integrated Device Technology IDT72V10071 Datasheet HTML 6Page - Integrated Device Technology IDT72V10071 Datasheet HTML 7Page - Integrated Device Technology IDT72V10071 Datasheet HTML 8Page - Integrated Device Technology IDT72V10071 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
IDT72V10071/72V11071/72V12071/72V13071/72V14071 3.3V, MULTIMEDIA FIFO
DUAL 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
INDUSTRIALTEMPERATURERANGE
PIN DESCRIPTIONS
The IDT72V10071/72V11071/72V12071/72V13071/72V14071's two
FIFOs, referred to as FIFO A and FIFO B, are identical in every respect.
FIFO A and FIFO B operate completely independent from each other.
Symbol
Name
I/O
Description
DA0-DA7
A Data Inputs
I
8-bit data inputs to FIFO array A.
DB0-DB7
B Data Inputs
I
8-bit data inputs to FIFO array B.
RSA, RSB
Reset
I
When
RSA(RSB) is set LOW, the associated internal read and write pointers of array A (B) are set to the first
location;
FFA (FFB) go as HIGH and EFA (EFB) go as LOW. After power-up, a reset of both FIFOs A and B
is required before an initial WRITE.
WCLKA
Write Clock
I
Data is written into the FIFO A (B) on a LOW-to-HIGH transition of WCLKA (WCLKB) when the write enable
WCLKB
is asserted.
WENA
Write Enable
I
When
WENA (WENB) is LOW, data A (B) is written into the FIFO on every LOW-to-HIGH transition WCLKA
WENB
(WCLKB). Data will not be written into the FIFO if
FFA (FFB) is LOW.
QA0-QA7
A Data Outputs
O 8-bit data outputs from FIFO array A.
QB0-QB7
B Data Outputs
O 8-bit data outputs from FIFO array B.
RCLKA
Read Clock
I
Data is read from FIFO A (B) on a LOW-to-HIGH transition of RCLKA (RCLKB) when
RENA (RENB) is
RCLKB
asserted.
RENA
Read Enable
I
When
RENA (RENB) is LOW, data is read from FIFO A (B) on every LOW-to-HIGH transition of RCLKA
RENB
(RCLKB). Data will not be read from Array A (B) if
EFA (EFB) is LOW.
OEA
Output Enable
I
When
OEA(OEB) is LOW, outputs DA0-DA7 (DB0-DB7) are active. If OEA(OEB) is HIGH, outputs
OEB
DA0-DA7 (DB0-DB7) will be in a high-impedance state.
EFA
Empty Flag
O When
EFA (EFB) is LOW, FIFO A (B) is empty and further data reads from the output are inhibited. When
EFB
EFA (EFB) is HIGH, FIFO A (B) is not empty. EFA (EFB) is synchronized to RCLKA (RCLKB).
FFA
Full Flag
O When
FFA (FFB) is LOW, FIFO A (B) is full and further data writes into the input are inhibited. When FFA
FFB
(
FFB) is HIGH, FIFO A (B) is not full. FFA (FFB) is synchronized to WCLKA (WCLKB).
VCC
Power
+3.3V power supply pin.
GND
Ground
0V ground pin.


Similar Part No. - IDT72V10071

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V10081 IDT-IDT72V10081 Datasheet
125Kb / 9P
   3.3 VOLT MULTIMEDIA FIFO
IDT72V10081L15PFI IDT-IDT72V10081L15PFI Datasheet
125Kb / 9P
   3.3 VOLT MULTIMEDIA FIFO
More results

Similar Description - IDT72V10071

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V10081 IDT-IDT72V10081 Datasheet
125Kb / 9P
   3.3 VOLT MULTIMEDIA FIFO
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_12 Datasheet
290Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V81 RENESAS-IDT72V81 Datasheet
274Kb / 13P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_06 Datasheet
140Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com