Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV373 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LV373
Description  Octal D-type transparent latch 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV373 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LV373 Datasheet HTML 2Page - NXP Semiconductors 74LV373 Datasheet HTML 3Page - NXP Semiconductors 74LV373 Datasheet HTML 4Page - NXP Semiconductors 74LV373 Datasheet HTML 5Page - NXP Semiconductors 74LV373 Datasheet HTML 6Page - NXP Semiconductors 74LV373 Datasheet HTML 7Page - NXP Semiconductors 74LV373 Datasheet HTML 8Page - NXP Semiconductors 74LV373 Datasheet HTML 9Page - NXP Semiconductors 74LV373 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74LV373
Octal D-type transparent latch (3-State)
1998 Jun 10
6
AC CHARACTERISTICS
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KW
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
65
2.0
22
37
48
tPHL/tPLH
Propagation delay
Dn to Qn
Figure 1, 5
2.7
16
28
35
ns
Dn to Qn
3.0 to 3.6
132
22
28
4.5 to 5.5
16
20
1.2
80
2.0
27
43
54
tPHL/tPLH
Propagation delay
LE to Qn
Figure 2, 5
2.7
20
26
33
ns
LE to Qn
3.0 to 3.6
152
25
31
4.5 to 5.5
9.53
19
24
1.2
80
3-State output
2.0
27
46
58
tPZH/tPZL
3-State out ut
enable time
OE tQ
Figure 3
2.7
20
28
35
ns
OE to Qn
3.0 to 3.6
152
27
34
4.5 to 5.5
23
29
1.2
75
3-State output
2.0
27
46
58
tPHZ/tPLZ
3-State out ut
disable time
OE tQ
Figure 3
2.7
21
28
35
ns
OE to Qn
3.0 to 3.6
162
27
34
4.5 to 5.5
23
29
2.0
34
10
41
tW
LE pulse width HIGH
Figure 2
2.7
25
8
30
ns
3.0 to 3.6
20
62
24
1.2
25
t
Setup time D to LE
Figure 4
2.0
17
9
20
ns
tsu
Setup time Dn to LE
Figure 4
2.7
13
6
15
ns
3.0 to 3.6
10
52
12
1.2
–15
t
Hold time D to LE
Figure 4
2.0
5
–5
5
ns
th
Hold time Dn to LE
Figure 4
2.7
5
–3
5
ns
3.0 to 3.6
5
–32
5
NOTES:
1. All typical values are measured at Tamb = 25°C
2. Typical values are measured at VCC = 3.3V
3. Typical values are measured at VCC = 5.0V


Similar Part No. - 74LV373

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
74LV373 SLS-74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
More results

Similar Description - 74LV373

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com