Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV373 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LV373
Description  Octal D-type transparent latch 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV373 Datasheet(HTML) 2 Page - NXP Semiconductors

  74LV373 Datasheet HTML 1Page - NXP Semiconductors 74LV373 Datasheet HTML 2Page - NXP Semiconductors 74LV373 Datasheet HTML 3Page - NXP Semiconductors 74LV373 Datasheet HTML 4Page - NXP Semiconductors 74LV373 Datasheet HTML 5Page - NXP Semiconductors 74LV373 Datasheet HTML 6Page - NXP Semiconductors 74LV373 Datasheet HTML 7Page - NXP Semiconductors 74LV373 Datasheet HTML 8Page - NXP Semiconductors 74LV373 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74LV373
Octal D-type transparent latch (3-State)
2
1998 Jun 10
853–1934 19545
FEATURES
Wide operating voltage: 1.0 to 5.5V
Optimized for Low Voltage applications: 1.0V to 3.6V
Accepts TTL input levels between V
CC = 2.7V and VCC = 3.6V
Typical V
OLP (output ground bounce) < 0.8V at VCC = 3.3V,
Tamb = 25°C
Typical V
OHV (output VOH undershoot) > 2V at VCC = 3.3V,
Tamb = 25°C
Common 3-State output enable input
Output capability: bus driver
I
CC category: MSI
DESCRIPTION
The 74LV373 is a low-voltage Si-gate CMOS device that is pin and
function compatible with 74HC/HCT373.
The 74LV373 is an octal D-type transparent latch featuring separate
D-type inputs for each latch and 3-State outputs for bus oriented
applications. A latch enable (LE) input and an output enable (OE)
input are common to all internal latches.
The ‘373’ consists of eight D-type transparent latches with 3-State
true outputs. When LE is HIGH, data at the Dn inputs enters the
latches. In this condition the latches are transparent, i.e., a latch
output will change each time its corresponding D-input changes.
When LE is LOW the latches store the information that was present
at the D-inputs a set-up time preceding the HIGH-to-LOW transition
of LE. When OE is LOW, the contents of the eight latches are
available at the outputs. When OE is HIGH, the outputs go to the
high impedance OFF-state. Operation of the OE input does not
affect the state of the latches.
The ‘373’ is functionally identical to the ‘573’, but the ‘573’ has a
different pin arrangement.
QUICK REFERENCE DATA
GND = 0V; Tamb = 25°C; tr = tf v2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
Dn to Qn
LE to Qn
CL = 15pF
VCC = 3.3V
10
12
ns
CI
Input capacitance
3.5
pF
CPD
Power dissipation capacitance per latch
Notes 1, 2
22
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD
VCC2 x fi ) (CL
VCC2
fo) where:
fi = input frequency in MHz; CL = output load capacity in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
(CL
VCC2
fo) = sum of the outputs.
2. The condition is VI = GND to VCC.
ORDERING AND PACKAGE INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
20-Pin Plastic DIL
–40
°C to +125°C
74LV373 N
74LV373 N
SOT146-1
20-Pin Plastic SO
–40
°C to +125°C
74LV373 D
74LV373 D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +125°C
74LV373 DB
74LV373 DB
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +125°C
74LV373 PW
74LV373PW DH
SOT360-1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1
OE
Output enabled input (active LOW)
2, 5, 6, 9, 12,
15, 16, 19
Q0–Q7
3-State latch outputs
3, 4, 7, 8, 13,
14, 17, 18
D0–D7
Data inputs
10
GND
Ground (0V)
11
LE
Latch enable input (active HIGH)
20
VCC
Positive supply voltage


Similar Part No. - 74LV373

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
74LV373 SLS-74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
More results

Similar Description - 74LV373

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com