Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28C64E-15JC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT28C64E-15JC
Description  64K (8K x 8) CMOS E2PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C64E-15JC Datasheet(HTML) 4 Page - ATMEL Corporation

  AT28C64E-15JC Datasheet HTML 1Page - ATMEL Corporation AT28C64E-15JC Datasheet HTML 2Page - ATMEL Corporation AT28C64E-15JC Datasheet HTML 3Page - ATMEL Corporation AT28C64E-15JC Datasheet HTML 4Page - ATMEL Corporation AT28C64E-15JC Datasheet HTML 5Page - ATMEL Corporation AT28C64E-15JC Datasheet HTML 6Page - ATMEL Corporation AT28C64E-15JC Datasheet HTML 7Page - ATMEL Corporation AT28C64E-15JC Datasheet HTML 8Page - ATMEL Corporation AT28C64E-15JC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC + 1V
10
µA
ILO
Output Leakage Current
VI/O = 0V to VCC
10
µA
ISB1
VCC Standby Current CMOS
CE = VCC - 0.3V to VCC + 1.0V
100
µA
ISB2
VCC Standby Current TTL
CE = 2.0V to VCC + 1.0V
Com.
2
mA
Ind.
3
mA
ICC
VCC Active Current AC
f = 5 MHz; IOUT = 0 mA
CE = VIL
Com.
30
mA
Ind.
45
mA
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 2.1 mA
= 4.0 mA for RDY/BUSY
.45
V
VOH
Output High Voltage
IOH = -400
µA
2.4
V
DC Characteristics
AT28C64-12
AT28C64-15
AT28C64-20
AT28C64-25
Operating
Temperature (Case)
Com.
0°C - 70°C
0°C - 70°C
0°C - 70°C
0°C - 70°C
Ind.
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
VCC Power Supply
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
DC and AC Operating Range
Mode
CE
OE
WE
I/O
Read
VIL
VIL
VIH
DOUT
Write (2)
VIL
VIH
VIL
DIN
Standby/Write Inhibit
VIH
X
(1)
X
High Z
Write Inhibit
X
X
VIH
Write Inhibit
X
VIL
X
Output Disable
X
VIH
X
High Z
Chip Erase
VIL
VH
(3)
VIL
High Z
3. VH = 12.0V
± 0.5V.
Notes: 1. X can be VIL or VIH.
2. Refer to AC Programming Waveforms.
Operating Modes
2-196
AT28C64/X


Similar Part No. - AT28C64E-15JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C64B ATMEL-AT28C64B Datasheet
660Kb / 12P
   64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
317Kb / 13P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
297Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
313Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B-15 ATMEL-AT28C64B-15 Datasheet
660Kb / 12P
   64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
More results

Similar Description - AT28C64E-15JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64 Datasheet
410Kb / 8P
   64K 8K x 8 Battery-Voltage CMOS E2PROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
28C64A MICROCHIP-28C64A Datasheet
67Kb / 8P
   64K (8K x 8) CMOS EEPROM
1996
28C64A MICROCHIP-28C64A_04 Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
logo
Sharp Corporation
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com