Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLWR9900 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLWR9900
Description  Utilizing one of the world’s brightest (AS) AllnGaP technologies, non diffused LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLWR9900 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLWR9900 Datasheet HTML 1Page - Vishay Siliconix TLWR9900 Datasheet HTML 2Page - Vishay Siliconix TLWR9900 Datasheet HTML 3Page - Vishay Siliconix TLWR9900 Datasheet HTML 4Page - Vishay Siliconix TLWR9900 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VISHAY
TLWR990.
Document Number 83213
Rev. 1.6, 31-Aug-04
Vishay Semiconductors
www.vishay.com
1
19232
e3 Pb
Pb-free
TELUX™
Description
The TELUX™ series is a clear, non diffused LED for
applications where supreme luminous flux is required.
It is designed in an industry standard 7.62 mm square
package utilizing highly developed (AS) AllnGaP
technology.
The supreme heat dissipation of TELUX™ allows
applications at high ambient temperatures.
All packing units are binned for luminous flux, forward
voltage and color to achieve the most homogenous
light appearance in application.
SAE and ECE color requirements for automobile
application are available for color red.
ESD resistivity 2 kV (HBM) according to MIL STD
883D, method 3015.7.
Features
• Utilizing one of the world’s brightest (AS) AllnGaP
technologies
• High luminous flux
• Supreme heat dissipation: RthJP is 90 K/W
• High operating temperature:
Tamb = - 40 to + 110 °C
• Meets SAE and ECE color requirements for the
automobile industry for color red
• Packed in tubes for automatic insertion
• Luminous flux, forward voltage and color catego-
rized for each tube
• Small mechanical tolerances allow precise usage
of external reflectors or lightguides
• Lead-free device
Applications
Exterior lighting
Dashboard illumination
Tail-, Stop - and Turn Signals of motor vehicles
Replaces small incandescent lamps
Traffic signals and signs
Parts Table
Part
Color, Luminous Intensity
Angle of Half Intensity (±
ϕ)
Technology
TLWR9900
Red,
φV > 2500 mlm
45 °
AllnGaP on GaAs
TLWR9901
Red,
φV > (2500 to 6100) mlm
45 °
AllnGaP on GaAs


Similar Part No. - TLWR9900

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWR9900 VISHAY-TLWR9900 Datasheet
224Kb / 5P
   TELUX LED
Rev. 2.0, 15-Dec-10
TLWR9900 VISHAY-TLWR9900 Datasheet
2Mb / 4P
   LEDs for Automotive and Outdoor Applications
TLWR9900 VISHAY-TLWR9900 Datasheet
219Kb / 5P
   TELUX LED
13-Jun-16
TLWR9900 VISHAY-TLWR9900_V01 Datasheet
219Kb / 5P
   TELUX LED
13-Jun-16
More results

Similar Description - TLWR9900

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
TLWR992 VAISH-TLWR992 Datasheet
224Kb / 6P
   TELUX / Utilizing one of the world?셲 brightest (AS) AllnGaP technologies (OMA) / High luminous flux
logo
Vishay Siliconix
TLCY610 VISHAY-TLCY610 Datasheet
187Kb / 7P
   Utilizing ultrabright AllnGaP
Rev. 1.3, 16-Mar-15
logo
Microsemi Corporation
APT25GN120B MICROSEMI-APT25GN120B Datasheet
154Kb / 6P
   Utilizing the latest Field Stop and Trench Gate technologies
logo
Texas Instruments
TLW.8600 TI-TLW.8600 Datasheet
191Kb / 7P
[Old version datasheet]   clear, non diffused LED
logo
Microsemi Corporation
APT35GN120B MICROSEMI-APT35GN120B Datasheet
148Kb / 6P
   Utilizing the latest Non-Punch Through (NPT) Field Stop technology
logo
STMicroelectronics
AN3994 STMICROELECTRONICS-AN3994 Datasheet
2Mb / 53P
   One of the bigger challenges
logo
Vishay Siliconix
TLCR6200 VISHAY-TLCR6200_V01 Datasheet
131Kb / 6P
   Ultrabright LED, 횠 5 mm Untinted Non-Diffused Package DESCRIPTION The
01-Jan-2022
logo
Unity Opto Technology
MVL-514UOL UOT-MVL-514UOL Datasheet
38Kb / 2P
   Performance AllnGaP LED Lamps
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
   one of the smallest SSDs in the market
logo
PHOENIX CONTACT
2202096 PHOENIX-2202096 Datasheet
52Kb / 2P
   Variety of connection technologies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com