Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTN78060 Datasheet(PDF) 4 Page - Texas Instruments

Part # PTN78060
Description  3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTN78060 Datasheet(HTML) 4 Page - Texas Instruments

  PTN78060 Datasheet HTML 1Page - Texas Instruments PTN78060 Datasheet HTML 2Page - Texas Instruments PTN78060 Datasheet HTML 3Page - Texas Instruments PTN78060 Datasheet HTML 4Page - Texas Instruments PTN78060 Datasheet HTML 5Page - Texas Instruments PTN78060 Datasheet HTML 6Page - Texas Instruments PTN78060 Datasheet HTML 7Page - Texas Instruments PTN78060 Datasheet HTML 8Page - Texas Instruments PTN78060 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PTN78060W, PTN78060H
SLTS229A – NOVEMBER 2004 – REVISED APRIL 2005
operating at 25
°C free-air temperature, V
I = 24 V, VO = 12 V, IO = IO (max), CI = 3 × 4.7 µF, CO = 100 µF (unless otherwise
noted)
PTN78060H
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO = 12 V
0
3 (1)
TA = 85°C, natural convection
IO
Output current
VO = 15 V
0
3 (1)
A
airflow
VO = 22 V
0
2 (1)
VI
Input voltage range
Over IO range
15 (2)
36
V
Set-point voltage tolerance
TA = 25°C
±2%(3)
Temperature variation
–40
°C to +85°C
±0.5%
Line regulation
Over VI range
±10
mV
VO
Load regulation
Over IO range
±10
mV
Includes set point, line, load
Total output voltage variation
±3% (3)
–40 < TA < 85°C
VI < 19 V
11.85
VI – 3
19 V
≤ V
I ≤ 25 V
11.85
VI – 4
VO (adj)
Output voltage adjust range
V
VI≥ 26 V
11.85
22
VI = 24 V, RSET = 383 k Ω, VO = 12 V
93%
η
Efficiency
VI = 24 V, RSET = 15 kΩ, VO = 15 V
95%
IO = 2 A, VI = 32 V, RSET = 95.3 Ω, VO = 22 V,
96%
Output voltage ripple
20-MHz bandwidth
1.2% VO
V(PP)
IO (LIM)
Current limit threshold
∆V
O = –50 mV
5.5
A
1-A/µs load step from 50% to 100% IOmax
Transient response
Recovery time
100
µs
VO over/undershoot
5
%VO
Input high voltage (VIH)
1
Open (4)
V
Inhibit control (pin 3)
Input low voltage (VIL)
–0.1
0.3
Input low current (IIL)
–0.25
mA
II(stby)
Input standby current
Pin 3 connected to GND
17
mA
FS
Switching frequency
Over VI and IO ranges
440
550
660
kHz
CI
External input capacitance
Ceramic or nonceramic
14.1 (5)
µF
Ceramic
0
200
µF
CO
External output capacitance
Nonceramic
100 (6)
2,000
Equivalent series resistance (nonceramic)
10 (7)
m
Per Telcordia SR-332, 50% stress,
MTBF
Calculated reliability
8.9
106 Hr
TA = 40°C, ground benign
(1)
The maximum output current is 3 amps or a maximum output power of 45 W, whichever is less. See the Application Information section
for further guidance.
(2)
For output voltages less than 19 V, the minimum input voltage is 15 V or (VO + 3) V, whichever is greater. For output voltages of 19 V
and higher, the minimum input voltage is (VO + 4) V. See the Application Information for further guidance.
(3)
The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1% with 100 ppm/
°C or better temperature stability.
(4)
This control pin has an internal pullup, and if left open-circuit, the module operates when input power is applied. The open-circuit voltage
is typically 1.5 V. A small, low-leakage (< 100 nA) MOSFET is recommended for control. See the Application Information section for
further guidance.
(5)
Three external 4.7-µF ceramic capacitors are required across the input (VI and GND) for proper operation. Locate the capacitor close to
the module.
(6)
100 µF of output capacitance is required for proper operation. See the Application Information section for further guidance.
(7)
This is the typical ESR for all the electrolytic (nonceramic) capacitance. Use 17 m
Ω as the minimum when using max-ESR values to
calculate.
4


Similar Part No. - PTN78060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78060A TI-PTN78060A Datasheet
1Mb / 18P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78060AAH TI-PTN78060AAH Datasheet
1Mb / 18P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78060AAS TI-PTN78060AAS Datasheet
1Mb / 18P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78060AAS-T TI-PTN78060AAS-T Datasheet
1Mb / 18P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78060AAST TI-PTN78060AAST Datasheet
1Mb / 18P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
More results

Similar Description - PTN78060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78060W TI-PTN78060W_09 Datasheet
746Kb / 26P
[Old version datasheet]   3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI-PTH08080W Datasheet
700Kb / 16P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W Datasheet
1Mb / 25P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78000W TI-PTN78000W Datasheet
456Kb / 20P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_08 Datasheet
711Kb / 26P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI-PTH08080W_15 Datasheet
475Kb / 18P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_15 Datasheet
432Kb / 27P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08000W TI-PTH08000W Datasheet
1Mb / 20P
[Old version datasheet]   2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI1-PTH08080W_14 Datasheet
511Kb / 19P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78000W TI-PTN78000W_08 Datasheet
676Kb / 25P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com