Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTN78060 Datasheet(PDF) 8 Page - Texas Instruments

Part # PTN78060
Description  3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTN78060 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTN78060 Datasheet HTML 4Page - Texas Instruments PTN78060 Datasheet HTML 5Page - Texas Instruments PTN78060 Datasheet HTML 6Page - Texas Instruments PTN78060 Datasheet HTML 7Page - Texas Instruments PTN78060 Datasheet HTML 8Page - Texas Instruments PTN78060 Datasheet HTML 9Page - Texas Instruments PTN78060 Datasheet HTML 10Page - Texas Instruments PTN78060 Datasheet HTML 11Page - Texas Instruments PTN78060 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.ti.com
TYPICAL CHARACTERISTICS (24-V INPUT)(1)(2)
0
0.5
1
1.5
2
2.5
3
40
50
60
70
80
90
100
I
- Output Current - A
O
V
= 2.5 V
O
V
= 3.3 V
O
V
= 5 V
O
V
= 15 V
O
V
= 12 V
O
0
20
120
40
140
60
160
80
180
100
200
0
0.5
1
1.5
2
2.5
3
I
- Output Current - A
O
V
= 12 V
O
V
= 3.3 V
O
V
= 5 V
O
V
= 2.5 V
O
V
= 15 V
O
0
0.5
1
1.5
2
2.5
0
0.5
1
1.5
2
2.5
3
IO - Output Current - A
VO = 5 V
3
V
V
O
O
= 12 V
= 15 V
V
V
O
O
= 2.5 V
= 3.3 V
VO = 3.3 V
100 LFM
Nat conv
200 LFM
Air Flow
20
30
40
50
60
70
80
90
0
0.5
1
1.5
2
2.5
3
IO - Output Current - A
20
30
40
50
60
70
80
90
0
0.5
1
1.5
2
2.5
3
IO - Output Current - A
VO = 5 V
Air Flow
200 LFM
100 LFM
Nat conv
20
30
40
50
60
70
80
90
0
0.5
1
1.5
2
2.5
3
IO - Output Current - A
Air Flow
200 LFM
100 LFM
Nat conv
VO = 12 V
20
30
40
50
60
70
80
90
0
0.5
1
1.5
2
2.5
3
IO - Output Current - A
Air Flow
VO = 15 V
100 LFM
200 LFM
Nat conv
PTN78060W, PTN78060H
SLTS229A – NOVEMBER 2004 – REVISED APRIL 2005
EFFICIENCY
OUTPUT VOLTAGE RIPPLE
POWER DISSIPATION
vs
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
OUTPUT CURRENT
Figure 12.
Figure 13.
Figure 14.
TEMPERATURE DERATING
TEMPERATURE DERATING
TEMPERATURE DERATING
vs
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
OUTPUT CURRENT
Figure 15.
Figure 16.
Figure 17.
TEMPERATURE DERATING
vs
OUTPUT CURRENT
Figure 18.
(1)
The electrical characteristic data has been developed from actual products tested at 25
° C. This data is considered typical for the
converter. Applies to Figure 12, Figure 13, and Figure 14.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 100 mm x 100 mm, double-sided PCB with 2 oz. copper.
Applies to Figure 15 through Figure 18.
8


Similar Part No. - PTN78060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78060A TI-PTN78060A Datasheet
1Mb / 18P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78060AAH TI-PTN78060AAH Datasheet
1Mb / 18P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78060AAS TI-PTN78060AAS Datasheet
1Mb / 18P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78060AAS-T TI-PTN78060AAS-T Datasheet
1Mb / 18P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78060AAST TI-PTN78060AAST Datasheet
1Mb / 18P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
More results

Similar Description - PTN78060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78060W TI-PTN78060W_09 Datasheet
746Kb / 26P
[Old version datasheet]   3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI-PTH08080W Datasheet
700Kb / 16P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W Datasheet
1Mb / 25P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78000W TI-PTN78000W Datasheet
456Kb / 20P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_08 Datasheet
711Kb / 26P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI-PTH08080W_15 Datasheet
475Kb / 18P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_15 Datasheet
432Kb / 27P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08000W TI-PTH08000W Datasheet
1Mb / 20P
[Old version datasheet]   2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI1-PTH08080W_14 Datasheet
511Kb / 19P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78000W TI-PTN78000W_08 Datasheet
676Kb / 25P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com