Part Name
         Description
74LV377

 Octal D-type flip-flop with data enable; positive edge-trigger ( 12 Page)


PHILIPS
100% 
Zoom Out Zoom In
 6 page
background image
Philips Semiconductors
Product specification
74LV377
Octal D-type flip-flop with data enable;
positive edge-trigger
1998 Jun 10
6
AC CHARACTERISTICS
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL =1KW
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
80
t
/t
Propagation delay
Figure 1
2.0
27
51
61
ns
tPHL/tPLH
gy
CP to Qn
Figure 1
2.7
20
38
45
ns
3.0 to 3.6
152
30
36
Cl
k
l
idth
2.0
34
9
41
tW
Clock pulse width
HIGH or LOW
Figure 2
2.7
25
6
30
ns
HIGH or LOW
3.0 to 3.6
20
52
24
1.2
25
t
Set-up time
Figure 2
2.0
22
9
26
ns
tsu
Dn to CP
Figure 2
2.7
16
6
19
ns
3.0 to 3.6
13
52
15
1.2
10
t
Set-up time
Figure 2
2.0
22
4
26
ns
tsu
E to CP
Figure 2
2.7
16
3
19
ns
3.0 to 3.6
13
22
15
1.2
–15
t
Hold time
Figure 2
2.0
5
–5
5
ns
th
Dn to CP
Figure 2
2.7
5
–4
5
ns
3.0 to 3.6
5
–32
5
1.2
–5
t
Hold time
Figure 2
2.0
5
–2
5
ns
th
E to CP
Figure 2
2.7
5
–2
5
ns
3.0 to 3.6
5
–12
5
Mi
lk
2.0
14
40
12
fmax
Maximum clock
pulse frequency
Figure 1
2.7
19
58
16
MHz
ulse frequency
3.0 to 3.6
24
702
20
NOTES:
1. Unless otherwise stated, all typical values are at Tamb = 25°C.
2. Typical value measured at VCC = 3.3V.
1  2  3  4  5  6  7  8  9  10  11  12 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74AHC377Octal D-type flip-flop with data enable; positive-edge trigger 1 2 3 4 5 MoreNXP Semiconductors
74LVC574AOctal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State 1 2 3 4 5 MoreNXP Semiconductors
74HC377OCTAL D-TYPE FLIP-FLOP WITH DATA ENABLE POSITIVE EDGE TRIGGER 1 2 3 4 5 List of Unclassifed Manufacturers
74HC377Octal D-type flip-flop with data enable; positive-edge trigger 1 2 3 4 5 MoreNXP Semiconductors
74LVC374AOctal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State 1 2 3 4 5 MoreNXP Semiconductors
74LVC377Octal D-type flip-flop with data enable; positive-edge trigger 1 2 3 4 5 MoreNXP Semiconductors
CD74HC377High Speed CMOS Logic Octal D-Type Flip-Flop with Data Enable 1 2 3 4 5 MoreTexas Instruments
CD54HC377High-Speed CMOS Logic Octal D-Type Flip-Flop With Data Enable 1 2 3 4 5 MoreTexas Instruments
74ALVC374Octal D-type flip-flop positive edge-trigger 1 2 3 4 5 MoreNXP Semiconductors
SN74ALVCH374OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl