Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTN78060WAZT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PTN78060WAZT
Description  3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTN78060WAZT Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTN78060WAZT Datasheet HTML 6Page - Texas Instruments PTN78060WAZT Datasheet HTML 7Page - Texas Instruments PTN78060WAZT Datasheet HTML 8Page - Texas Instruments PTN78060WAZT Datasheet HTML 9Page - Texas Instruments PTN78060WAZT Datasheet HTML 10Page - Texas Instruments PTN78060WAZT Datasheet HTML 11Page - Texas Instruments PTN78060WAZT Datasheet HTML 12Page - Texas Instruments PTN78060WAZT Datasheet HTML 13Page - Texas Instruments PTN78060WAZT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.ti.com
APPLICATION INFORMATION
Adjusting the Output Voltage of the PTN78060 Wide-Output Adjust Power Modules
General
R
= 54.9 k
SET
W ´
1.25 V
V
- V
O
min
- R
P
(1)
Input Voltage Considerations
PTN78060W, PTN78060H
SLTS229A – NOVEMBER 2004 – REVISED APRIL 2005
A resistor must be connected between the VO Adjust control (pin 4) and GND (pin 1) to set the output voltage.
The adjustment range is from 2.5 V to 12.6 V for PTN78060W. The adjustment range is from 11.85 V to 22 V for
PTN78060H. If pin 4 is left open, the output voltage defaults to the lowest value.
Table 2 gives the standard resistor value for a number of common voltages, and with the actual output voltage
that the value produces. For other output voltages, the resistor value can either be calculated using Equation 1
and the constants for the applicable product in Table 1. Alternatilvey, RSET can be simply selected from the range
of values given in Table 3 and Table 4. Figure 27 shows the placement of the required resistor.
Table 1. RSET Formula Constants
PRODUCT
VMIN
RP
PTN780x0W
2.5 V
6.49 k
PTN780x0H
11.824 V
6.65 k
The PTN78060 is a step-down switching regulator. In order that the output remains in regulation, the input
voltage must exceed the output by a minimum differential voltage.
Another consideration is the pulse width modulation (PWM) range of the regulator's internal control circuit. For
stable operation, its operating duty cycle should not be lower than some minimum percentage. This defines the
maximum advisable ratio between the regulator input and output voltage magnitudes.
For satisfactory performance, the operating input voltage range of the PTN78060x must adhere to the following
requirements.
1. For PTN78060W output voltages lower than 10 V, the minimum input voltage is (VO+ 2 V ) or 7 V, whichever
is higher.
2. For PTN78060W output voltages equal to 10 V and higher, the minimum input voltage is (VO+ 2.5 V ).
3. The maximum input voltage for PTN78060W is (10
× V
O ) or 36 V, whichever is less.
4. For PTN78060H output voltages lower than 19 V, the minimum input voltage is (VO + 3 V) or 15 V, whichever
is higher.
5. For PTN78060H output voltages equal to 19 V and higher, the minimum input voltage is (VO+ 4 V ) .
As an example, Table 2 gives the operating input voltage range for the common output bus voltages. In addition,
the Electrical Characteristics table defines the available output voltage adjust range for various input voltages.
Table 2. Standard Values of Rset for Common Output Voltages
VO
RSET
VO
Operating
PRODUCT
(Required)
(Standard Value)
(Actual)
VI Range
2.5 V
Open
2.5 V
7 V to 25 V
3.3 V
78.7 k
3.306 V
7 V to 33 V
PTN780x0W
5 V
21 k
4.996 V
7 V to 36 V
12 V
732
12.002 V
14.5 V to 36 V
12 V
383 k
12.000 V
15 V to 36 V
15 V
15 k
14.994 V
18 V to 36 V
PTN780x0H
18 V
4.42 k
18.023 V
21 V to 36 V
22 V
95.3
21.998 V
26 V to 36 V
10


Similar Part No. - PTN78060WAZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78060WAZT TI-PTN78060WAZT Datasheet
746Kb / 26P
[Old version datasheet]   3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
More results

Similar Description - PTN78060WAZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78060W TI-PTN78060W_09 Datasheet
746Kb / 26P
[Old version datasheet]   3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI-PTH08080W Datasheet
700Kb / 16P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W Datasheet
1Mb / 25P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78000W TI-PTN78000W Datasheet
456Kb / 20P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_08 Datasheet
711Kb / 26P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI-PTH08080W_15 Datasheet
475Kb / 18P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_15 Datasheet
432Kb / 27P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08000W TI-PTH08000W Datasheet
1Mb / 20P
[Old version datasheet]   2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI1-PTH08080W_14 Datasheet
511Kb / 19P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78000W TI-PTN78000W_08 Datasheet
676Kb / 25P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com