Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0811-1X1T-02 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0811-1X1T-02
Description  INTEGRATED CONNECTOR MODULES 10/100Base-TX belMag?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0811-1X1T-02 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0811-1X1T-02 Datasheet HTML 1Page - Bel Fuse Inc. 0811-1X1T-02 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2000 Bel Fuse Inc.
Specifications subject to change without notice. 08.01
page 1
BM00803
10/100Base-TX belMag™
INTEGRATED CONNECTOR MODULES
ELECTRICAL SPECIFICATIONS AT 25° C
SCHEMATIC
0811-1X1T-01
0811-1X1T-02
0811-1X1T-03
Included in 0811-1X1T-01 only.
r
e
b
m
u
N
t
r
a
P
n
o
i
t
r
e
s
n
I
s
s
o
L
x
a
m
B
d
s
s
o
L
n
r
u
t
e
R
n
i
m
B
d
o
t
n
o
m
m
o
C
l
a
i
t
n
e
r
e
f
f
i
D
e
d
o
M
n
o
i
t
c
e
j
e
R
n
i
m
B
d
o
t
n
o
m
m
o
C
n
o
m
m
o
C
e
d
o
M
n
o
i
t
c
e
j
e
R
n
i
m
B
d
k
l
a
t
s
s
o
r
C
n
i
m
B
d
o
t
z
H
M
1
z
H
M
0
0
1
o
t
z
H
M
1
z
H
M
0
3
o
t
z
H
M
0
3
z
H
M
0
6
o
t
z
H
M
0
6
z
H
M
0
8
z
H
M
0
0
1
o
t
z
H
k
0
0
1
z
H
M
1
z
H
M
0
3
z
H
M
0
6
z
H
M
0
0
1
1
0
-
T
1
X
1
-
1
1
8
00
.
1
-8
1
-
g
o
l
0
2
-
8
1
)
z
H
M
0
3
/
f
(
2
1
-0
40
35
6
-5
4
-7
3
-5
3
-
2
0
-
T
1
X
1
-
1
1
8
00
.
1
-8
1
-
g
o
l
0
2
-
8
1
)
z
H
M
0
3
/
f
(
2
1
-0
40
35
6
-5
4
-7
3
-5
3
-
3
0
-
T
1
X
1
-
1
1
8
00
.
1
-8
1
-
g
o
l
0
2
-
8
1
)
z
H
M
0
3
/
f
(
2
1
-0
40
35
6
-5
4
-7
3
-5
3
-
PIN
1
2
3
4
5
6
RCT
RD-
RD+
TD-
TD+
TCT
RJ-45
1 TX+
TX-
2
3 RX+
4
5
6
7
8
RX-
68pF 2kV
Shield
1CT : 1
1CT : 1
Pin
1
2
3
4
5
6
RCT
RD-
RD+
TD-
TD+
TCT
RJ-45
1 TX+
TX-
2
3 RX+
4
5
6
7
8
RX-
Shield
1CT : 1
1CT : 1
75
x 4
1000pF
2kV
Single port shielded RJ-45 connector with integrated
10/100 magnetics
Compatible with a variety of 10/100 transceiver ICs
Operating temperature 0° to +70° C
Storage temperature -40° to +85° C
Complies with IEEE standards and all 10/100 Ethernet
specifications including 350µH with 8mA DC bias
Integrated design conserves valuable board space
Minimum interwinding breakdown voltage of 1500 Vrms
Adaptable, modular design provides higher reliability
Reduced pin count for improved crosstalk and optimum
PCB trace routing


Similar Part No. - 0811-1X1T-02

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0811-1X1T-06 BEL-0811-1X1T-06 Datasheet
120Kb / 3P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX Single Port MagJack
More results

Similar Description - 0811-1X1T-02

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0811-1XX1-01 BEL-0811-1XX1-01 Datasheet
133Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belMag
0810-1XX1-01 BEL-0810-1XX1-01 Datasheet
156Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belMag??with LEDs
0810-1X1T-01 BEL-0810-1X1T-01 Datasheet
156Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belMag??with LEDs
0810-1G1T-06 BEL-0810-1G1T-06 Datasheet
108Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX AutoMDIX belMag??with LEDs
BM0810-1X1T-06 BEL-BM0810-1X1T-06 Datasheet
49Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX AutoMDIX belMag??with LEDs
0817-1A1T-11 BEL-0817-1A1T-11 Datasheet
153Kb / 2P
   INTEGRATED CONNECTOR MODULES BM01805 10/100Base-TX belMag??with LEDs
0810-1X1T-36 BEL-0810-1X1T-36 Datasheet
103Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX Extended Temp belMag??with LEDs
0811-1X4T-03 BEL-0811-1X4T-03 Datasheet
182Kb / 4P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belStick
0811-2X6T-18 BEL-0811-2X6T-18 Datasheet
186Kb / 4P
   INTEGRATED CONNECTOR MODULES BM01814 10/100Base-TX belStack?
0811-1XX4-03 BEL-0811-1XX4-03 Datasheet
122Kb / 2P
   INTEGRATED CONNECTOR MODULES BM01819 10/100Base-TX belStick?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com