Electronic Components Datasheet Search |
|
NVFMCZ20DC24V5ANIL Datasheet(PDF) 1 Page - DB Lectro Inc |
|
NVFMCZ20DC24V5ANIL Datasheet(HTML) 1 Page - DB Lectro Inc |
1 / 2 page Features Switching capacity up to 25A. PC board mounting and insert mounting available. Suitable for automation system and automobile auxiliary etc. Ordering Information NVFM C Z 20 DC12V 1.5 b D 1 2 3 4 5 6 7 8 1 Part number:NVFM 2 Contact arrangement:A:1A (1.2W);C:1C(1.5W) 3 Enclosure:S: Sealed type;Z: Dust cover; 4 Contact Current:25:25A/14VDC;20:20A/14VDC 5 Coil rated Voltage(V):DC:6,12,24,48 6 Coil power consumption:1.2:1.2W;1.5:1.5W 7 Terminals b: PCB type;a: plug in type 8 Coil transient suppression: D: with diode; R: with resistant;. NIL: standard Contact Data Contact Arrangement 1A SPSTNO f1C SPDT(B-M) Contact Material Ag SnO 2 , AgNi Ag CdO Contact Rating (resistive) 1A 25A/14VDC 1C 20A/14VDC Max. Switching Power 350W Max. Switching Voltage 75VDC Max. Switching Current:25A Contact Resistance or Voltage drop 50m Item 3.12 of IEC255-7 Electrical 10 5 Item 3.30 of IEC255-7 Operation life Mechanical 10 7 Item 3.31 of IEC255-7 Coil Parameter Coil voltage VDC Dash numbers Rated Max. Coil resistance ±10% Pickup voltage VDC(max) (70%of rated voltage ) release voltage VDC(min) (10% of rated voltage) Coil power consumption W Operate Time ms Release Time ms 006-1200 6 7.8 30 4.2 0.6 012-1200 12 15.6 120 8.4 1.2 024-1200 24 31.2 480 16.8 2.4 048-1200 48 62.4 1920 33.6 4.8 1.2 10 7 006-1500 6 7.8 24 4.2 0.6 012-1500 12 15.6 96 8.4 1.2 024-1500 24 31.2 384 16.8 2.4 048-1500 48 62.4 1536 33.6 4.8 1.5 10 7 CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.Pickup and release voltage are for test purposes only and are not to be used as design criteria. 143 NVFM 23 ×15.5×26 www.dblectro.com |
Similar Part No. - NVFMCZ20DC24V5ANIL |
|
Similar Description - NVFMCZ20DC24V5ANIL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |