Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28C64X-20PC Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT28C64X-20PC
Description  64K (8K x 8) CMOS E2PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C64X-20PC Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT28C64X-20PC Datasheet HTML 3Page - ATMEL Corporation AT28C64X-20PC Datasheet HTML 4Page - ATMEL Corporation AT28C64X-20PC Datasheet HTML 5Page - ATMEL Corporation AT28C64X-20PC Datasheet HTML 6Page - ATMEL Corporation AT28C64X-20PC Datasheet HTML 7Page - ATMEL Corporation AT28C64X-20PC Datasheet HTML 8Page - ATMEL Corporation AT28C64X-20PC Datasheet HTML 9Page - ATMEL Corporation AT28C64X-20PC Datasheet HTML 10Page - ATMEL Corporation AT28C64X-20PC Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
150
30
0.1
AT28C64X-15JC
32J
Commercial
AT28C64X-15PC
28P6
(0
°C to 70°C)
AT28C64X-15SC
28S
AT28C64X-15TC
28T
45
0.1
AT28C64X-15JI
32J
Industrial
AT28C64X-15PI
28P6
(-40
°C to 85°C)
AT28C64X-15SI
28S
AT28C64X-15TI
28T
200
30
0.1
AT28C64X-20JC
32J
Commercial
AT28C64X-20PC
28P6
(0
°C to 70°C)
AT28C64X-20SC
28S
AT28C64X-20TC
28T
45
0.1
AT28C64X-20JI
32J
Industrial
AT28C64X-20PI
28P6
(-40
°C to 85°C)
AT28C64X-20SI
28S
AT28C64X-20TI
28T
250
30
0.1
AT28C64X-25JC
32J
Commercial
AT28C64X-25PC
28P6
(0
°C to 70°C)
AT28C64X-25SC
28S
AT28C64X-25TC
28T
45
0.1
AT28C64X-25JI
32J
Industrial
AT28C64X-25PI
28P6
(-40
°C to 85°C)
AT28C64X-25SI
28S
AT28C64X-25TI
28T
Ordering Information
The following table lists standard Atmel products that can be ordered.
Device Numbers
Speed
Package and Temperature Combinations
AT28C64 X
12
JC, JI, PC, PI, SC, SI, TC, TI
AT28C64 X
15
JC, JI, PC, PI, SC, SI, TC, TI
AT28C64 X
20
JC, JI, PC, PI, SC, SI, TC, TI
AT28C64 X
25
JC, JI, PC, PI, SC, SI, TC, TI
Valid Part Numbers
Package Type
32J
32 Lead, Plastic J-Leaded Chip Carrier (PLCC)
28P6
28 Lead, 0.600" Wide Plastic Dual Inline Package (PDIP)
28S
28 Lead, 0.300" Wide, Plastic Gull Wing Small Outline (SOIC)
28T
28 Lead, Plastic Thin Small Outline Package (TSOP)
AT28C64/X
2-203


Similar Part No. - AT28C64X-20PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C64X ATMEL-AT28C64X_14 Datasheet
324Kb / 12P
   Fast Read Access Time
More results

Similar Description - AT28C64X-20PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64 Datasheet
410Kb / 8P
   64K 8K x 8 Battery-Voltage CMOS E2PROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
28C64A MICROCHIP-28C64A Datasheet
67Kb / 8P
   64K (8K x 8) CMOS EEPROM
1996
28C64A MICROCHIP-28C64A_04 Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
logo
Sharp Corporation
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com