Electronic Components Datasheet Search |
|
NT90THLAOAC24VSB0.9 Datasheet(PDF) 2 Page - DB Lectro Inc |
|
NT90THLAOAC24VSB0.9 Datasheet(HTML) 2 Page - DB Lectro Inc |
2 / 4 page Coil Parameter DC Coil Parameter RATED VOLTAGE VDC DASH NUMBERS RATED Max COIL RESISTANCE ±10% PICK UP VOLTAGE VDC(max) (75%of rated voltage) RELEASE VOLTAGE VDC(min) (10%of rated voltage) COIL POWER W Operate Time ms Release Time Ms 003-900 3 3.9 10 2.25 0.3 005-900 5 6.5 28 3.75 0.5 006-900 6 7.8 40 4.50 0.6 009-900 9 11.7 90 6.75 0.9 012-900 12 15.6 160 9.00 1.2 015-900 15 19.5 250 10.25 1.5 018-900 18 23.4 360 13.50 1.8 024-900 24 31.2 640 18.00 2.4 048-900 48 62.4 2560 36.00 4.8 110-900 110 143 13445 82.50 11.0 0.9 15 10 003-600 3 3.9 15 2.25 0.3 005-600 5 6.5 42 3.75 0.5 006-600 6 7.8 60 4.50 0.6 009-600 9 11.7 135 6.75 0.9 012-600 12 15.6 240 9.00 1.2 015-600 15 19.5 375 10.25 1.5 018-600 18 23.4 540 13.50 1.8 024-600 24 31.2 960 18.00 2.4 048-600 48 62.4 3840 36.00 4.8 110-600 110 143 20167 82.50 11.0 0.6 15 10 CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.Pickup and release voltage are for test purposes only and are not to be used as design criteria. Qualification inspection: Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24. Operation condition Insulation Resistance 1000M min (at 500VDC) Item 7 of IEC255-5 Dielectric Strength Between contacts Between contact and coil 50Hz 1500V 50Hz 2500V Item 6 of IEC255-5 Item 6 of IEC255-5 Shock resistance 200m/s 2 11ms IEC68-2-27 Test Ea Vibration resistance 10~55Hz double amplitude 1.5mm IEC68-2-6 Test Fc Terminals strength 10N IEC68-2-21 Test Ua1 Solderability 235 x2 3 x0.5s IEC68-2-20 Test Ta method 1 Ambient Temperature -55~100 -55~125 Relative Humidity 85% (at 40 ) IEC68-2-3 Test Ca Mass 31g Low profile type . 35g 107 www.dblectro.com |
Similar Part No. - NT90THLAOAC24VSB0.9 |
|
Similar Description - NT90THLAOAC24VSB0.9 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |