Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2287CUP Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2287CUP
Description  Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2287CUP Datasheet(HTML) 2 Page - Linear Technology

  LTC2287CUP Datasheet HTML 1Page - Linear Technology LTC2287CUP Datasheet HTML 2Page - Linear Technology LTC2287CUP Datasheet HTML 3Page - Linear Technology LTC2287CUP Datasheet HTML 4Page - Linear Technology LTC2287CUP Datasheet HTML 5Page - Linear Technology LTC2287CUP Datasheet HTML 6Page - Linear Technology LTC2287CUP Datasheet HTML 7Page - Linear Technology LTC2287CUP Datasheet HTML 8Page - Linear Technology LTC2287CUP Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC2288/LTC2287/LTC2286
2
228876f
TOP VIEW
UP PACKAGE
64-LEAD (9mm
× 9mm) PLASTIC QFN
TJMAX = 125°C, θJA = 20°C/W
EXPOSED PAD (PIN 65) IS GND AND MUST BE SOLDERED TO PCB
AINA
+ 1
AINA
2
REFHA 3
REFHA 4
REFLA 5
REFLA 6
VDD 7
CLKA 8
CLKB 9
VDD 10
REFLB 11
REFLB 12
REFHB 13
REFHB 14
AINB
15
AINB
+ 16
48 DA3
47 DA2
46 DA1
45 DA0
44 NC
43 NC
42 NC
41 NC
40 OFB
39 DB9
38 DB8
37 DB7
36 DB6
35 DB5
34 DB4
33 DB3
65
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
OVDD = VDD (Notes 1, 2)
Supply Voltage (VDD) ................................................. 4V
Digital Output Ground Voltage (OGND) ....... –0.3V to 1V
Analog Input Voltage (Note 3) ..... –0.3V to (VDD + 0.3V)
Digital Input Voltage .................... –0.3V to (VDD + 0.3V)
Digital Output Voltage ................ –0.3V to (OVDD + 0.3V)
Power Dissipation ............................................ 1500mW
Operating Temperature Range
LTC2288C, LTC2287C, LTC2286C ........... 0°C to 70°C
LTC2288I, LTC2287I, LTC2286I ..........–40°C to 85°C
Storage Temperature Range ..................–65°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300°C
ORDER PART
NUMBER
QFN PART*
MARKING
LTC2288UP
LTC2287UP
LTC2286UP
LTC2288CUP
LTC2288IUP
LTC2287CUP
LTC2287IUP
LTC2286CUP
LTC2286IUP
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grade is identified by a label on the shipping container.
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
LTC2288
LTC2287
LTC2286
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Resolution
10
10
10
Bits
(No Missing Codes)
Integral Linearity Error Differential Analog Input (Note 5)
–0.6
±0.1
0.6
–0.6
±0.1
0.6
–0.6
±0.1
0.6
LSB
Differential
Differential Analog Input
–0.5
±0.05
0.5
–0.5
±0.05
0.5
–0.5
±0.05
0.5
LSB
Linearity Error
Offset Error
(Note 6)
–12
±212
–12
±212
–12
±212
mV
Gain Error
External Reference
–2.5
±0.5
2.5
–2.5
±0.5
2.5
–2.5
±0.5
2.5
%FS
Offset Drift
±10
±10
±10
µV/°C
Full-Scale Drift
Internal Reference
±30
±30
±30
ppm/°C
External Reference
±15
±15
±15
ppm/°C
Gain Matching
External Reference
±0.3
±0.3
±0.3
%FS
Offset Matching
±2
±2
±2mV
Transition Noise
SENSE = 1V
0.07
0.07
0.07
LSBRMS
CO VERTER CHARACTERISTICS


Similar Part No. - LTC2287CUP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2287 LINER-LTC2287_15 Datasheet
964Kb / 28P
   Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
More results

Similar Description - LTC2287CUP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2287 LINER-LTC2287_15 Datasheet
964Kb / 28P
   Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2236 LINER-LTC2236_15 Datasheet
703Kb / 28P
   10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2286 LINER-LTC2286_15 Datasheet
964Kb / 28P
   Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2288 LINER-LTC2288_15 Datasheet
964Kb / 28P
   Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2238 LINER-LTC2238_15 Datasheet
703Kb / 28P
   10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2238 LINER-LTC2238 Datasheet
697Kb / 28P
   10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2237 LINER-LTC2237_15 Datasheet
703Kb / 28P
   10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2298 LINER-LTC2298 Datasheet
704Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2297 LINER-LTC2297_15 Datasheet
791Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2293 LINER-LTC2293 Datasheet
1,021Kb / 28P
   Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com