Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC3-XX05SR Datasheet(PDF) 1 Page - Recom International Power

Part # REC3-XX05SR
Description  ECONOLINE - DC/DC-Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC3-XX05SR Datasheet(HTML) 1 Page - Recom International Power

  REC3-XX05SR Datasheet HTML 1Page - Recom International Power REC3-XX05SR Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.recom-international.com
EC 71
August 2002
Selection Guide
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
6.0
4.5
1,5
3.0
100
50
0
-25
71
125
150
Operating Temperature ˚C
Safe Operating Area
0
ECONOLINE - DC/DC-Converter
REC3-SR und DR Series, 3 Watt, DIP24, Regulated (Single & Dual Output)
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
DIP24
(VDC)
(VDC)
(mA)
(%)
REC3-XX05SR
5, 12, 24
5
600
52
REC3-XX12SR
5, 12, 24
12
250
55
REC3-XX15SR
5, 12, 24
15
200
62
REC3-XX24SR
5, 12, 24
24
125
62
REC3-XX05DR
5, 12, 24
±5
±300
52
REC3-XX12DR
5, 12, 24
±12
±125
55
REC3-XX15DR
5, 12, 24
±15
±100
62
REC3-XX24DR
5, 12, 24
±24
±63
62
Input Voltage
±10%
Output Accuracy
±5%
Line Voltage Regulation
±0.5%
Output Power
3Watt max.
Load Voltage Regulation
±0.5%
Ripple and Noise (20MHz limited)
100mVp-p max.
Efficiency at Full Load
50% min.
Isolation Voltage
500VDC min.
Isolation Resistance (Viso = 500VDC)
10 GΩ min.
Isolation Capacitance
50pF min./2nF max.
Short Circuit Protection
Continuous
Switching Frequency at Full Load
31kHz min. / 85kHz max.
Operating Temperature
-25°C to +71°C (see Graph)
Storage Temperature
-55°C to +125°C
Package Weight
Single
12.2g
Dual
12.3g
500VDC Isolation
Cost Effective
UL94V-0 Package Material
Up to 3W Regulated Output Power
Dual In-Line Package
100% Burned In
Features


Similar Part No. - REC3-XX05SR

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC3-xx05SRW/H RECOM-REC3-xx05SRW/H Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-xx05SRWZ/H RECOM-REC3-xx05SRWZ/H Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
More results

Similar Description - REC3-XX05SR

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-XX1.8S RECOM-RB-XX1.8S Datasheet
105Kb / 2P
   ECONOLINE - DC/DC-Converter
RAA RECOM-RAA Datasheet
93Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05SR RECOM-REC22-05SR Datasheet
91Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-33DUI RECOM-REC22-33DUI Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC8-05SRWL RECOM-REC8-05SRWL Datasheet
78Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RX-05D RECOM-RX-05D Datasheet
104Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RB-1.81.8S RECOM-RB-1.81.8S Datasheet
115Kb / 4P
   ECONOLINE - DC/DC - CONVERTER
RD-0505D RECOM-RD-0505D Datasheet
106Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.81.81.8 RECOM-RT-1.81.81.8 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC15 RECOM-REC15 Datasheet
89Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05DRI RECOM-REC22-05DRI Datasheet
80Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com