Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32174F4VFP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M32174F4VFP
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M32174F4VFP Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M32174F4VFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M32174F4VFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M32174F4VFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M32174F4VFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M32174F4VFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M32174F4VFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M32174F4VFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M32174F4VFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M32174F4VFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
Mitsubishi Microcomputers
5
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
2001-5-14 Rev.1.0
32170 Group, 32174 Group
Table 3 Outline Performance (1/2)
Functional Block
Features
M32R CPU core
M32R family CPU core, internally configured in 32 bits
Built-in multiplier-accumulator (32
× 16 + 56)
Basic bus cycle : 25 ns (Internal CPU clock frequency at 40 MHz, Internal peripheral
clock frequency at 20 MHz)
Logical address space : 4G bytes, linear
General-purpose register : 32-bit register
× 16, Control register: 32-bit register × 5
accumulator : 56 bits
External data bus
16 bits data bus
Instruction set
16-bit/32-bit instruction formats
83 instructions/ 9 addressing modes
Internal flash memory
M32170F6 : 768K bytes
M32170F4, M32174F4 : 512K bytes
M32170F3, M32174F3 : 384K bytes
Rewrite durability : 100 times
Internal RAM
M32170F6, M32174F4, M32174F3 : 40K bytes
M32170F4, M32170F3 : 32K bytes
DMAC
10 channels (DMA transfers between internal peripheral I/Os, between internal peripheral
I/O and internal RAM, and between internal RAMs)
Channels can be cascaded and can operate in combination with internal peripheral I/O
Multijunction timer
64 channels of multijunction timers.
• 16-bit output-related timers
× 35 channels (single-shot, delayed single-shot, PWM, single-shot PWM)
• 16-bit input/output-related timers
× 10 channels (event count mode, single-shot, PWM, measurement)
• 16-bit input-related timers
× 11 channels (measurement, event count mode, multiply-by-4 count 3 channels)
• 32-bit input-related timers
× 8 channels (measurement)
Flexible timer configuration is possible through interconnection of channels using the event bus.
A-D converter
2 independent 10-bit multifunction A-D converters
• Input 16 channels
× 2
• Scan-based conversion can be switched with 4, 8, and 16
• Capable of interrupt conversion during scan
• 8-bit/10-bit readout function available
Serial I/O
6 channels (The serial I/Os can be set for synchronous serial I/O or UART.
SIO2,3 are UART mode only)
Real-time debugger (RTD)
1-channels dedicated clock-synchronized serial
The entire internal RAM can be read or rewritten from the outside without CPU intervention.
Interrupt controller
Controls interrupts from internal peripheral I/Os
(Priority can be set to one of 8 levels including interrupt disabled)
Wait controller
Controls wait when accessing external extended area
(1 to 4 wait cycles inserted + prolonged by external WAIT signal input)
CAN
16-channels message slots
JTAG
Boundary-Scan function


Similar Part No. - M32174F4VFP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M3217 ETC2-M3217 Datasheet
293Kb / 2P
   Straight-Thru, PG Hubs with Integral Sealing Ring
logo
Heyco.
M3217 HEYCO-M3217 Datasheet
268Kb / 1P
   Tite Liquid Tight Cordgrips
logo
Renesas Technology Corp
M32170T-PTC RENESAS-M32170T-PTC Datasheet
165Kb / 1P
   Converter for In-circuit Connection (for 32170, 32174 Group)
logo
Mitsubishi Electric Sem...
M32171F2VFP MITSUBISHI-M32171F2VFP Datasheet
375Kb / 37P
   SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER??????
logo
Renesas Technology Corp
M32171F2VFP RENESAS-M32171F2VFP Datasheet
3Mb / 772P
   32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
More results

Similar Description - M32174F4VFP

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C33401 EPSON-S1C33401 Datasheet
219Kb / 12P
   CMOS 32-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32000D3FP MITSUBISHI-M32000D3FP Datasheet
565Kb / 45P
   SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER???
M32171F4VFP MITSUBISHI-M32171F4VFP Datasheet
375Kb / 37P
   SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER??????
M32000D4 MITSUBISHI-M32000D4 Datasheet
535Kb / 45P
   SINGLE CHIP 32 BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXR702080 SONY-CXR702080 Datasheet
302Kb / 32P
   CMOS 32-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32000D4BFP-80 MITSUBISHI-M32000D4BFP-80 Datasheet
448Kb / 44P
   SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER????
logo
Sony Corporation
CXR702F080 SONY-CXR702F080 Datasheet
298Kb / 32P
   CMOS 32-bit Single Chip Microcomputer
CXR704060 SONY-CXR704060 Datasheet
426Kb / 45P
   CMOS 32-bit Single Chip Microcomputer
logo
Renesas Technology Corp
32C80 RENESAS-32C80 Datasheet
542Kb / 60P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C84 RENESAS-32C84 Datasheet
760Kb / 89P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com