Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32174F3VFP Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # M32174F3VFP
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M32174F3VFP Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button M32174F3VFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M32174F3VFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M32174F3VFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M32174F3VFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M32174F3VFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M32174F3VFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M32174F3VFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M32174F3VFP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M32174F3VFP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Mitsubishi Microcomputers
10
2001-5-14 Rev.1.0
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
32170 Group, 32174 Group
Table 5 Description of Pin Function (1/5 )
Type
Pin Name
Description
Input/Output
Function
Power
VCCE
Power supply
Supplies power (5 V or 3.3V) to external I/O ports.
supply
VCCI
Power supply
Supplies power (3.3 V) to the internal logic.
VDD
RAM power supply
nternal RAM backup power supply (3.3 V).
FVCC
Flash power supply —
Internal flash memory backup power supply (3.3 V).
VSS
Ground
Connect all VSS pins to ground (GND).
Clock
XIN,
Clock
Input
Clock input/output pins. These pins contain a PLL-based
XOUT
Output
frequency multiply-by-4, so input the clock whose frequency is quarter
the operating frequency. (XIN input = 10 MHz when CPU clock operates
at 40 MHz)
BCLK /
System clock
Output
When this signal is System Clock(BCLK), it outputs a clock whose is twice that of
______
WR
external inpout clock. (BCLK output = 20 MHz when CPU clock operates at 40
MHz). Use this clock when circuits are synchronized externally.
______
When this signal is Write(WR),during external write access it indicates the valid
data on the data bus to transfer.
OSC-VCC
Power supply
Power supply to the PLL circuit. Connect OSC-VCC to the power supply(3.3V)
OSC-VSS
Ground
Connect OSC-VSS to ground.
VCNT
PLL control
Input
This pin controls the PLL circuit. Connect a resistor and capacitor to this pin.
Reset
______
RESET
Reset
Input
This pin resets the internal circuits.
Mode
MOD0
Mode
Input
These pins set an operation mode.
MOD1
MOD0
MOD1
Mode
0
0
Single-chip mode
0
1
Expanded external mode
1
0
Processor mode
0
0
(Boot mode) (Note)
1
1
(Reserved)
Address
A11-A30
Address
Output
20 lines of address bus (A11-A30) are provided to accommodate two
bus
bus
channels of 2 MB memory space (max.) connected external to the chip.
A31 is not output.
In the write cycle, of the 16-bit data bus the valid byte positions to write are
_________ ________
________ _______
output as BHW/ BHE and BLW/ BLE. In read cycle, data on the entire 16-bit
data bus is read. However, only the data at the valid byte positions are
transferred to the M32R’s internal circuit.
Data bus
DB0-DB15
Data bus
Input/output
This 16-bit data bus connects to external device.
Note: FP pin should be “H” level in Boot Mode.


Similar Part No. - M32174F3VFP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M3217 ETC2-M3217 Datasheet
293Kb / 2P
   Straight-Thru, PG Hubs with Integral Sealing Ring
logo
Heyco.
M3217 HEYCO-M3217 Datasheet
268Kb / 1P
   Tite Liquid Tight Cordgrips
logo
Renesas Technology Corp
M32170T-PTC RENESAS-M32170T-PTC Datasheet
165Kb / 1P
   Converter for In-circuit Connection (for 32170, 32174 Group)
logo
Mitsubishi Electric Sem...
M32171F2VFP MITSUBISHI-M32171F2VFP Datasheet
375Kb / 37P
   SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER??????
logo
Renesas Technology Corp
M32171F2VFP RENESAS-M32171F2VFP Datasheet
3Mb / 772P
   32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
More results

Similar Description - M32174F3VFP

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C33401 EPSON-S1C33401 Datasheet
219Kb / 12P
   CMOS 32-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32000D3FP MITSUBISHI-M32000D3FP Datasheet
565Kb / 45P
   SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER???
M32171F4VFP MITSUBISHI-M32171F4VFP Datasheet
375Kb / 37P
   SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER??????
M32000D4 MITSUBISHI-M32000D4 Datasheet
535Kb / 45P
   SINGLE CHIP 32 BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXR702080 SONY-CXR702080 Datasheet
302Kb / 32P
   CMOS 32-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32000D4BFP-80 MITSUBISHI-M32000D4BFP-80 Datasheet
448Kb / 44P
   SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER????
logo
Sony Corporation
CXR702F080 SONY-CXR702F080 Datasheet
298Kb / 32P
   CMOS 32-bit Single Chip Microcomputer
CXR704060 SONY-CXR704060 Datasheet
426Kb / 45P
   CMOS 32-bit Single Chip Microcomputer
logo
Renesas Technology Corp
32C80 RENESAS-32C80 Datasheet
542Kb / 60P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C84 RENESAS-32C84 Datasheet
760Kb / 89P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com