Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2S28D20ATP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M2S28D20ATP
Description  128M Double Data Rate Synchronous DRAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M2S28D20ATP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M2S28D20ATP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M2S28D20ATP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M2S28D20ATP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M2S28D20ATP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M2S28D20ATP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M2S28D20ATP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M2S28D20ATP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M2S28D20ATP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M2S28D20ATP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
MITSUBISHI ELECTRIC
Jun,'00
Preliminary
MITSUBISHI LSIs
DDR SDRAM (Rev.0.1)
M2S28D20/ 30/ 40ATP
128M Double Data Rate Synchronous DRAM
PRELIMINARY
Some of contents are subject to change without notice.
DESCRIPTION
M2S28D20ATP is a 4-bank x 8388608-word x 4-bit,
M2S28D30ATP is a 4-bank x 4194304-word x 8-bit,
M2S28D40ATP is a 4-bank x 2097152-word x 16-bit,
double data rate synchronous DRAM, with SSTL_2 interface. All control and address signals are
referenced to the rising edge of CLK. Input data is registered on both edges of data strobe, and output
data and data strobe are referenced on both edges of CLK. The M2S28D20/30/40ATP achieves very
high speed data rate up to 133MHz, and are suitable for main memory in computer systems.
FEATURES
- Vdd=Vddq=2.5V+0.2V
- Double data rate architecture;
two data transfers per clock cycle
- Bidirectional, data strobe (DQS) is transmitted/received with data
- Differential clock inputs (CLK and /CLK)
- DLL aligns DQ and DQS transitions
with CLK transitions edges of DQS
- Commands entered on each positive CLK edge;
- data and data mask referenced to both edges of DQS
- 4 bank operation controlled by BA0, BA1 (Bank Address)
- /CAS latency- 2.0/2.5 (programmable)
- Burst length- 2/4/8 (programmable)
- Burst type- sequential / interleave (programmable)
- Auto precharge / All bank precharge controlled by A10
- 4096 refresh cycles /64ms (4 banks concurrent refresh)
- Auto refresh and Self refresh
- Row address A0-11 / Column address A0-9,11(x4)/ A0-9(x8)/ A0-8(x16)
- SSTL_2 Interface
- 400-mil, 66-pin Thin Small Outline Package (TSOP II)
- FET switch control(/QFC) for x4/ x8
- JEDEC standard


Similar Part No. - M2S28D20ATP

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2S MSYSTEM-M2S Datasheet
99Kb / 3P
   Super-mini Signal Conditioners Mini-M Series
logo
Microsemi Corporation
M2S005 MICROSEMI-M2S005 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
M2S005-1FG144Y MICROSEMI-M2S005-1FG144Y Datasheet
7Mb / 156P
   SmartFusion2 System-on-Chip FPGAs
M2S005-1FG144YES MICROSEMI-M2S005-1FG144YES Datasheet
7Mb / 156P
   SmartFusion2 System-on-Chip FPGAs
M2S005-1FG144YI MICROSEMI-M2S005-1FG144YI Datasheet
7Mb / 156P
   SmartFusion2 System-on-Chip FPGAs
More results

Similar Description - M2S28D20ATP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M2S56D20 MITSUBISHI-M2S56D20 Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
M2S56D20TP MITSUBISHI-M2S56D20TP Datasheet
300Kb / 36P
   256M Double Data Rate Synchronous DRAM
M2S12D20 MITSUBISHI-M2S12D20 Datasheet
754Kb / 38P
   512M Double Data Rate Synchronous DRAM
logo
Elpida Memory
M2S56D20ATP ELPIDA-M2S56D20ATP Datasheet
644Kb / 41P
   256M Double Data Rate Synchronous DRAM
logo
Mitsubishi Electric Sem...
M2S56D20AKT MITSUBISHI-M2S56D20AKT Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
M2V28S20TP MITSUBISHI-M2V28S20TP Datasheet
711Kb / 52P
   128M Synchronous DRAM
M2V28S20ATP MITSUBISHI-M2V28S20ATP Datasheet
743Kb / 51P
   128M Synchronous DRAM
logo
Elpida Memory
M2V64S50ETP ELPIDA-M2V64S50ETP Datasheet
738Kb / 49P
   64M Single Data Rate Synchronous DRAM
logo
Samsung semiconductor
K4D64163HF SAMSUNG-K4D64163HF Datasheet
162Kb / 16P
   1M x 16Bit x 4 Banks Double Data Rate Synchronous DRAM
K4D261638E SAMSUNG-K4D261638E Datasheet
215Kb / 16P
   2M x 16Bit x 4 Banks Double Data Rate Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com