Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV4051DB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LV4051DB
Description  8-channel analog multiplexer/demultiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4051DB Datasheet(HTML) 2 Page - NXP Semiconductors

  74LV4051DB Datasheet HTML 1Page - NXP Semiconductors 74LV4051DB Datasheet HTML 2Page - NXP Semiconductors 74LV4051DB Datasheet HTML 3Page - NXP Semiconductors 74LV4051DB Datasheet HTML 4Page - NXP Semiconductors 74LV4051DB Datasheet HTML 5Page - NXP Semiconductors 74LV4051DB Datasheet HTML 6Page - NXP Semiconductors 74LV4051DB Datasheet HTML 7Page - NXP Semiconductors 74LV4051DB Datasheet HTML 8Page - NXP Semiconductors 74LV4051DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Philips Semiconductors
Product specification
74LV4051
8-channel analog multiplexer/demultiplexer
2
1998 Jun 23
853-1998 19618
FEATURES
Optimized for low voltage applications: 1.0 to 6.0 V
Accepts TTL input levels between V
CC = 2.7 V and VCC = 3.6 V
Low typ “ON” resistance:
60
W at Vcc – VEE = 4.5 V
90
W at Vcc – VEE = 3.0 V
145
W at Vcc – VEE = 2.0 V
Logic level translation: to enable 3 V logic to communicate with ± 3
V analog signals
Typical “break before make” built in
Output capability: non-standard
I
CC category: MSI
DESCRIPTION
The 74LV4051 is a low-voltage CMOS device and is pin and
function compatible with the 74HC/HCT4051.
The 74LV4051 is an 8-channel analog multiplexer/demultiplexer with
three digital select inputs (S0 to S2) an active LOW enable input (E),
eight independent inputs/outputs (Y0 to Y7) and a common
input/output (Z).
With E LOW, one of the eight switches is selected (low impedance
ON-state) by S0 to S2. With E HIGH, all switches are in the high
impedance OFF-state, independent of S0 to S2.
VCC and GND are the supply voltage pins for the digital control
inputs (S0 to S2, and E). The VCC to GND ranges are 1.0 to 6.0 V.
The analog inputs/outputs (Y0 to Y7 and Z) can swing between VCC
as a positive limit and VEE as a negative limit. VCC - VEE may not
exceed 6.0 V. For operation as a digital multiplexer/demultiplexer,
VEE is connected to GND (typically ground).
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25°C; tr =tf ≤ 2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPZH/tPZL
Turn “ON” time
E to VOS
Sn to VOS
CL = 15 pF
RL = 1KW
VCC = 3.3 V
23
22
ns
tPHZ/tPLZ
Turn “OFF” time
E to VOS
Sn to VOS
25
20
ns
CI
Input capacitance
3.5
CPD
Power dissipation capacitance per switch
See Notes 1 and 2
25
pF
CS
Maximum switch capacitance
independent (Y) common (Z)
5
25
F
NOTES:
1.
CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD × VCC2 × fi ) ((CL + CS) × VCC2 × fo) where:
fi = input frequency in MHz; CL = output load capacity in pF;
fo = output frequency in MHz; CS = maximum switch capacitance in pF;
VCC = supply voltage in V;
((CL +CS) × VCC2 × fo) = sum of the outputs.
2.
The condition is VI = GND to VCC.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
Code
16-Pin Plastic DIL
–40
°C to +125°C
74LV4051 N
74LV4051 N
SOT38-4
16-Pin Plastic SO
–40
°C to +125°C
74LV4051 D
74LV4051 D
SOT109-1
16-Pin Plastic SSOP Type II
–40
°C to +125°C
74LV4051 DB
74LV4051 DB
SOT338-1
16-Pin Plastic TSSOP Type I
–40
°C to +125°C
74LV4051 PW
74LV4051PW DH
SOT403-1
PIN CONFIGURATION
SV01702
14
13
12
11
10
9
8
7
6
5
4
3
2
1
15
16
GND
VCC
Y4
Y6
Z
Y7
Y5
E
VEE
Y2
Y1
Y0
Y3
S0
S1
S2
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
3
Z
Common input/output
6
E
Enable input (active LOW)
7
VEE
Negative supply voltage
8
GND
Ground (0 V)
11, 10, 9
S0 to S2
Select inputs
13, 14, 15, 12,
1, 5, 2, 4
Y0 to Y7
Independent inputs/outputs
16
VCC
Positive supply voltage


Similar Part No. - 74LV4051DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4051DB NXP-74LV4051DB Datasheet
161Kb / 26P
   8-channel analog multiplexer/demultiplexer
Rev. 04-10 August 2009
More results

Similar Description - 74LV4051DB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051 Datasheet
259Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051 Datasheet
241Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com