Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV4052D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LV4052D
Description  Dual 4-channel analog multiplexer/demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4052D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LV4052D Datasheet HTML 2Page - NXP Semiconductors 74LV4052D Datasheet HTML 3Page - NXP Semiconductors 74LV4052D Datasheet HTML 4Page - NXP Semiconductors 74LV4052D Datasheet HTML 5Page - NXP Semiconductors 74LV4052D Datasheet HTML 6Page - NXP Semiconductors 74LV4052D Datasheet HTML 7Page - NXP Semiconductors 74LV4052D Datasheet HTML 8Page - NXP Semiconductors 74LV4052D Datasheet HTML 9Page - NXP Semiconductors 74LV4052D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Philips Semiconductors
Product specification
74LV4052
Dual 4-channel analog multiplexer/demultiplexer
1998 Jun 23
6
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions, voltages are referenced to GND (ground = 0 V)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
VCC = 1.2 V
0.9
0.9
HIGH level Input
VCC = 2.0 V
1.4
1.4
VIH
HIGH level Input
voltage
VCC = 2.7 to 3.6 V
2.0
2.0
V
voltage
VCC = 4.5 V
3.15
3.15
VCC = 6.0 V
4.20
4.20
VCC = 1.2 V
0.3
0.3
LOW level Input
VCC = 2.0 V
0.6
0.6
VIL
LOW level Input
voltage
VCC = 2.7 to 3.6 V
0.8
0.8
V
voltage
VCC = 4.5 V
1.35
1.35
VCC = 6.0 V
1.80
1.80
±II
Input leakage
VCC = 3.6
VI =VCC or GND
1.0
1.0
µA
±II
g
current
VCC = 6.0
VI = VCC or GND
2.0
2.0
µA
±IS
Analog switch
OFF-state current
VCC = 3.6
VI = VIH or VIL
IV IV
GND
1.0
1.0
µA
±IS
OFF-state current
per channel
VCC = 6.0
IVSI = VCC - GND
(See Figure 2)
2.0
2.0
µA
±IS
Analog switch
VCC = 3.6
VI = VIH or VIL
IV IV
GND
1.0
1.0
µA
±IS
g
ON-state current
VCC = 6.0
IVSI = VCC - GND
(See Figure 3)
2.0
2.0
µA
ICC
Quiescent supply
VCC = 3.6 V
VI = VCC or GND;
V
GND
V
20.0
40
µA
ICC
y
current
VCC = 6.0 V
VIS = GND or VCC;
VOS = VCC or GND
40.0
80
µA
∆ICC
Additional
quiescent supply
current per input
VCC = 2.7 to 3.6 V
VI = VCC – 0.6 V
500
850
µA
VCC = 1.2 V
VI = VIH or VIL;
IS = 100 mA;
VIS = VCC to GND
ON-resistance
VCC = 2.0 V
145
325
375
RON
ON-resistance
(peak)
VCC = 2.7 V
VI = VIH or VIL;
90
200
235
W
()
VCC = 3.0 to 3.6 V
VI
VIH or VIL
IS = 1000 mA;
V
V
t GND
80
180
210
VCC = 4.5 V
VIS = VCC to GND
60
135
160
VCC = 6.0 V
55
125
145
VCC = 1.2 V
VI = VIH or VIL;
IS = 100 mA;
VIS = GND
225
ON-resistance
VCC = 2.0 V
110
235
270
RON
ON-resistance
(rail)
VCC = 2.7 V
VI = VIH or VIL;
70
145
165
W
()
VCC = 3.0 to 3.6 V
VI
VIH or VIL
IS = 1000 mA;
V
GND
60
130
150
VCC = 4.5 V
VIS = GND
45
100
115
VCC = 6.0 V
40
85
100
NOTES:
1. All typical values are measured at Tamb = 25°C.
2. At supply voltages approaching 1.2 V, the analog switch ON-resistance becomes extremely non-linear. Therefore, it is recommended that
these devices be used to transmit digital signals only, when using these supply voltages.
3. RON (MAX) data is preliminary.


Similar Part No. - 74LV4052D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV4052D NEXPERIA-74LV4052D Datasheet
307Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 6 - 24 September 2021
74LV4052D-Q100 NEXPERIA-74LV4052D-Q100 Datasheet
859Kb / 24P
   Dual 4-channel analog multiplexer/demultiplexer
More results

Similar Description - 74LV4052D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com