Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2V28S30ATP-6L Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M2V28S30ATP-6L
Description  128M Synchronous DRAM
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M2V28S30ATP-6L Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M2V28S30ATP-6L Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M2V28S30ATP-6L Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M2V28S30ATP-6L Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M2V28S30ATP-6L Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M2V28S30ATP-6L Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M2V28S30ATP-6L Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M2V28S30ATP-6L Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M2V28S30ATP-6L Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M2V28S30ATP-6L Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
M2V28S20ATP -6,-6L,-7,-7L,-8,-8L
M2V28S30ATP -6,-6L,-7,-7L,-8,-8L
M2V28S40ATP -6,-6L,-7,-7L,-8,-8L
Nov. '99
MITSUBISHI LSIs
SDRAM (Rev. 1.0E)
128M Synchronous DRAM
(4-BANK x 8,388,608-WORD x 4-BIT)
(4-BANK x 4,194,304-WORD x 8-BIT)
(4-BANK x 2,097,152-WORD x 16-BIT)
MITSUBISHI ELECTRIC
1
DESCRIPTION
M2V28S20ATP is organized as 4-bank x 8,388,608-word x 4-bit Synchronous DRAM with LVTTL
interface and M2V28S30ATP is organized as 4-bank x 4,194,304-word x 8-bit and M2V28S40ATP is organized
as 4-bank x 2,097,152-word x 16-bit. All inputs and outputs are referenced to the rising edge of CLK.
M2V28S20ATP,M2V28S30ATP,M2V28S40ATP achieves very high speed data rates up to 133MHz,
and is suitable for main memory or graphic memory in computer systems.
FEATURES
- Single 3.3V ±0.3V power supply
- Max. Clock frequency
-6:PC133<3-3-3> / -7:PC100<2-2-2> / -8:PC100<3-2-2>
- Fully synchronous operation referenced to clock rising edge
- 4-bank operation controlled by BA0,BA1(Bank Address)
- /CAS latency- 2/3 (programmable)
- Burst length- 1/2/4/8/FP (programmable)
- Burst type- Sequential and interleave burst (programmable)
- Byte Control- DQML and DQMU (M2V28S40ATP)
- Random column access
- Auto precharge / All bank precharge controlled by A10
- Auto and self refresh
- 4096 refresh cycles /64ms
- LVTTL Interface
- Package
M2V28S20ATP/30ATP/40ATP
400-mil, 54-pin Thin Small Outline (TSOP II) with 0.8mm lead pitch
PRELIMINARY
Some of contents are described for general products and are
subject to change without notice.
ITEM
tCLK
M2V28S20/30/40ATP
-7
-8
tRAS
tRCD
tAC
tRC
Icc1
Icc6
Clock Cycle Time
(Min.)
Active to Precharge Command Period
(Min.)
Row to Column Delay
(Min.)
Access Time from CLK
(Max.) (CL=3)
Ref/Active Command Period
(Min.)
Operation Current
(Max.)
(Single Bank)
Self Refresh Current
(Max.)
10ns
50ns
20ns
6ns
70ns
2mA
10ns
50ns
20ns
6ns
70ns
2mA
V28S20
V28S30
V28S40
-6
7.5ns
45ns
20ns
5.4ns
67.5ns
2mA
110mA
100mA
120mA
100mA
120mA
100mA
95mA
95mA
130mA


Similar Part No. - M2V28S30ATP-6L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M2V28S30TP-6 MITSUBISHI-M2V28S30TP-6 Datasheet
711Kb / 52P
   128M Synchronous DRAM
M2V28S30TP-7 MITSUBISHI-M2V28S30TP-7 Datasheet
711Kb / 52P
   128M Synchronous DRAM
M2V28S30TP-7L MITSUBISHI-M2V28S30TP-7L Datasheet
711Kb / 52P
   128M Synchronous DRAM
M2V28S30TP-8 MITSUBISHI-M2V28S30TP-8 Datasheet
711Kb / 52P
   128M Synchronous DRAM
M2V28S30TP-8L MITSUBISHI-M2V28S30TP-8L Datasheet
711Kb / 52P
   128M Synchronous DRAM
More results

Similar Description - M2V28S30ATP-6L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M2V28S20TP MITSUBISHI-M2V28S20TP Datasheet
711Kb / 52P
   128M Synchronous DRAM
M2S28D20ATP MITSUBISHI-M2S28D20ATP Datasheet
1Mb / 36P
   128M Double Data Rate Synchronous DRAM
logo
NEC
UPD45128441 NEC-UPD45128441 Datasheet
1Mb / 92P
   128M-bit Synchronous DRAM 4-bank, LVTTL
logo
Elpida Memory
UPD45128163-E ELPIDA-UPD45128163-E Datasheet
932Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL
UPD45128163-A75L ELPIDA-UPD45128163-A75L Datasheet
821Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL
logo
Etron Technology, Inc.
EM68C08CWAE-18IH ETRON-EM68C08CWAE-18IH Datasheet
487Kb / 58P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C128M8D2-25BIN ALSC-AS4C128M8D2-25BIN Datasheet
2Mb / 59P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
AS4C8M16SA-6BAN ALSC-AS4C8M16SA-6BAN Datasheet
1Mb / 55P
   128M ??(8M x 16 bit) Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM68C08CWAE-18H ETRON-EM68C08CWAE-18H Datasheet
512Kb / 63P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68C08CWAG-18H ETRON-EM68C08CWAG-18H Datasheet
1Mb / 63P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com