Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72334N2B6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST72334N2B6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72334N2B6 Datasheet(HTML) 5 Page - STMicroelectronics

  ST72334N2B6 Datasheet HTML 1Page - STMicroelectronics ST72334N2B6 Datasheet HTML 2Page - STMicroelectronics ST72334N2B6 Datasheet HTML 3Page - STMicroelectronics ST72334N2B6 Datasheet HTML 4Page - STMicroelectronics ST72334N2B6 Datasheet HTML 5Page - STMicroelectronics ST72334N2B6 Datasheet HTML 6Page - STMicroelectronics ST72334N2B6 Datasheet HTML 7Page - STMicroelectronics ST72334N2B6 Datasheet HTML 8Page - STMicroelectronics ST72334N2B6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 125 page
background image
Table of Contents
5/125
1 PREAMBLE: ST72C334 VERSUS ST72E331 SPECIFICATION
New Features available on the ST72C334
s
8 or 16K FLASH/ROM with In-Situ Programming and Read-out protection
s
New ADC with a better accuracy and conversion time
s
New configurable Clock, Reset and Supply system
s
New power saving mode with real time base: Active Halt
s
Beep capability on PF1
s
New interrupt source: Clock security system (CSS) or Main clock controller (MCC)
ST72C334 I/O Confuguration and Pinout
s
Same pinout as ST72E331
s
PA6 and PA7 are true open drain I/O ports without pull-up (same as ST72E331)
s
PA3, PB3, PB4 and PF2 have no pull-up configuration (all IOs present on TQFP44)
s
PA5:4, PC3:2, PE7:4 and PF7:6 have high sink capabilities (20mA on N-buffer, 2mA on P-buffer and
pull-up). On the ST72E331, all these pads (except PA5:4) were 2mA push-pull pad without high sink
capabilities. PA4 and PA5 were 20mA true open drain.
New Memory Locations in ST72C334
s
20h: MISCR register becomes MISCR1 register (naming change)
s
29h: new control/status register for the MCC module
s
2Bh: new control/status register for the Clock, Reset and Supply control. This register replaces the
WDGSR register keeping the WDOGF flag compatibility.
s
40h: new MISCR2 register
4


Similar Part No. - ST72334N2B6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72334N2TA/XXX STMICROELECTRONICS-ST72334N2TA/XXX Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
ST72334N2TB/XXX STMICROELECTRONICS-ST72334N2TB/XXX Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
ST72334N2TC/XXX STMICROELECTRONICS-ST72334N2TC/XXX Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
More results

Similar Description - ST72334N2B6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72334XX-AUTO STMICROELECTRONICS-ST72334XX-AUTO Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
ST72104G STMICROELECTRONICS-ST72104G Datasheet
1Mb / 140P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
ST72104G STMICROELECTRONICS-ST72104G Datasheet
909Kb / 135P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
February 2000 Rev. 2.2
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
August 2003 Rev. 1.7
ST72260GX STMICROELECTRONICS-ST72260GX Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72104GX-AUTO STMICROELECTRONICS-ST72104GX-AUTO Datasheet
3Mb / 135P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
ST7FOXF1 STMICROELECTRONICS-ST7FOXF1 Datasheet
3Mb / 226P
   8-bit MCU with single voltage Flash memory, SPI, I짼C, ADC, timers
ST7LITEUSX STMICROELECTRONICS-ST7LITEUSX Datasheet
1Mb / 108P
   8-bit MCU with single voltage Flash memory, ADC, timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com