Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3809J25QDBVRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS3809J25QDBVRQ1
Description  3-PIN SUPPLY VOLTAGE SUPERVISORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3809J25QDBVRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS3809J25QDBVRQ1 Datasheet HTML 1Page - Texas Instruments TPS3809J25QDBVRQ1 Datasheet HTML 2Page - Texas Instruments TPS3809J25QDBVRQ1 Datasheet HTML 3Page - Texas Instruments TPS3809J25QDBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS3809J25QDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS3809J25QDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS3809J25QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS3809J25QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS3809J25QDBVRQ1 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TPS3809J25Q1, TPS3809L30Q1, TPS3809K33Q1, TPS3809I50Q1
3PIN SUPPLY VOLTAGE SUPERVISORS
SGLS142 – DECEMBER 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
0.0
2.5
5.0
7.5
10.0
12.5
VDD = 2.5 V
TA = 85°C
TA =–40°C
IOL – Low-Level Output Current – mA
TA = 25°C
TA = 0°C
Figure 2
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
–50
–40
–30
–20
–10
0
10
20
30
40
50
–2
024
6
TA = 25°C
VDD – Supply Voltage – V
TPS3809J25
Figure 3
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
IOH – High-Level Output Current – mA
VDD = 6 V
TA = 85°C
0
–10
–20
–30
–40
–50
TA =–40°C
TA = 0°C
TA = 25°C
Figure 4
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
IOH – High-Level Output Current – mA
VDD = 2.5 V
TA = 85°C
0
–2
–4
–6
–8
–10
TA =–40°C
TA = 25°C
TA = 0°C


Similar Part No. - TPS3809J25QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3809J25QDBVRQ1 TI1-TPS3809J25QDBVRQ1 Datasheet
837Kb / 19P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
More results

Similar Description - TPS3809J25QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3809J25 TI1-TPS3809J25_13 Datasheet
821Kb / 13P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TLV809I50 TI1-TLV809I50 Datasheet
691Kb / 16P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809L30-EP TI1-TPS3809L30-EP Datasheet
347Kb / 14P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25 TI1-TPS3809J25_17 Datasheet
722Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809J25 TI1-TPS3809J25_16 Datasheet
726Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809L30-EP TI1-TPS3809L30-EP_16 Datasheet
722Kb / 14P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI1-TPS3809J25-Q1_16 Datasheet
837Kb / 19P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809J25 TI-TPS3809J25 Datasheet
113Kb / 8P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809I50-EP TI1-TPS3809I50-EP Datasheet
376Kb / 13P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TLV803E TI1-TLV803E Datasheet
749Kb / 27P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com