Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3809J25QDBVRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS3809J25QDBVRQ1
Description  3-PIN SUPPLY VOLTAGE SUPERVISORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3809J25QDBVRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS3809J25QDBVRQ1 Datasheet HTML 1Page - Texas Instruments TPS3809J25QDBVRQ1 Datasheet HTML 2Page - Texas Instruments TPS3809J25QDBVRQ1 Datasheet HTML 3Page - Texas Instruments TPS3809J25QDBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS3809J25QDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS3809J25QDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS3809J25QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS3809J25QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS3809J25QDBVRQ1 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TPS3809J25Q1, TPS3809L30Q1, TPS3809K33Q1, TPS3809I50Q1
3PIN SUPPLY VOLTAGE SUPERVISORS
SGLS142 – DECEMBER 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualification in Accordance With
AEC-Q100
D Qualified for Automotive Applications
D Customer-Specific Configuration Control
Can Be Supported Along With
Major-Change Approval
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Using Human
Body Model (C = 100 pF, R = 1500
Ω)
D 3-Pin SOT-23 Package
D Supply Current of 9 µA (Typical)
† Contact factory for details. Q100 qualification data available on
request.
D Precision Supply Voltage Monitor
2.5 V, 3 V, 3.3 V, 5 V
D Power-On Reset Generator With Fixed
Delay Time of 200 ms
D Pin-For-Pin Compatible With MAX 809
description
The TPS3809 family of supervisory circuits provides circuit initialization and timing supervision, primarily for
DSPs and processor-based systems.
During power-on, RESET is asserted when the supply voltage VDD becomes higher than 1.1 V. Thereafter, the
supervisory circuit monitors VDD and keeps RESET active as long as VDD remains below the threshold voltage
VIT. An internal timer delays the return of the output to the inactive state (high) to ensure proper system reset.
The delay time, td(typ) = 200 ms, starts after VDD has risen above the threshold voltage VIT. When the supply
voltage drops below the threshold voltage VIT, the output becomes active (low) again. No external components
are required. All the devices of this family have a fixed sense-threshold voltage VIT set by an internal voltage
divider.
The product spectrum is designed for supply voltages of 2.5 V, 3 V, 3.3 V, and 5 V. The circuits are available
in a 3-pin SOT-23. The TPS3809xxxQ-Q1 devices are characterized for operation over a temperature range
of –40
°C to 125°C, and are qualified in accordance with AEC-Q100 stress test qualification for integrated
circuits.
typical applications
3.3 V
TPS3809K33
TMS320LC54x
GND
GND
RESET
RESET
VDD
VDD
D Applications Using Automotive DSPs,
Microcontrollers, or Microprocessors
D Wireless Communication Systems
D Battery-Powered Equipment
D Programmable Controls
D Intelligent Instruments
D Industrial Equipment
D Automotive Systems
TPS76333
GND
OUT
IN
5 V
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
3
TPS3809 . . . DBV PACKAGE
(TOP VIEW)
1
RESET
VDD
GND


Similar Part No. - TPS3809J25QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3809J25QDBVRQ1 TI1-TPS3809J25QDBVRQ1 Datasheet
837Kb / 19P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
More results

Similar Description - TPS3809J25QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3809J25 TI1-TPS3809J25_13 Datasheet
821Kb / 13P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TLV809I50 TI1-TLV809I50 Datasheet
691Kb / 16P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809L30-EP TI1-TPS3809L30-EP Datasheet
347Kb / 14P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25 TI1-TPS3809J25_17 Datasheet
722Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809J25 TI1-TPS3809J25_16 Datasheet
726Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809L30-EP TI1-TPS3809L30-EP_16 Datasheet
722Kb / 14P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI1-TPS3809J25-Q1_16 Datasheet
837Kb / 19P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809J25 TI-TPS3809J25 Datasheet
113Kb / 8P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809I50-EP TI1-TPS3809I50-EP Datasheet
376Kb / 13P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TLV803E TI1-TLV803E Datasheet
749Kb / 27P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com