Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M29FB800FP-12 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M5M29FB800FP-12
Description  8,388,608-BIT (1048,576-WORD BY 8-BIT / 524,288-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M29FB800FP-12 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button M5M29FB800FP-12 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M29FB800FP-12 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M29FB800FP-12 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M29FB800FP-12 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M29FB800FP-12 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M29FB800FP-12 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M29FB800FP-12 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M5M29FB800FP-12 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M5M29FB800FP-12 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MITSUBISHI LSIs
M5M29FB/T800FP,VP,RV-80,-10,-12
May 1997 , Rev.6.1
8,388,608-BIT (1048,576-WORD BY 8-BIT / 524,288-WORD BY16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
7
Read-Only Mode
AC ELECTRICAL CHARACTERISTICS (Ta = 0 ~70°C, Vcc = 3.3±0.3V)
Write Mode (/WE control)
AC ELECTRICAL CHARACTERISTICS (Ta = 0 ~ 70°C, Vcc = 3.3V±0.3V)
Symbol
Parameter
Unit
Max
Min
Max
Min
Limits
M5M29FB/T800-10
M5M29FB/T800-12
Timing measurements are made under AC waveforms for read operations.
Typ
Typ
Read timing parameters during command write operations mode are the same as during read-only operations mode.
Typical values at Vcc=3.3V, Ta=25°C
Max
Min
M5M29FB/T800-80
ta (AD)
Address access time
ns
100
120
tAVQV
80
tCLZ
Chip enable to output in low-Z
ns
0
0
tELQX
0
ta (CE)
Chip enable access time
ns
100
120
tELQV
80
ta (OE)
Output enable access time
ns
50
60
tGLQV
40
tDF(CE)
Chip enable high to output in high Z
ns
25
30
tEHQZ
25
tRC
Read cycle time
ns
100
120
tAVAV
80
/BYTE low to output high-Z
ns
30
25
tBHZ
tFLQZ
25
Typ
tWHGL
/OE hold from /WE high
tOEH
/CE low to /BYTE high or low
tBCD
ns
5
5
tELFL/H
5
ns
100
120
80
ns
0
0
0
tOH
Output hold from /CE, /OE, addresses
tOH
/BYTE access time
ns
120
100
ta(BYTE)
80
tFL/HQV
tOLZ
ns
0
0
tGLQX
0
Output enable to output in low-Z
tDF(OE)
ns
tGHQZ
Output enable high to output in high Z
25
30
25
tPHZ
/RP low to output high-Z
ns
tPLQZ
150
300
150
tBAD
ns
Address to /BYTE high or low
tAVFL/H
5
5
5
/RP recovery to /CE low
ns
tPS
tPHEL
500
500
500
Symbol
Parameter
Unit
Max
Min
Max
Min
Limits
M5M29FB/T800-10
M5M29FB/T800-12
Typ
Typ
Max
Min
M5M29FB/T800-80
tWC
tAVAV
Write cycle time
ns
100
120
80
tDH
tWHDX
Data hold time
ns
tDS
tDVWH
Data set-up time
ns
50
50
50
tAH
tWHAX
Address hold time
ns
10
tAS
tAVWH
Address set-up time
ns
50
50
50
tWP
tWLWH
Write pulse width
ns
60
60
60
tCH
tWHEH
Chip enable hold time
ns
tCS
tELWL
Chip enable set-up time
ns
0
0
0
tWPH
tWHWL
Write pulse width high
ns
20
20
20
tPS
tPHWL
/RP high recovery to write enable low
ns
500
500
500
tBLS
tBLH
Block Lockhold from valid SRD
ns
0
0
tQVPH
0
tWHRL
tWHRL
Write enable high to RY/BY low
ns
100
120
80
tDAP
tWHRH1
Duration of auto-program operation
ms
7.5
120
120
7.5
7.5
120
tDAE
tWHRH2
Duration of auto-block erase operation
50
600
50
600
ms
50
600
Typ
Block Lock set-up to write enable high
ns
100
120
tPHHWH
80
tWPH
tBS
tFL/HWH
Byte enable high or low set-up time
ns
50
50
50
tBH
tWHFL/H
Byte enable high or low hold time
ns
100
120
80
tWPS
10
10
10
10
10
0
0
0


Similar Part No. - M5M29FB800FP-12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M29F25611VP MITSUBISHI-M5M29F25611VP Datasheet
499Kb / 36P
   MORE THAN 16,057 SECTORS (271,299,072 BITS) CMOS 3.3V-ONLY SERIAL READ FLASH MEMORY
More results

Similar Description - M5M29FB800FP-12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M29GB160BVP MITSUBISHI-M5M29GB160BVP Datasheet
240Kb / 25P
   16,777,216-BIT (2097,152-WORD BY 8-BIT / 1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29GB161BWG MITSUBISHI-M5M29GB161BWG Datasheet
213Kb / 23P
   16,777,216-BIT (1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
logo
Renesas Technology Corp
M5M29GB320VP-80 RENESAS-M5M29GB320VP-80 Datasheet
72Kb / 3P
   33,554,432-BIT (4,194,304-WORD BY 8-BIT / 2,097,152-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29GB320WG RENESAS-M5M29GB320WG Datasheet
89Kb / 3P
   33,554,432-BIT (4,194,304-WORD BY 8-BIT / 2,097,152-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M6MGB331S8AKT RENESAS-M6MGB331S8AKT Datasheet
127Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
M6MGB331S8BKT RENESAS-M6MGB331S8BKT Datasheet
128Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
M6MGB331S4BKT RENESAS-M6MGB331S4BKT Datasheet
171Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT/4,194,304-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY & 4,194,304-BIT (262,144-WORD BY 16-BIT/524,288-WORD B
M5M29KE131BTP RENESAS-M5M29KE131BTP Datasheet
336Kb / 33P
   134,217,728-BIT (16,777,216-WORD BY 8-BIT / 8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY
logo
Mitsubishi Electric Sem...
M6MGB160S4BVP MITSUBISHI-M6MGB160S4BVP Datasheet
268Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB160S2BVP MITSUBISHI-M6MGB160S2BVP Datasheet
269Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com