Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M44260CJ Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M5M44260CJ
Description  FAST PAGE MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M44260CJ Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M5M44260CJ Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M44260CJ Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M44260CJ Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M44260CJ Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M44260CJ Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M44260CJ Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M44260CJ Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M44260CJ Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M44260CJ Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
FAST PAGE MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M44260CJ,TP-5,-6,-7,-5S,-6S,-7S
MITSUBISHI LSIs
M5M44260CJ,TP-5,-5S : Under development
3
ABSOLUTE MAXIMUM RATINGS
Symbol
VCC
V I
VO
I O
Pd
Topr
Tstg
Parameter
Conditions
Ratings
Unit
V
V
V
mA
mW
-1~7
50
1000
0~70
-65~150
With respect to VSS
Ta=25˚C
Supply voltage
Input voltage
Output voltage
Output current
Power dissipation
Operating temperature
Storage temperature
-1~7
-1~7
RECOMMENDED OPERATING CONDITIONS
Unit
Limits
Min
Nom
Max
V
V
V
V
0
0.8
0
5.5
0
2.4
-0.5 * *
Parameter
Supply voltage
Supply voltage
High-level input voltage, all inputs
Low-level input voltage, all inputs
VCC
Symbol
VSS
VIH
VIL
Note 1 : All voltage values are with respect to VSS.
5.0
4.5
6.0
(Ta=0~70˚C, unless otherwise noted) (Note 1)
* * : VIL(min) is -2.0V when pulse width is less than 25ns. (Pulse width is with respect to Vss.)
Note 2: Current flowing into an IC is positive, out is negative.
3: ICC1 (AV), ICC3 (AV), ICC4 (AV), and ICC6 (AV) are dependent on cycle rate. Maximum current is measured at the fastest cycle rate.
4: ICC1 (AV) and ICC4 (AV) are dependent on output loading. Specified values are obtained with the output open.
5: Column Address can be changed once or less while RAS=VIL and CAS=VIH.
ELECTRICAL CHARACTERISTICS (Ta=0~70˚C , VCC=5V±10%, VSS=0V, unless otherwise noted) (Note 2)
Symbol
VOH
VOL
IOZ
I I
ICC1(AV)
ICC2
ICC3(AV)
ICC4(AV)
ICC6(AV)
High-level output voltage
Parameter
Limits
Min
Max
Unit
Typ
Test conditions
Low-level output voltage
Off-state output current
Input current
Average supply current
from Vcc, operating
(Note 3,4,5)
(Note 3,5)
(Note 3,4,5)
Supply current from VCC, stand-by
Average supply current
from Vcc, RAS only
refresh mode
Average supply current
from Vcc
Fast page mode
Average supply current
from Vcc
CAS before RAS refresh
mode
M5M44260C-5,-5S
M5M44260C-6,-6S
M5M44260C-7,-7S
IOH=-5mA
IOL=4.2mA
Q floating 0V
≤ VOUT ≤ 5.5V
0V
≤ VIN ≤ +6.0V, Other inputs pins=0V
RAS, CAS cycling
tRC=tWC=min.
output open
RAS= CAS =VIH, output open
RAS cycling, CAS=VIH
tRC=min.
output open
RAS=VIL, CAS cycling
tPC=min.
output open
CAS before RAS refresh cycling
tRC=min.
output open
V
V
mA
mA
mA
mA
mA
VCC
0.4
10
10
2
1.0
115
100
85
2.4
0
-10
-10
125
110
95
(Note 6)
125
110
95
125
110
95
M5M44260C-5,-5S
M5M44260C-6,-6S
M5M44260C-7,-7S
M5M44260C-5,-5S
M5M44260C-6,-6S
M5M44260C-7,-7S
M5M44260C-5,-5S
M5M44260C-6,-6S
M5M44260C-7,-7S
Average supply current
from VCC
Extended-refresh mode
µA
150
Average supply current from VCC
Self-refresh mode
RAS=CAS
≤ 0.2V
output open
µA
150
(Note 6)
RAS= CAS
≥ VCC -0.5V
output open
0.1 *
µA
µA
ICC8(AV) *
ICC9(AV) *
RAS cycling CAS
≤ 0.2V or CAS
before RAS refresh cycling
RAS
≤ 0.2V or ≥ VCC-0.2V
CAS
≤ 0.2V or ≥ VCC-0.2V
W
≤ 0.2V or ≥ VCC-0.2V
OE
≤ 0.2V or ≥ VCC-0.2V
A0~A8
≤ 0.2V or ≥ VCC-0.2V,
DQ=open
tRC=250µs, tRAS=tRAS min~1µs
(Note 3,5)
(Note 6)
˚C
˚C


Similar Part No. - M5M44260CJ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
M5M44260A CIRRUS-M5M44260A Datasheet
10Mb / 140P
   CL-GD5434 V1.00 Software Release Errata
Revision 1.2 April 1994
More results

Similar Description - M5M44260CJ

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M4V4265CJ MITSUBISHI-M5M4V4265CJ Datasheet
317Kb / 31P
   EDO (HYPER PAGE) MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M44265CJ MITSUBISHI-M5M44265CJ Datasheet
324Kb / 31P
   EDO (HYPER PAGE MODE) 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
MH4M36CJD-5 MITSUBISHI-MH4M36CJD-5 Datasheet
130Kb / 14P
   FAST PAGE MODE ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
M5M417400CJ MITSUBISHI-M5M417400CJ Datasheet
514Kb / 22P
   FAST PAGE MODE 16777216-BIT (4194304-WORD BY 4-BIT) DYNAMIC RAM
MH4V64AXJJ MITSUBISHI-MH4V64AXJJ Datasheet
217Kb / 25P
   FAST PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
M5M44800CJ MITSUBISHI-M5M44800CJ Datasheet
209Kb / 21P
   FAST PAGE MODE 4194304-BIT (524288-WORD BY 8-BIT) DYNAMIC RAM
M5M44400BJ MITSUBISHI-M5M44400BJ Datasheet
1Mb / 24P
   FAST PAGE MODE 4194304-BIT(1048576-WORD BY 4-BIT)DYNAMIC RAM
MH4V724AWXJ-5 MITSUBISHI-MH4V724AWXJ-5 Datasheet
174Kb / 20P
   FAST PAGE MODE 301989888 - BIT ( 4194304 - WORD BY 72 - BIT ) DYNAMIC RAM
MH4V36AM-6 MITSUBISHI-MH4V36AM-6 Datasheet
190Kb / 18P
   FAST PAGE MODE 150994944-BIT ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
MH4V644AWXJ-5 MITSUBISHI-MH4V644AWXJ-5 Datasheet
171Kb / 20P
   FAST PAGE MODE 268435456 - BIT ( 4194304 - WORD BY 64 - BIT ) DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com