Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M29WT161BVP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M5M29WT161BVP
Description  16,777,216-BIT (1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M29WT161BVP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M5M29WT161BVP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M29WT161BVP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M29WT161BVP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M29WT161BVP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M29WT161BVP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M29WT161BVP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M5M29WT161BVP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M5M29WT161BVP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M5M29WT161BVP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
MITSUBISHI LSIs
16,777,216-BIT (1048,576-WORD BY16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29GB/T161BWG
Sep.1999. Rev4.0
SOFTWARE COMMAND DEFINITION
Command List
1) Upper byte data (DQ8-DQ15) is ignored.
2) IA=ID Code Address : A0=VIL (Manufacturer's Code) : A0=VIH (Device Code), ID=ID Code
3) Bank = Bank Address (Bank(I) or Bank(II)). A19-A17.
4) SRD = Status Register Data
5) Word Program, Single Data Load and Page Buffer to Flash Command is valid for only Bank(I).
6) WA = Write Address,WD = Write Data
7) WA0,WAn=Write Address, WD0,WDn=Write Data.
: Write Address and Write Data must be provided sequentially from 00H to 7FH for A6-A0. Page size is 128word (128word x 16bit).
and also A19-A7(Block Address, Page Address) must be valid.
8) WA = Write Address
: Upper page address, A19-A7(Block Address, Page Address) must be valid.
9) BA = Block Address : Bank1: A19-A14
Bank2: A19-A15
10) DQ6 provides Block Lock Status, DQ6 = 1 : Block Unlock, DQ6 = 0 : Block Locked.
8
Read Array
FFH
X
Write
1st bus cycle
2nd bus cycle
Command
Device Identifier
90H
X
Write
ID
IA
Read
Read Status Register
70H
Write
SRD
Read
Clear Status Register
50H
X
Write
2)
4)
2)
Page Program
Write
41H
Block Erase / Confirm
Suspend
Resume
7)
Read Lock Bit Status
Lock Bit Program / Confirm
Erase All Unlocked Blocks
Write
Write
20H
Bank
Write
D0H
Write
B0H
Bank
Write
71H
X
Write
9)
Write
Write
A7H
77H
D0H
Write
Read
BA
XD0H
D0H
DQ6
Word Program
5)
Write
40H
Write
WD0
Write
7)
7)
WD
10)
Single Data Load to Page Buffer
Page Buffer to Flash
Write
Write
74H
Write
WD
WA
0EH
Write
D0H
3)
Clear Page Buffer
55H
X
Write
Write
X
D0H
5)
5)
Bank
Bank
Bank(I)
WA
Bank
Bank
BA
Bank
X
WDn
Write
7)
7)
WAn
WA0
3rd ~129th bus cycles (M5M29GB/T161BWG)
1)
1)
Address
Mode
Data
Address
Mode
Data
Address
Mode
Data
1)
(DQ15-0)
1)
1)
1)
WA
6)
8)
6)
(DQ15-0)
(DQ15-0)
BA
5)
Bank(I) 5)
Bank(I) 5)


Similar Part No. - M5M29WT161BVP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M29WT161BVP MITSUBISHI-M5M29WT161BVP Datasheet
240Kb / 25P
   16,777,216-BIT (2097,152-WORD BY 8-BIT / 1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
More results

Similar Description - M5M29WT161BVP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M29GB160BVP MITSUBISHI-M5M29GB160BVP Datasheet
240Kb / 25P
   16,777,216-BIT (2097,152-WORD BY 8-BIT / 1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29FB800FP MITSUBISHI-M5M29FB800FP Datasheet
166Kb / 14P
   8,388,608-BIT (1048,576-WORD BY 8-BIT / 524,288-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
logo
Renesas Technology Corp
M5M29GB320VP-80 RENESAS-M5M29GB320VP-80 Datasheet
72Kb / 3P
   33,554,432-BIT (4,194,304-WORD BY 8-BIT / 2,097,152-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29GB320WG RENESAS-M5M29GB320WG Datasheet
89Kb / 3P
   33,554,432-BIT (4,194,304-WORD BY 8-BIT / 2,097,152-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
logo
Mitsubishi Electric Sem...
M6MGB162S4BVP MITSUBISHI-M6MGB162S4BVP Datasheet
243Kb / 29P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB166S4BWG MITSUBISHI-M6MGB166S4BWG Datasheet
264Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB162S2BVP MITSUBISHI-M6MGB162S2BVP Datasheet
247Kb / 29P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB166S2BWG MITSUBISHI-M6MGB166S2BWG Datasheet
257Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
logo
Renesas Technology Corp
M5M29KB RENESAS-M5M29KB Datasheet
285Kb / 32P
   CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
logo
Mitsubishi Electric Sem...
M6MGB160S2BVP MITSUBISHI-M6MGB160S2BVP Datasheet
269Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com