Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M44265CJ-5S Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M5M44265CJ-5S
Description  EDO (HYPER PAGE MODE) 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M44265CJ-5S Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M5M44265CJ-5S Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M44265CJ-5S Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M44265CJ-5S Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M44265CJ-5S Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M44265CJ-5S Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M44265CJ-5S Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M44265CJ-5S Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M44265CJ-5S Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M44265CJ-5S Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
EDO (HYPER PAGE MODE) 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M44265CJ,TP-5,-6,-7,-5S,-6S,-7S
MITSUBISHI LSIs
4
Note 6: An initial pause of 500µs is required after power-up followed by a minimum of eight initialization cycles (RAS-only refresh or CAS before RAS refresh
cycles).
Note the RAS may be cycled during the initial pause. And 8 initialization cycles are required after prolonged periods (greater than 8.2ms) of RAS
inactivity before proper device operation is achieved.
7: Measured with a load circuit equivalent to 1TTL and 50pF.
The reference levels for measuring of output signals are 2.0V(VOH) and 0.8V(VOL).
8: Assumes that
tRCD
≥ tRCD(max) and tASC ≥ tASC(max) and tCP ≥ tCP(max).
9: Assumes that
tRCD
≤ tRCD(max) and tRAD ≤ tRAD(max). If tRCD or tRAD is greater than the maximum recommended value shown in this table, tRAC
will increase by amount that
tRCD exceeds the value shown.
10: Assumes that
tRAD
≥ tRAD(max) and tASC ≤ tASC(max).
11: Assumes that
tCP
≤ tCP(max) and tASC ≥ tASC(max).
12:
tOEZ (max), tWEZ(max), tOFF(max) and tREZ(max) defines the time at which the output achieves the high impedance state (IOUT
≤ ±10µA ) and is not
reference to VOH(min) or VOL(max).
13: Output is disabled after both RAS and CAS go to high.
SWITCHING CHARACTERISTICS (Ta=0~70˚C, VCC=5V±10%, VSS=0V, unless otherwise noted, see notes 6,14,15)
Limits
Min
Max
Parameter
Access time from CAS
Access time from RAS
Columu address access time
Symbol
tCAC
Unit
Min
Max
Min
Max
ns
ns
ns
ns
ns
ns
5
15
30
33
15
60
tRAC
tAA
tCPA
tOEA
tCLZ
Access time from CAS precharge
Output low impedance time from CAS low
Output disable time after CAS high
(Note 7,8)
(Note 7,9)
(Note 7,10)
(Note 7,11)
(Note 7)
5
tOFF
tOEZ
(Note 12)
(Note 7)
Output disable time after OE high
Access time from OE
15
15
5
13
25
28
13
50
13
13
ns
ns
20
35
38
70
20
20
20
M5M44265C-5,-5S M5M44265C-6,-6S M5M44265C-7,-7S
CAPACITANCE
Limits
Min
Max
Unit
Typ
pF
pF
pF
Input capacitance, address inputs
CI (A)
CI (CLK)
CI / O
Symbol
Parameter
Test conditions
Input capacitance, clock inputs
Input/Output capacitance, data ports
5
7
VI=VSS
f=1MHz
VI=25mVrms
7
(Ta=0~70˚C, VCC=5V±10%, VSS=0V, unless otherwise noted)
Output disable time after WE high
Output disable time after RAS high
Output hold time from CAS
Output hold time from RAS
(Note 13)
tOHC
tOHR
tWEZ
tREZ
(Note 13)
(Note 12,13)
(Note 12)
15
15
13
13
ns
ns
20
20
ns
5
5
5
ns
5
5
5
(Note 12,13)


Similar Part No. - M5M44265CJ-5S

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
M5M44260A CIRRUS-M5M44260A Datasheet
10Mb / 140P
   CL-GD5434 V1.00 Software Release Errata
Revision 1.2 April 1994
logo
Mitsubishi Electric Sem...
M5M44260CJ MITSUBISHI-M5M44260CJ Datasheet
296Kb / 29P
   FAST PAGE MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M44260CJ-5 MITSUBISHI-M5M44260CJ-5 Datasheet
296Kb / 29P
   FAST PAGE MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M44260CJ-5S MITSUBISHI-M5M44260CJ-5S Datasheet
296Kb / 29P
   FAST PAGE MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M44260CJ-6 MITSUBISHI-M5M44260CJ-6 Datasheet
296Kb / 29P
   FAST PAGE MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
More results

Similar Description - M5M44265CJ-5S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M4V4265CJ MITSUBISHI-M5M4V4265CJ Datasheet
317Kb / 31P
   EDO (HYPER PAGE) MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M4V4405CJ MITSUBISHI-M5M4V4405CJ Datasheet
299Kb / 27P
   EDO (HYPER PAGE MODE) 4194304-BIT(1048576-WORD BY 4-BIT) DYNAMIC RAM
M5M44260CJ MITSUBISHI-M5M44260CJ Datasheet
296Kb / 29P
   FAST PAGE MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M44405CJ MITSUBISHI-M5M44405CJ Datasheet
246Kb / 27P
   EDO ( HYPER PAGE MODE ) 4194304-BIT ( 1048576-WORD BY 4-BIT ) DYNAMIC RAM
MH4V6445BXJJ-5 MITSUBISHI-MH4V6445BXJJ-5 Datasheet
152Kb / 26P
   HYPER PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
MH4M365CXJ-5 MITSUBISHI-MH4M365CXJ-5 Datasheet
231Kb / 15P
   HYPER PAGE MODE 150994944-BIT ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
logo
Toshiba Semiconductor
TC5165165AJ TOSHIBA-TC5165165AJ Datasheet
462Kb / 8P
   4,194,304 WORD X 16 BIT EDO (HYPER PAGE) DYNAMIC RAM
TC5118165BJ TOSHIBA-TC5118165BJ Datasheet
467Kb / 9P
   1,048,576 WORD X 16 BIT HYPER PAGE (EDO) DYNAMIC RAM
logo
Mitsubishi Electric Sem...
MH4M36CJD-5 MITSUBISHI-MH4M36CJD-5 Datasheet
130Kb / 14P
   FAST PAGE MODE ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
logo
Toshiba Semiconductor
TC5164805BJ TOSHIBA-TC5164805BJ Datasheet
1Mb / 24P
   8,388,608-WORD x8-BIT EDO (HYPER PAGE) DYNAMIC RAM
1998-03-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com