Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTJD4105CT4G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTJD4105CT4G
Description  Small Signal MOSFET 20 V / ??.0 V, Complementary, 0.63 A / ??.775 A, SC??8
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJD4105CT4G Datasheet(HTML) 6 Page - ON Semiconductor

  NTJD4105CT4G Datasheet HTML 1Page - ON Semiconductor NTJD4105CT4G Datasheet HTML 2Page - ON Semiconductor NTJD4105CT4G Datasheet HTML 3Page - ON Semiconductor NTJD4105CT4G Datasheet HTML 4Page - ON Semiconductor NTJD4105CT4G Datasheet HTML 5Page - ON Semiconductor NTJD4105CT4G Datasheet HTML 6Page - ON Semiconductor NTJD4105CT4G Datasheet HTML 7Page - ON Semiconductor NTJD4105CT4G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NTJD4105C
http://onsemi.com
6
TYPICAL P−CHANNEL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
VGS
Figure 15. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
0
1.2
4
1
0
Figure 16. Diode Forward Voltage vs. Current
Qg, TOTAL GATE CHARGE (nC)
ID = −0.6 A
TJ = 25°C
2
1.6
2
3
QGS
5
0.8
0.4
2.4
0.8
0.1
0
−VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
VGS = 0 V
0.7
0.6
0.4
0
0.4
0.5
0.6
0.2
0.3
1
0.2
TJ = 25°C
TJ = 150°C
QG(TOT)
QGD


Similar Part No. - NTJD4105CT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJD4152P ONSEMI-NTJD4152P Datasheet
93Kb / 5P
   Trench Small Signal MOSFET 20 V, 0.88 A, Dual P-Channel, ESD Protected SC-88
August, 2007 - Rev. 2
NTJD4152P ONSEMI-NTJD4152P Datasheet
75Kb / 5P
   Trench Small Signal MOSFET
February, 2015 ??Rev. 6
NTJD4152PT1 ONSEMI-NTJD4152PT1 Datasheet
93Kb / 5P
   Trench Small Signal MOSFET 20 V, 0.88 A, Dual P-Channel, ESD Protected SC-88
August, 2007 - Rev. 2
NTJD4152PT1G ONSEMI-NTJD4152PT1G Datasheet
93Kb / 5P
   Trench Small Signal MOSFET 20 V, 0.88 A, Dual P-Channel, ESD Protected SC-88
August, 2007 - Rev. 2
NTJD4152PT1G ONSEMI-NTJD4152PT1G Datasheet
75Kb / 5P
   Trench Small Signal MOSFET
February, 2015 ??Rev. 6
More results

Similar Description - NTJD4105CT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJD4158C ONSEMI-NTJD4158C Datasheet
148Kb / 7P
   Small Signal MOSFET 30 V/??0 V, 0.25/??.88 A, Complementary, SC??8
March, 2009 ??Rev. 2
NTJD3158C ONSEMI-NTJD3158C Datasheet
102Kb / 7P
   Power MOSFET 20 V, 0.63/-0.82 A, SC-88 Complementary, ESD Protected
January, 2008 - Rev. 0
NTHC5513 ONSEMI-NTHC5513 Datasheet
89Kb / 10P
   Power MOSFET 20 V, 3.9 A / ??.0 A, Complementary ChipFET-TM
October, 2004 ??Rev. 4
NTJS4405N ONSEMI-NTJS4405N Datasheet
131Kb / 5P
   Small Signal MOSFET 25 V, 1.2 A, Single, N?묬hannel, SC??8
February, 2006 ??Rev. 4
NTLJD3183CZ ONSEMI-NTLJD3183CZ Datasheet
141Kb / 9P
   Power MOSFET 20 V/??0 V, 4.7 A/??.0 A, 關Cool??Complementary, 2x2 mm, WDFN Package
December, 2008 ??Rev. 0
NTLJD3119C ONSEMI-NTLJD3119C Datasheet
173Kb / 10P
   Power MOSFET 20 V/??0 V, 4.6 A/??.1 A, uCool Complementary, 2x2 mm, WDFN Package
October, 2006 ??Rev. 0
NVJD4401NT1G ONSEMI-NVJD4401NT1G Datasheet
124Kb / 5P
   Small Signal MOSFET 20 V, Dual N?묬hannel, SC??8 ESD Protection
October, 2011 ??Rev. 6
NTS4409N ONSEMI-NTS4409N Datasheet
65Kb / 6P
   Small Signal MOSFET 25 V, 0.75 A, Single, N?묬hannel, ESD Protection, SC??0/SOT??23
January, 2006 ??Rev. 2
NTJD4152P ONSEMI-NTJD4152P Datasheet
93Kb / 5P
   Trench Small Signal MOSFET 20 V, 0.88 A, Dual P-Channel, ESD Protected SC-88
August, 2007 - Rev. 2
NTHD3102CT1G ONSEMI-NTHD3102CT1G Datasheet
101Kb / 11P
   Power MOSFET Complementary, 20 V, 5.5 A /??.2 A, ChipFET
September, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com