Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M29GB161BWG Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M5M29GB161BWG
Description  16,777,216-BIT (2097,152-WORD BY 8-BIT / 1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M29GB161BWG Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button M5M29GB161BWG Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M29GB161BWG Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M29GB161BWG Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M29GB161BWG Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M29GB161BWG Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M29GB161BWG Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M29GB161BWG Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M5M29GB161BWG Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M5M29GB161BWG Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
MITSUBISHI LSIs
16,777,216-BIT (2097,152-WORD BY 8-BIT / 1048,576-WORD BY16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29GB/T160BVP-80
Sep 1999. Rev2.0
7
1) X at RY/BY# is VOL or VOH(Hi-Z).
*The RY/BY# is an open drain output pin and indicates status of the internal WSM. When low,it indicates that the WSM is Busy performing an operation.
A pull-up resistor of 10K-100K Ohms is required to allow the RY/BY# signal to transition high indicating a Ready WSM condition.
2) X can be VIH or VIL for control pins.
BUS OPERATIONS
Bus Operations for Word-Wide Mode
1)
Mode
Array
Status Register
Identifier Code
Stand by
Program
Erase
Write
Read
Pins
CE#
OE#
WE#
VIL
VIL
VIL
VIL
VIH
VIL
VIL
VIL
VIL
VIL
VIH
X
VIH
VIH
VIH
VIH
VIH
VIH
X
VIL
VIL
Data out
Status Register Data
Identifier Code
Hi-Z
Hi-Z
Command/Data in
Command
Output disable
Deep Power Down
Others
RP#
VIH
VIH
VIH
VIH
VIH
VIH
VIH
RY/BY#
VOH (Hi-Z)
X
X
X
X
X
X
VIL
VIH
X
VIL
X
Hi-Z
VIH
VIL
X
Command
DQ0-15
2)
VIH
Lock Bit Status
VIL
VIL
VIH
Lock Bit Data (DQ6)X
VOH (Hi-Z)
VOH (Hi-Z)
Bus Operations for Byte-Wide Mode
1)
Mode
Array
Status Register
Identifier Code
Stand by
Program
Erase
Write
Read
Pins
CE#
OE#
WE#
DQ0-7
VIL
VIL
VIL
VIL
VIH
VIL
VIL
VIL
VIL
VIL
VIH
X
VIH
VIH
VIH
VIH
VIH
VIH
X
VIL
VIL
Data out
Status Register Data
Identifier Code
Hi-Z
Hi-Z
Command/Data in
Command
Output disable
Deep Power Down
Others
RP#
VIH
VIH
VIH
VIH
VIH
VIH
VIH
RY/BY#
X
X
X
X
X
X
VIL
VIH
X
VIL
X
Hi-Z
VIH
VIL
X
Command
2)
Lock Bit Status
VIL
VIL
VIH
VIH
Lock Bit Data (DQ6)
X
VOH (Hi-Z)
VOH (Hi-Z)
VOH (Hi-Z)


Similar Part No. - M5M29GB161BWG

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M29GB161BWG MITSUBISHI-M5M29GB161BWG Datasheet
213Kb / 23P
   16,777,216-BIT (1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
More results

Similar Description - M5M29GB161BWG

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M29GB161BWG MITSUBISHI-M5M29GB161BWG Datasheet
213Kb / 23P
   16,777,216-BIT (1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29FB800FP MITSUBISHI-M5M29FB800FP Datasheet
166Kb / 14P
   8,388,608-BIT (1048,576-WORD BY 8-BIT / 524,288-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
logo
Renesas Technology Corp
M5M29GB320VP-80 RENESAS-M5M29GB320VP-80 Datasheet
72Kb / 3P
   33,554,432-BIT (4,194,304-WORD BY 8-BIT / 2,097,152-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29GB320WG RENESAS-M5M29GB320WG Datasheet
89Kb / 3P
   33,554,432-BIT (4,194,304-WORD BY 8-BIT / 2,097,152-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
logo
Mitsubishi Electric Sem...
M6MGB160S2BVP MITSUBISHI-M6MGB160S2BVP Datasheet
269Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB160S4BVP MITSUBISHI-M6MGB160S4BVP Datasheet
268Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB162S4BVP MITSUBISHI-M6MGB162S4BVP Datasheet
243Kb / 29P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB166S4BWG MITSUBISHI-M6MGB166S4BWG Datasheet
264Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB162S2BVP MITSUBISHI-M6MGB162S2BVP Datasheet
247Kb / 29P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB166S2BWG MITSUBISHI-M6MGB166S2BWG Datasheet
257Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com