Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M29GB161BWG Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # M5M29GB161BWG
Description  16,777,216-BIT (2097,152-WORD BY 8-BIT / 1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M29GB161BWG Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button M5M29GB161BWG Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M29GB161BWG Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M29GB161BWG Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M5M29GB161BWG Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M5M29GB161BWG Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M5M29GB161BWG Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M5M29GB161BWG Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M5M29GB161BWG Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M5M29GB161BWG Datasheet HTML 15Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
MITSUBISHI LSIs
16,777,216-BIT (2097,152-WORD BY 8-BIT / 1048,576-WORD BY16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29GB/T160BVP-80
Sep 1999. Rev2.0
11
Read-Only Mode
AC ELECTRICAL CHARACTERISTICS (Ta = -40 ~85
°C)
Read timing parameters during command write operations mode are the same as during read-only operations mode.
Typical values at Vcc=3.3V, Ta=25
°C
AC ELECTRICAL CHARACTERISTICS (Ta = -40 ~85
°C)
Write Mode (WE# control)
Symbol
Parameter
Write cycle time
Data hold time
Data set-up time
Address hold time
Address set-up time
tAVAV
tWHDX
tDVWH
tWHAX
tAVWH
tWC
tDH
tDS
tAH
tAS
Limits
80
50
50
Max
Min
Typ
0
0
Unit
ns
ns
ns
ns
ns
90
50
50
Max
Min
Typ
0
0
Write pulse width
Chip enable hold time
Chip enable set-up time
Write pulse width high
Block Lockhold from valid SRD
Duration of auto-program operation
Duration of auto-block erase operation
Block Lock set-up to write enable high
tWLWH
tWHEH
tELWL
tWHWL
tQVPH
tWHRH1
tWHRH2
tPHHWH
tWP
tCH
tCS
tWPH
tBLS
tBLH
tDAP
tDAE
OE# hold to WE# Low
tGHWL
tGHWL
4
40
80
600
60
0
30
0
80
0
0
ns
ns
ns
ns
ns
ms
ms
ns
4
40
80
600
60
0
30
0
90
0
ns
0
Symbol
Parameter
ta (AD)
Address access time
tAVQV
tCLZ
Chip enable to output in low-Z
tELQX
ta (CE)
Chip enable access time
tELQV
ta (OE)
Output enable access time
tGLQV
tDF(CE)
Chip enable high to output in high Z
tEHQZ
tRC
Read cycle time
tAVAV
tOLZ
tGLQX
Output enable to output in low-Z
tDF(OE)
tGHQZ
Output enable high to output in high Z
tPHZ
RP# low to output high-Z
tPLQZ
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
80
0
80
30
25
80
0
25
150
Max
Min
Typ
90
0
90
30
25
90
0
25
150
Max
Min
Typ
Limits
Speed Item: -80
Vcc=2.7~3.6V
Vcc=3.3V+/-0.3V
Speed Item: -80
Vcc=2.7~3.6V
Vcc=3.3V+/-0.3V
ns
ns
10
10
30
30
OE# hold from WE# high
tWHGL
tOEH
Latency between Read and Write FFH or 71H
-
tRE
Timing measurements are made under AC waveforms for read operations.
tWHGL
OE# hold from WE# high
tOEH
tBAD
tAVFL/H
RP# recovery to CE# low
ns
ns
ns
tPS
tPHEL
10
0
150
10
0
150
tELFL/H F-CE# low to BYTE# high or low
tBCD
tOH
Output hold from CE#, OE#, addresses
tOH
Address to BYTE# high or low
5
5
5
5
ta(BYTE)
BYTE# access time
tFL/HQV
tBHZ
BYTE# low to output high-Z
tFLQZ
80
25
90
25
Byte enable high or low set-up time
tFL/HWH
tBS
tWHFL/H
tBH
Byte enable high or low hold time
50
80
50
90
ns
ns
ns
ns
ns
ns
0
RP# high recovery to write enable low
tPHWL
tPS
150
ns
150
Write enable high to F-RY/BY# low
tWHRL
tWHRL
90
ns
90


Similar Part No. - M5M29GB161BWG

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M29GB161BWG MITSUBISHI-M5M29GB161BWG Datasheet
213Kb / 23P
   16,777,216-BIT (1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
More results

Similar Description - M5M29GB161BWG

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M29GB161BWG MITSUBISHI-M5M29GB161BWG Datasheet
213Kb / 23P
   16,777,216-BIT (1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29FB800FP MITSUBISHI-M5M29FB800FP Datasheet
166Kb / 14P
   8,388,608-BIT (1048,576-WORD BY 8-BIT / 524,288-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
logo
Renesas Technology Corp
M5M29GB320VP-80 RENESAS-M5M29GB320VP-80 Datasheet
72Kb / 3P
   33,554,432-BIT (4,194,304-WORD BY 8-BIT / 2,097,152-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29GB320WG RENESAS-M5M29GB320WG Datasheet
89Kb / 3P
   33,554,432-BIT (4,194,304-WORD BY 8-BIT / 2,097,152-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
logo
Mitsubishi Electric Sem...
M6MGB160S2BVP MITSUBISHI-M6MGB160S2BVP Datasheet
269Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB160S4BVP MITSUBISHI-M6MGB160S4BVP Datasheet
268Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB162S4BVP MITSUBISHI-M6MGB162S4BVP Datasheet
243Kb / 29P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB166S4BWG MITSUBISHI-M6MGB166S4BWG Datasheet
264Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB162S2BVP MITSUBISHI-M6MGB162S2BVP Datasheet
247Kb / 29P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB166S2BWG MITSUBISHI-M6MGB166S2BWG Datasheet
257Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com