Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL300 Datasheet(PDF) 11 Page - Micronas

Part # HAL300
Description  Differential Hall Effect Sensor IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL300 Datasheet(HTML) 11 Page - Micronas

Back Button HAL300 Datasheet HTML 7Page - Micronas HAL300 Datasheet HTML 8Page - Micronas HAL300 Datasheet HTML 9Page - Micronas HAL300 Datasheet HTML 10Page - Micronas HAL300 Datasheet HTML 11Page - Micronas HAL300 Datasheet HTML 12Page - Micronas HAL300 Datasheet HTML 13Page - Micronas HAL300 Datasheet HTML 14Page - Micronas HAL300 Datasheet HTML 15Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
HAL300
11
Micronas
20
22
24
26
28
30
µA
VOH
IOH
V
10
0
10
–1
10
–2
10
–3
10
–4
10
–5
10
1
10
2
VDD = 5 V
TA = 125 °C
TA = 75 °C
TA = 25 °C
Fig. 20: Typical output leakage current
versus output voltage
Application Notes
Mechanical stress can change the sensitivity of the Hall
plates and an offset of the magnetic switching points
may result. External mechanical stress to the package
can influence the magnetic parameters if the sensor is
used under back-biased applications. This piezo sensi-
tivity of the sensor IC cannot be completely compen-
sated for by the switching offset compensation tech-
nique.
For back-biased applications, the HAL 320 is recom-
mended. In such cases, please contact our Application
Department. They will provide assistance in avoiding
applications which may induce stress to the ICs. This
stress may cause drifts of the magnetic parameters indi-
cated in this data sheet.
For electromagnetic immunity, it is recommended to ap-
ply a 4.7 nF capacitor between VDD (pin 1) and Ground
(pin 2). For automotive applications, a 220
W series re-
sistor to pin 1 is recommended. Because of the IDD peak
at 4.1 V, the series resistor should not be greater than
270
Ω. The series resistor and the capacitor should be
placed as close as possible to the IC.
Ambient Temperature
Due to the internal power dissipation, the temperature
on the silicon chip (junction temperature TJ) is higher
than the temperature outside the package (ambient tem-
perature TA).
TJ = TA + ∆T
At static conditions, the following equations are valid:
– for SOT-89A:
∆T = IDD * VDD * RthJSB
– for TO-92UA:
∆T = IDD * VDD * RthJA
For typical values, use the typical parameters. For worst
case calculation, use the max. parameters for IDD and
Rth, and the max. value for VDD from the application.
Test Circuits for Electromagnetic Compatibility
Test pulses VEMC corresponding to DIN 40839.
OUT
GND
3
2
1VDD
4.7 nF
VEMC
VP
RV
220
RL
1.2 k
20 pF
Fig. 21: Test circuit 2: test procedure for class A
OUT
GND
3
2
1VDD
4.7 nF
VEMC
RV
220
RL
680
Fig. 22: Test circuit 1: test procedure for class C


Similar Part No. - HAL300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL300 ETC-HAL300 Datasheet
143Kb / 13P
   Differential Hall Effect Sensor IC
logo
Micronas
HAL300 MICRONAS-HAL300 Datasheet
1Mb / 22P
   Differential Hall Effect Sensor IC
logo
LEM
HAL300-S LEM-HAL300-S Datasheet
57Kb / 2P
   Current Transducer HAL 50~600-S
logo
Micronas
HAL300SF-A MICRONAS-HAL300SF-A Datasheet
1Mb / 22P
   Differential Hall Effect Sensor IC
HAL300SF-K MICRONAS-HAL300SF-K Datasheet
1Mb / 22P
   Differential Hall Effect Sensor IC
More results

Similar Description - HAL300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL320 ETC-HAL320 Datasheet
143Kb / 13P
   Differential Hall Effect Sensor IC
logo
Micronas
HAL320 MICRONAS-HAL320 Datasheet
1Mb / 22P
   Differential Hall-Effect Sensor IC
HAL300 MICRONAS-HAL300_1 Datasheet
1Mb / 22P
   Differential Hall Effect Sensor IC
logo
Infineon Technologies A...
TLE4923 INFINEON-TLE4923 Datasheet
127Kb / 18P
   Dynamic Differential Hall Effect Sensor IC
2000-07-01
TLE4923 INFINEON-TLE4923_05 Datasheet
616Kb / 24P
   Dynamic Differential Hall Effect Sensor IC
V 1.0, April 2005
TLE4921-3U INFINEON-TLE4921-3U Datasheet
138Kb / 19P
   Dynamic Differential Hall Effect Sensor IC
2000-07-01
TLE4921-5U INFINEON-TLE4921-5U Datasheet
568Kb / 24P
   Dynamic Differential Hall Effect Sensor IC
2002-08-02
TLE4921-5U INFINEON-TLE4921-5U_08 Datasheet
875Kb / 26P
   Dynamic Differential Hall Effect Sensor IC
V 1.1, January 2008
logo
Siemens Semiconductor G...
TLE4923 SIEMENS-TLE4923 Datasheet
157Kb / 18P
   Dynamic Differential Hall Effect Sensor IC
logo
Infineon Technologies A...
TLE4941 INFINEON-TLE4941 Datasheet
853Kb / 11P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com