Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDE-5D121K Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MDE-5D121K
Description  Standard D Series 5 mm Disc
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MDE-5D121K Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MDE-5D121K Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MDE Semiconductor, Inc. Circuit Protection Products
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-241
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
Metal Oxide Varistors
Standard D Series 5 mm Disc
Rated
Power
Typical
Capacitance
(Reference)
ACrms
(v)
DC
(v)
V@5A
(v)
Ip (A)
10/1000
(µs)
(J)
2ms
(J)
1 time
(A)
2 times
(A)
(w)
1kHz
(pF)
MDE-5D180M
18
16-20
11
14
•40
1
0.6
0.4
250
125
0.01
1,600
MDE-5D220M
22
20-24
14
18
•48
1
0.7
0.5
250
125
0.01
1,500
MDE-5D270K
27
24-30
17
22
•60
1
0.9
0.7
250
125
0.01
1,450
MDE-5D330K
33
30-36
20
26
•73
1
1.1
0.8
250
125
0.01
1,400
MDE-5D390K
39
35-43
25
31
•86
1
1.2
0.9
250
125
0.01
700
MDE-5D470K
47
42-52
30
38
•104
1
1.5
1.1
250
125
0.01
650
MDE-5D560K
56
50-62
35
45
•123
1
1.8
1.3
250
125
0.01
600
MDE-5D680K
68
61-75
40
56
•150
1
2.2
1.6
250
125
0.01
580
MDE-5D820K
82
74-90
50
65
145
5
3.5
0.5
800
600
0.1
310
MDE-5D101K
100
90-110
60
85
175
5
2.0
3.0
800
600
0.1
290
MDE-5D121K
120
108-132
75
100
210
5
2.0
3.5
800
600
0.1
270
MDE-5D151K
150
135-165
95
125
260
5
2.5
4.5
800
600
0.1
240
MDE-5D181K
180
162-198
115
150
325
5
2.5
5.2
800
600
0.1
140
MDE-5D201K
200
185-225
130
170
355
5
2.5
6.0
800
600
0.1
120
MDE-5D221K
220
198-242
140
180
380
5
9.0
6.5
800
600
0.1
110
MDE-5D241K
240
216-264
150
200
415
5
10.5
7.5
800
600
0.1
110
MDE-5D271K
270
247-303
175
225
475
5
11.0
8.0
800
600
0.1
100
MDE-5D301K
300
270-330
195
250
505
5
12.0
8.8
800
600
0.1
100
MDE-5D331K
330
297-363
210
275
600
5
13.0
9.5
800
600
0.1
90
MDE-5D361K
360
324-396
230
300
620
5
16.0
11.0
800
600
0.1
80
MDE-5D391K
390
351-429
250
320
675
5
17.0
12.0
800
600
0.1
80
MDE-5D431K
430
387-473
275
350
745
5
20.0
15.0
800
600
0.1
70
MDE-5D471K
470
423-517
300
385
810
5
21.0
15.0
800
600
0.1
70
•The clamping voltage from 180K to 680K
is tested with current @ 1A.
Max Peak
Current
(8/20 µ S)
Maximum
Allowable
Voltage
PART
NUMBER
Varistor
Voltage
V@1mA
(v)
Energy
Max Clamping
Voltage
(8/20 µ S)
7/23/2002


Similar Part No. - MDE-5D121K

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-5D121K MDE-MDE-5D121K Datasheet
88Kb / 1P
   Metal Oxide Varistors
More results

Similar Description - MDE-5D121K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDE-10D ETC1-MDE-10D Datasheet
75Kb / 1P
   Standard D Series 10 mm Disc
820512001 ETC2-820512001 Datasheet
148Kb / 6P
   STANDARD VARISTOR DISC
820551311 ETC2-820551311 Datasheet
148Kb / 6P
   STANDARD VARISTOR DISC
logo
Wurth Elektronik GmbH &...
820514611 WURTH-820514611 Datasheet
153Kb / 6P
   STANDARD VARISTOR DISC
820526811 WURTH-820526811 Datasheet
153Kb / 6P
   STANDARD VARISTOR DISC
820541311 WURTH-820541311 Datasheet
153Kb / 6P
   STANDARD VARISTOR DISC
820542711 WURTH-820542711 Datasheet
205Kb / 6P
   STANDARD VARISTOR DISC
820572711 WURTH-820572711 Datasheet
153Kb / 6P
   STANDARD VARISTOR DISC
820524211B WURTH-820524211B Datasheet
216Kb / 6P
   STANDARD VARISTOR DISC
820511311 WURTH-820511311 Datasheet
153Kb / 6P
   STANDARD VARISTOR DISC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com