Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZ7051 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MAZ7051
Description  Zener Diodes Silicon planar type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ7051 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MAZ7051 Datasheet HTML 1Page - Panasonic Semiconductor MAZ7051 Datasheet HTML 2Page - Panasonic Semiconductor MAZ7051 Datasheet HTML 3Page - Panasonic Semiconductor MAZ7051 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Zener Diodes
1
Publication date: November 2004
SKE00006DED
MAZ7xxx Series (MA7xxx Series)
Silicon planar type
For stabilization of power supply
■ Features
• Large power dissipation P
D : 800 mW
• Allowing to supply with the radial taping
■ Absolute Maximum Ratings T
a = 25°C
Unit: mm
Parameter
Symbol
Rating
Unit
Repetitive peak forward current
IFRM
200
mA
Power dissipation *
1
PD
800
mW
Non-repetitive reverse surge *
2
PZSM
60
W
power dissipation
Junction temperature
Tj
200
°C
Storage temperature
Tstg
−55 to +200
°C
■ Common Electrical Characteristics T
a
= 25°C ± 3°C *1
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF
= 200 mA
1.0
V
Zener voltage *
2
VZ
IZ
Specified value
V
Zener operating resistance
RZ
IZ
Specified value
Reverse current
IR
VR
Specified value
µA
Temperature coefficient of zener voltage *
3
SZ
IZ
Specified value
mV/
°C
Terminal capacitance
Ct
VR = 0 V, f = 1 MHz
pF
Specified value
1st Band
2nd Band
3rd Band
Cathode
Anode
Colored band
indicatesVZ
classification
4.0±0.5
27 min.
2.6
+0.4
–0.2
27 min.
DO-41-A2 Package
Note) *1: PD = 800 mW achieved with a printed circuit board
*2: t
= 100 µs, T
j = 150°C
Refer to the list of the
electrical characteristics
within part numbers
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 measuring methods for diodes.
2. Absolute frequency of input and output is 5 MHz.
3. *1: The temperature must be controlled 25°C for VZ mesurement.
VZ value measured at other temperature must be adjusted to VZ (25°C)
*2: VZ guaranteed 20 ms after current flow.
*3: Tj
= 25°C to 150°C
Note) The part number in the parenthesis shows conventional part number.


Similar Part No. - MAZ7051

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ7051 PANASONIC-MAZ7051 Datasheet
58Kb / 4P
   Silicon planar type
MAZ7051-A PANASONIC-MAZ7051-A Datasheet
58Kb / 4P
   Silicon planar type
MAZ7051-B PANASONIC-MAZ7051-B Datasheet
58Kb / 4P
   Silicon planar type
More results

Similar Description - MAZ7051

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3180 PANASONIC-MA3180 Datasheet
108Kb / 7P
   Zener Diodes Silicon planar type
MAZ4020 PANASONIC-MAZ4020 Datasheet
117Kb / 5P
   Zener Diodes Silicon planar type
logo
Zowie Technology Corpor...
MM1Z2B4H ZOWIE-MM1Z2B4H Datasheet
167Kb / 2P
   SILICON PLANAR ZENER DIODES Halogen-free type
MM3Z2B4H ZOWIE-MM3Z2B4H Datasheet
151Kb / 2P
   SILICON PLANAR ZENER DIODES Halogen-free type
logo
New Jersey Semi-Conduct...
RD2.0E NJSEMI-RD2.0E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com