Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC102S085CIMM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC102S085CIMM
Description  10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC102S085CIMM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DAC102S085CIMM Datasheet HTML 1Page - National Semiconductor (TI) DAC102S085CIMM Datasheet HTML 2Page - National Semiconductor (TI) DAC102S085CIMM Datasheet HTML 3Page - National Semiconductor (TI) DAC102S085CIMM Datasheet HTML 4Page - National Semiconductor (TI) DAC102S085CIMM Datasheet HTML 5Page - National Semiconductor (TI) DAC102S085CIMM Datasheet HTML 6Page - National Semiconductor (TI) DAC102S085CIMM Datasheet HTML 7Page - National Semiconductor (TI) DAC102S085CIMM Datasheet HTML 8Page - National Semiconductor (TI) DAC102S085CIMM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DAC102S085
10-Bit Micro Power DUAL Digital-to-Analog Converter
with Rail-to-Rail Output
General Description
The DAC102S085 is a full-featured, general purpose DUAL
10-bit voltage-output digital-to-analog converter (DAC) that
can operate from a single +2.7V to 5.5V supply and uses
210 µA at 3V and 320 µA at 5V. The DAC102S085 is
packaged in a 10-lead MSOP package. The on-chip output
amplifier allows rail-to-rail output swing and the three wire
serial interface operates at clock rates up to 40 MHz over the
entire supply voltage range. Competitive devices are limited
to 25 MHz clock rates at supply voltages in the 2.7V to 3.6V
range. The serial interface is compatible with standard
SPI, QSPI, MICROWIRE and DSP interfaces.
The reference for the DAC102S085 serves both channels
and can vary in voltage between 1V and V
A, providing the
widest possible output dynamic range. The DAC102S085
has a 16-bit input shift register that controls the outputs to be
updated, the mode of operation, the powerdown condition,
and the binary input data. Both outputs can be updated
simultaneously or individually depending on the setting of
the two mode of operation bits.
A power-on reset circuit ensures that the DAC output powers
up to zero volts and remains there until there is a valid write
to the device. A power-down feature reduces power con-
sumption to less than a microWatt with three different termi-
nation options.
The low power consumption and small packages of the
DAC102S085 make it an excellent choice for use in battery
operated equipment.
The DAC102S085 is one of a family of pin compatible DACs,
including
the
8-bit
DAC084S085
and
the
12-bit
DAC122S085. The DAC102S085 operates over the ex-
tended industrial temperature range of −40˚C to +105˚C.
Features
n
Guaranteed Monotonicity
n
Low Power Operation
n
Rail-to-Rail Voltage Output
n
Power-on Reset to 0V
n
Simultaneous Output Updating
n
Wide power supply range (+2.7V to +5.5V)
n
Power Down Modes
Key Specifications
n
Resolution
10 bits
n
INL
±2 LSB (max)
n
DNL
+0.35 / −0.25 LSB (max)
n
Settling Time
6 µs (max)
n
Zero Code Error
+15 mV (max)
n
Full-Scale Error
−0.75 %FS (max)
n
Supply Current
— Normal
270 µA (3.6V) / 410 µA (5.5V) max
— Pwr Down
20 nA (3.6V) / 30 nA (5.5V) typ
Applications
n
Battery-Powered Instruments
n
Digital Gain and Offset Adjustment
n
Programmable Voltage & Current Sources
n
Programmable Attenuators
Pin Configuration
20195502
SPIis a trademark of Motorola, Inc.
June 2006
© 2006 National Semiconductor Corporation
DS201955
www.national.com


Similar Part No. - DAC102S085CIMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC102S085CIMM TI-DAC102S085CIMM Datasheet
1Mb / 28P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail
DAC102S085CIMM/NOPB TI1-DAC102S085CIMM/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
DAC102S085CIMMX TI-DAC102S085CIMMX Datasheet
1Mb / 28P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail
DAC102S085CIMMX/NOPB TI1-DAC102S085CIMMX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
More results

Similar Description - DAC102S085CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC102S085 TI1-DAC102S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
logo
National Semiconductor ...
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC082S085 NSC-DAC082S085 Datasheet
870Kb / 19P
   8-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC102S085CIMMX TI-DAC102S085CIMMX Datasheet
1Mb / 28P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com