Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M51008BKR-15VL Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M5M51008BKR-15VL
Description  1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M51008BKR-15VL Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M5M51008BKR-15VL Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M51008BKR-15VL Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M51008BKR-15VL Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M51008BKR-15VL Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M51008BKR-15VL Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M51008BKR-15VL Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M51008BKR-15VL Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MITSUBISHI LSIs
M5M51008BFP,VP,RV,KV,KR -70VL,-10VL,-12VL,-15VL,
-70VLL,-10VLL,-12VLL,-15VLL
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
1997-1/21
MITSUBISHI
ELECTRIC
4
(2) READ CYCLE
(3) WRITE CYCLE
Symbol
Parameter
tCR
Read cycle time
Address access time
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Symbol
Parameter
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Max
Min
Max
Min
Min
Max
Min
Max
Limits
ta(S1)
ta(S2)
ta(OE)
tdis(S1)
tdis(S2)
tdis(OE)
ten(S1)
ten(S2)
ten(OE)
tV(A)
ta(A)
Limits
-12VL,VLL
AC ELECTRICAL CHARACTERISTICS (Ta = 0~70°C, unless otherwise noted )
(1) MEASUREMENT CONDITIONS
-15VL,VLL
Chip select 1 access time
Chip select 2 access time
Output enable access time
Output disable time after S1 high
Output disable time after S2 low
Output disable time after OE high
Output enable time after S1 low
Output enable time after S2 high
Output enable time after OE low
Data valid time after address
150
150
150
75
50
50
50
150
10
10
5
10
120
120
120
60
40
40
40
120
10
10
5
10
70
70
70
35
25
25
25
70
10
10
5
10
100
100
100
50
35
35
35
100
10
10
5
10
Write cycle time
Write pulse width
Address setup time
Address setup time with respect to W
Chip select 1 setup time
Chip select 2 setup time
Data setup time
Data hold time
Write recovery time
Output disable time from W low
Output disable time from OE high
Output enable time from W high
Output enable time from OE low
35
35
100
75
0
85
85
85
40
0
0
5
5
40
40
120
85
0
100
100
100
45
0
0
5
5
25
25
70
55
0
65
65
65
30
0
0
5
5
50
50
150
100
0
120
120
120
50
0
0
5
5
VCC
3.3±0.3V(-70VL,-70VLL,-10VL,-10VLL)
3.0±0.3V(-12VL,-12VLL,-15VL,-15VLL)
Input pulse level
VIH=2.2V,VIL=0.4V
Input rise and fall time
5ns
Reference level
VOH=VOL=1.5V
Output loads
Fig.1,CL=100pF (-15VL,-15VLL,)
CL=30pF (-70VL,-10VL,12VL,-70VLL,-10VLL,12VLL)
CL=5pF (for ten,tdis)
Transition is measured ± 500mV from steady
state voltage. (for ten,tdis)
.................................
...............
.............
.....
...................
including
scope and JIG
1TTL
CL
DQ
Fig.1 Output load
Min
Max
Min
Max
-70VL,VLL
-10VL,VLL
-12VL,VLL
-15VL,VLL
-70VL,VLL
-10VL,VLL
Max
Min
Max
Min
tCW
tw(W)
tsu(A)
tsu(A-WH)
tsu(S1)
tsu(S2)
tsu(D)
th(D)
trec(W)
tdis(W)
tdis(OE)
ten(W)
ten(OE)


Similar Part No. - M5M51008BKR-15VL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M51008CCP-55H MITSUBISHI-M5M51008CCP-55H Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008CCP-55X MITSUBISHI-M5M51008CCP-55X Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008CCP-70H MITSUBISHI-M5M51008CCP-70H Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008CCP-70X MITSUBISHI-M5M51008CCP-70X Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008CFP MITSUBISHI-M5M51008CFP Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results

Similar Description - M5M51008BKR-15VL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M512R88DJ-10 MITSUBISHI-M5M512R88DJ-10 Datasheet
62Kb / 6P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS STATIC RAM
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008DFP MITSUBISHI-M5M51008DFP Datasheet
70Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V108CFP-70H MITSUBISHI-M5M5V108CFP-70H Datasheet
86Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108CFP-70HI MITSUBISHI-M5M5V108CFP-70HI Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M51008DFP RENESAS-M5M51008DFP Datasheet
120Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M28F101AFP MITSUBISHI-M5M28F101AFP Datasheet
96Kb / 10P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
M5M5V216ATP MITSUBISHI-M5M5V216ATP Datasheet
111Kb / 7P
   2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com