Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5195 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5195
Description  14-Bit, 260Msps High-Dynamic Performance DAC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5195 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5195 Datasheet HTML 2Page - Maxim Integrated Products MAX5195 Datasheet HTML 3Page - Maxim Integrated Products MAX5195 Datasheet HTML 4Page - Maxim Integrated Products MAX5195 Datasheet HTML 5Page - Maxim Integrated Products MAX5195 Datasheet HTML 6Page - Maxim Integrated Products MAX5195 Datasheet HTML 7Page - Maxim Integrated Products MAX5195 Datasheet HTML 8Page - Maxim Integrated Products MAX5195 Datasheet HTML 9Page - Maxim Integrated Products MAX5195 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
14-Bit, 260Msps High-Dynamic
Performance DAC
6
_______________________________________________________________________________________
SPURIOUS-FREE DYNAMIC RANGE vs.
OUTPUT FREQUENCY (fCLK = 208.096MHz)
fOUT (MHz)
100
80
60
40
20
50
60
70
80
90
100
40
0
120
-6dBFS
-12dBFS
-18dBFS
SPURIOUS-FREE DYNAMIC RANGE vs.
OUTPUT FREQUENCY (fCLK = 260.12MHz)
fOUT (MHz)
120
100
80
60
40
20
50
60
70
80
90
100
40
0
140
-6dBFS
-12dBFS
-18dBFS
SPURIOUS-FREE DYNAMIC RANGE vs.
OUTPUT FREQUENCY (fCLK = 312.144MHz)
fOUT (MHz)
120
100
80
60
40
20
50
60
70
80
90
100
40
0
160
140
-6dBFS
-12dBFS
-18dBFS
SPURIOUS-FREE DYNAMIC RANGE vs.
TEMPERATURE (fOUT = 16MHz AT -12dBFS)
TEMPERATURE (
°C)
60
35
10
-15
78
79
80
81
82
83
77
-40
85
fCLK = 160MHz
SPECTRAL PLOT, SINGLE-TONE SFDR
FOR A
±10MHz WINDOW
OUTPUT FREQUENCY (MHz)
28
26
22 24
14 16 18 20
12
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-110
10
fCENTER
fCLK = 156.072MHz
fCENTER = 19.416 MHz
OUTPUT AMPLITUDE:
-12dBFS
SPECTRAL PLOT, SINGLE-TONE SFDR
FOR A
±10MHz WINDOW
OUTPUT FREQUENCY (MHz)
28
26
22 24
14 16 18 20
12
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-110
10
fCENTER
fCLK = 260.12MHz
fCENTER = 19.3975MHz
OUTPUT AMPLITUDE:
-12dBFS
SPURIOUS-FREE DYNAMIC RANGE vs.
CLOCK FREQUENCY (fOUT = 19MHz)
fCLK (MHz)
300
270
240
210
180
69
73
77
81
85
65
150
330
-6dBFS
-12dBFS
-18dBFS
MULTITONE (4 TONES) POWER RATIO vs.
CLOCK FREQUENCY
fCLK (MHz)
300
270
240
210
180
-90
-85
-80
-75
-70
-95
150
330
32MHz/-18dBFS
18MHz/-18dBFS
32MHz/-15dBFS
18MHz/-15dBFS
Typical Operating Characteristics (continued)
(AVCC = DVCC = 5V, external reference VREFIN = 1.196V, fCLK = 156.072MHz, RT = 27.4
Ω referenced to AVCC, CL = 15pF, VOUT =
1VP-P, RSET = 3.83k
Ω, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5195

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX519 MAXIM-MAX519 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX5190 MAXIM-MAX5190 Datasheet
226Kb / 16P
   8-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5190BEEG MAXIM-MAX5190BEEG Datasheet
226Kb / 16P
   8-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5191BEEI MAXIM-MAX5191BEEI Datasheet
226Kb / 16P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 0; 12/99
MAX519ACPE MAXIM-MAX519ACPE Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
More results

Similar Description - MAX5195

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5884 MAXIM-MAX5884 Datasheet
491Kb / 10P
   3.3V, 14-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2825; Rev 1; 12/03
MAX5887 MAXIM-MAX5887 Datasheet
982Kb / 18P
   3.3V, 14-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2777; Rev 1; 10/03
MAX5891 MAXIM-MAX5891 Datasheet
412Kb / 15P
   16-Bit, 600Msps, High-Dynamic-Performance DAC with LVDS Inputs
Rev 0; 2/05
MAX5885 MAXIM-MAX5885 Datasheet
862Kb / 10P
   3.3V, 16-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2786; Rev 1; 12/03
MAX5883 MAXIM-MAX5883 Datasheet
634Kb / 16P
   3.3V, 12-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2824; Rev 1; 12/03
MAX5878 MAXIM-MAX5878 Datasheet
511Kb / 18P
   16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs
Rev 0; 2/05
MAX5886 MAXIM-MAX5886 Datasheet
439Kb / 18P
   3.3V, 12-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2776; Rev 2; 12/03
MAX5888 MAXIM-MAX5888 Datasheet
746Kb / 18P
   3.3V, 16-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2726; Rev 3; 12/03
logo
NXP Semiconductors
TDA1541A PHILIPS-TDA1541A Datasheet
138Kb / 12P
   Stereo high performance 16-bit DAC
February 1991
logo
API Technologies Corp
DAC9331-14 APITECH-DAC9331-14 Datasheet
2Mb / 2P
   14-Bit Multiplying DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com