Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX312LEUE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX312LEUE
Description  10 ?? Quad, SPST, 3V Logic-Compatible Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX312LEUE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX312LEUE Datasheet HTML 5Page - Maxim Integrated Products MAX312LEUE Datasheet HTML 6Page - Maxim Integrated Products MAX312LEUE Datasheet HTML 7Page - Maxim Integrated Products MAX312LEUE Datasheet HTML 8Page - Maxim Integrated Products MAX312LEUE Datasheet HTML 9Page - Maxim Integrated Products MAX312LEUE Datasheet HTML 10Page - Maxim Integrated Products MAX312LEUE Datasheet HTML 11Page - Maxim Integrated Products MAX312LEUE Datasheet HTML 12Page - Maxim Integrated Products MAX312LEUE Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
10
, Quad, SPST, +3V Logic-Compatible
Analog Switches
_______________________________________________________________________________________
9
GND
V-
V-
V+
V+
VIN_
IN_
COM_
NC_ OR
NO_
V0
CL
V0
VIN_
VIN_
OFF
OFF
OFF
OFF
ON
ON
Q = (DV0)(CL)
DV0
VIN DEPENDS ON SWITCH CONFIGURATION;
INPUT POLARITY DETERMINED BY TRUTH TABLE
RGEN
VGEN
MAX312L
MAX313L
MAX314L
Figure 3. Charge Injection Test Circuit
Test Circuits/Timing Diagrams (continued)
ANALYZER
SIGNAL
GENERATOR
0dBm
C
V+
V+
COM_
RL
COM_
NC_ OR
NO_
GND
V-
V-
C
IN_
IN_
MAX312L
MAX313L
MAX314L
Figure 4. Off-Isolation Test Circuit
ANALYZER
SIGNAL
GENERATOR
0dBm
C
V+
V+
COM_
RL
COM_
COM_
GND
V-
V-
C
IN_
IN1
IN_
NO_
NO_
IN2
50
N.C.
MAX312L
MAX313L
MAX314L
Figure 5. Crosstalk Test Circuit


Similar Part No. - MAX312LEUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX312LEUE MAXIM-MAX312LEUE Datasheet
178Kb / 14P
   10Ω, Quad, SPST, 3V Logic-Compatible Analog Switches
Rev 1; 9/08
More results

Similar Description - MAX312LEUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX312L MAXIM-MAX312L_08 Datasheet
178Kb / 14P
   10Ω, Quad, SPST, 3V Logic-Compatible Analog Switches
Rev 1; 9/08
DG417L MAXIM-DG417L Datasheet
325Kb / 13P
   35廓, SPST/SPDT, 3V Logic-Compatible Analog Switches
19-2170; Rev 0; 10/01
MAX312 MAXIM-MAX312 Datasheet
385Kb / 12P
   10?? Quad, SPST, CMOS Analog Switches
19-0420; Rev 1; 6/99
DG30809 MAXIM-DG30809 Datasheet
25Kb / 4P
   QUAD, SPST, CMOS, TTL-Compatible Analog Switches
19-0060Rev. B
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
MAX312 MAXIM-MAX312_02 Datasheet
662Kb / 12P
   10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
MAX312 MAXIM-MAX312_V01 Datasheet
420Kb / 12P
   10廓, Quad, SPST, CMOS Analog Switches
19-0420; Rev 2; 7/02
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com