Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72UF60 Datasheet(PDF) 2 Page - International Rectifier

Part # 72UF60
Description  STANDARD RECOVERY DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

72UF60 Datasheet(HTML) 2 Page - International Rectifier

  72UF60 Datasheet HTML 1Page - International Rectifier 72UF60 Datasheet HTML 2Page - International Rectifier 72UF60 Datasheet HTML 3Page - International Rectifier 72UF60 Datasheet HTML 4Page - International Rectifier 72UF60 Datasheet HTML 5Page - International Rectifier 72UF60 Datasheet HTML 6Page - International Rectifier 72UF60 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
70/300U(R) Series
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number *
Code
peak reverse voltage
repetitive peak rev. voltage
TJ = 200°C
V
V
mA
10
100
200
20
200
300
40
400
500
60
600
720
80
800
960
100
1000
1200
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
TJ = 175°C
V
V
mA
5
50
100
40
10
100
200
40
20
200
300
40
30
300
400
40
40
400
500
40
60
600
720
40
80
800
960
35
100
1000
1200
30
ELECTRICAL SPECIFICATIONS
Voltage Ratings
70U
60
300U
I
F(AV)
Max. average forward current
250
300
A
180° conduction, half sine wave
@ Case temperature
150
130
°C
I
FSM
Max. peak, one-cycle forward,
6550
t = 10ms
No voltage
non-repetitive surge current
6850
t = 8.3ms
reapplied
5500
t = 10ms
100% V
RRM
5750
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
214
t = 10ms
No voltage
Initial T
J
= T
J
max.
195
t = 8.3ms
reapplied
151
t = 10ms
100% V
RRM
138
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
2140
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
V
F(TO)
Max. value of threshold
voltage
r
f
Max. value of forward slope
resistance
V
FM
Max. peak forward voltage
Parameter
70U
300U
Units
Conditions
Forward Conduction
KA2s
A
0.610
V
0.751
m
T
J = 200°C
--
1.40
V
(I
FM
x
π x I
F(AV)
(942A peak), T
J
= 25°C
1.30
--
V
(I
FM
x
π x I
F(AV)
(785A peak), T
J
= 25°C
* Also available as JEDEC series: 1N3735 through 1N3743; 1N2054 through 1N2068; 1N4044 through 1N4056.
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Description - 72UF60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com