Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C203PZ80 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C203PZ80
Description  DIGITAL SIGNAL PROCESSORS
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C203PZ80 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320C203PZ80 Datasheet HTML 3Page - Texas Instruments TMS320C203PZ80 Datasheet HTML 4Page - Texas Instruments TMS320C203PZ80 Datasheet HTML 5Page - Texas Instruments TMS320C203PZ80 Datasheet HTML 6Page - Texas Instruments TMS320C203PZ80 Datasheet HTML 7Page - Texas Instruments TMS320C203PZ80 Datasheet HTML 8Page - Texas Instruments TMS320C203PZ80 Datasheet HTML 9Page - Texas Instruments TMS320C203PZ80 Datasheet HTML 10Page - Texas Instruments TMS320C203PZ80 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
TMS320C203, TMS320C209, TMS320LC203
DIGITAL SIGNAL PROCESSORS
SPRS025B – JUNE 1995 – REVISED AUGUST 1998
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
TMS320C209 Terminal Functions
TERMINAL
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
ADDRESS AND DATA BUSES
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
11
13
14
16
17
18
19
20
23
24
25
26
27
28
30
31
I/O/Z
Parallel data bus D15 (MSB) through D0 (LSB). D15–D0 are multiplexed to transfer data between the
core CPU and external data/program memory or I/O devices. D15–D0 are placed in the high-impedance
state when not outputting or when RS is asserted. They also go into the high-impedance state when OFF
is active low.
A15
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
60
59
58
57
55
54
53
52
49
48
46
45
44
43
42
39
O/Z
Parallel address bus A15 (MSB) through A0 (LSB). A15–A0 are multiplexed to address external
data/program memory or I/O devices. These signals go into the high-impedance state when OFF is
active low.
MEMORY CONTROL SIGNALS
PS
65
O/Z
Program-select signal. PS is always high unless low-level asserted for communicating to off-chip
program space. PS goes into the high-impedance state when OFF is active low.
DS
63
O/Z
Data-select signal. DS is always high unless low-level asserted for communicating to off-chip program
space. DS goes into the high-impedance state when OFF is active low.
IS‡
64
O/Z
I/O-space-select signal. IS is always high unless low-level asserted for communicating to I/O ports. IS
goes into the high-impedance state when OFF is active low.
READY
7
I
Data-ready input. READY indicates that an external device is prepared for the bus transaction to be
completed. If READY is low, the TMS320C209 waits one cycle and checks READY again. If READY is
not used, it should be pulled high.
R/W‡
66
O/Z
Read/write signal. R/W indicates transfer direction when communicating to an external device. R/W is
normally in read mode (high), unless low level is asserted for performing a write operation. R/W goes
into the high-impedance state when OFF is active low.
STRB
67
O/Z
Strobe signal. STRB is always high unless asserted low to indicate an external bus cycle. STRB goes
into the high-impedance state when OFF is active low.
RD
78
O/Z
Read-select. RD indicates an active, external read cycle and can connect directly to the output enable
(OE) of external devices. RD is active on all external program, data, and I/O reads. RD goes into the
high-impedance state when OFF is active low.
† I = input, O = output, Z = high impedance, PWR = power, GND = ground
‡ IS, R/W, and the data bus are visible at the pins, while accessing internal I/O-mapped registers (for ’C209 devices only).


Similar Part No. - TMS320C203PZ80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C203PZ80 TI1-TMS320C203PZ80 Datasheet
1Mb / 84P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C203PZ80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com