Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV688N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LV688N
Description  8-bit magnitude comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV688N Datasheet(HTML) 2 Page - NXP Semiconductors

  74LV688N Datasheet HTML 1Page - NXP Semiconductors 74LV688N Datasheet HTML 2Page - NXP Semiconductors 74LV688N Datasheet HTML 3Page - NXP Semiconductors 74LV688N Datasheet HTML 4Page - NXP Semiconductors 74LV688N Datasheet HTML 5Page - NXP Semiconductors 74LV688N Datasheet HTML 6Page - NXP Semiconductors 74LV688N Datasheet HTML 7Page - NXP Semiconductors 74LV688N Datasheet HTML 8Page - NXP Semiconductors 74LV688N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74LV688
8-bit magnitude comparator
2
1998 Jun 23
853-1878 19618
FEATURES
Wide operating voltage: 1.0 to 5.5V
Optimized for low voltage applications: 1.0V to 3.6V
Accepts TTL input levels between V
CC = 2.7V and VCC = 3.6V
Typical V
OLP (output ground bounce) < 0.8V at VCC = 3.3V,
Tamb = 25°C
Typical V
OHV (output VOH undershoot) > 2V at VCC = 3.3V,
Tamb =25°C
Compare two 8-bit words
Output capability: standard
I
CC category: MSI
DESCRIPTION
The 74LV688 is a high-speed Si-gate CMOS device, pin compatible
with the 74HC/HCT688
The 74LV688 is an 8-bit magnitude comparator. It performs
comparisons of two 8-bit binary or BCD words. The output provides
P = Q (equal-to).
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay Pn, Qn to P=Q
CL = 15pF
VCC = 3.3V
17
ns
CI
Input capacitance
3.5
pF
CPD
Power dissipation capacitance per gate
VI = GND to VCC1
22
pF
NOTE:
1. CPD is used to determine the dynamic power dissipation (PD in mW):
PD = CPD × VCC2 × fi + S (CL × VCC2 × fo) where:
fi = input frequency in MHz; CL = output load capacity in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
S (CL × VCC2 × fo) = sum of outputs.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
20-Pin Plastic DIL
–40
°C to +125°C
74LV688 N
74LV688 N
SOT146-1
20-Pin Plastic SO
–40
°C to +125°C
74LV688 D
74LV688 D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +125°C
74LV688 DB
74LV688 DB
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +125°C
74LV688 PW
74LV688PW DH
SOT360-1
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
15
16
17
18
19
20
E
P0
Q0
P1
Q1
P2
Q2
P3
Q3
P = Q
Q7
P7
Q6
P6
Q5
P5
Q4
P4
SY00054
PIN DESCRIPTION
PIN NO.
SYMBOL
FUNCTION
1
E
Enable input (active LOW)
2, 4, 6, 8, 11,
13, 15, 17
P0 to P7
Word inputs
3, 5, 7, 9, 12,
14, 16, 18
Q0 to Q7
Word inputs
10
GND
Ground (0V)
19
P=Q
Equal to output
20
VCC
Positive Supply Voltage


Similar Part No. - 74LV688N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV00 PHILIPS-74LV00 Datasheet
104Kb / 10P
   Quad 2-input NAND gate
1998 Apr 20
logo
Nexperia B.V. All right...
74LV00 NEXPERIA-74LV00 Datasheet
232Kb / 12P
   Quad 2-input NAND gate
Rev. 5 - 10 September 2021
logo
Texas Instruments
74LV00A TI-74LV00A Datasheet
409Kb / 14P
[Old version datasheet]   QUADRUPLE 2 INPUT POSITIVE NAND GATES
logo
Diodes Incorporated
74LV00A DIODES-74LV00A Datasheet
303Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES
logo
Nexperia B.V. All right...
74LV00A NEXPERIA-74LV00A Datasheet
192Kb / 10P
   Quad 2-input NAND gate
Rev. 1 - 19 December 2018
More results

Similar Description - 74LV688N

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC688 NEXPERIA-74HC688 Datasheet
231Kb / 13P
   8-bit magnitude comparator
Rev. 4 - 16 July 2021
logo
Hitachi Semiconductor
HD74HCT688 HITACHI-HD74HCT688 Datasheet
55Kb / 8P
   8-bit Magnitude Comparator
logo
Renesas Technology Corp
HD74HC688 RENESAS-HD74HC688 Datasheet
111Kb / 8P
   8-bit Magnitude Comparator
HD74HC682 RENESAS-HD74HC682 Datasheet
92Kb / 7P
   8-bit Magnitude Comparator
logo
Nexperia B.V. All right...
74HCT688 NEXPERIA-74HCT688 Datasheet
53Kb / 7P
   8-bit magnitude comparator
December 1990
logo
NXP Semiconductors
74HC688 PHILIPS-74HC688 Datasheet
48Kb / 7P
   8-bit magnitude comparator
December 1990
logo
Hitachi Semiconductor
HD74HC682 HITACHI-HD74HC682 Datasheet
45Kb / 7P
   8-bit Magnitude Comparator
HD74HC688 HITACHI-HD74HC688 Datasheet
60Kb / 9P
   8-bit Magnitude Comparator
logo
Renesas Technology Corp
HD74HCT688 RENESAS-HD74HCT688 Datasheet
111Kb / 8P
   8-bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT688_CNV PHILIPS-74HC_HCT688_CNV_15 Datasheet
54Kb / 7P
   8-bit magnitude comparator
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com