Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40061PWPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40061PWPR
Description  WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40061PWPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS40061PWPR Datasheet HTML 6Page - Texas Instruments TPS40061PWPR Datasheet HTML 7Page - Texas Instruments TPS40061PWPR Datasheet HTML 8Page - Texas Instruments TPS40061PWPR Datasheet HTML 9Page - Texas Instruments TPS40061PWPR Datasheet HTML 10Page - Texas Instruments TPS40061PWPR Datasheet HTML 11Page - Texas Instruments TPS40061PWPR Datasheet HTML 12Page - Texas Instruments TPS40061PWPR Datasheet HTML 13Page - Texas Instruments TPS40061PWPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
www.ti.com
PROGRAMMING SOFT START
tSTART w 2p
L
CO (seconds)
(4)
CSS +
2.3 mA
0.7 V
tSTART (Farads)
(5)
TPS40060
TPS40061
SLUS543D–DECEMBER 2002–REVISED SEPTEMBER 2004
APPLICATION INFORMATION (continued)
The impedance of the input voltage can cause the input voltage, at the TPS4006x, to sag when the converter
starts to operate and draw current from the input source. Therefore, there is voltage hysteresis that prevents
nuisance shutdowns at the UVLO point.
With RT chosen to select the operating frequency and RKFF chosen to select the start-up voltage, the amount of
hysteresis voltage is shown in Figure 5.
TPS4006x uses a closed-loop approach to ensure a controlled ramp on the output during start-up. Soft-start is
programmed by charging an external capacitor (CSS) via an internally generated current source. The voltage on
CSS minus 0.85 V, is fed into a separate non-inverting input to the error amplifier (in addition to FB and 0.7-V
VREF). The loop is closed on the lower of the (CSS– 0.85 V) voltage or the internal reference voltage ( 0.7-V
VREF). Once the (CSS– 0.85 V) voltage rises above the internal reference voltage, regulation is based on the
internal reference. To ensure a controlled ramp-up of the output voltage the soft-start time should be greater than
the L-CO time constant as described in Equation 4.
There is a direct correlation between tSTART and the input current required during start-up. The faster tSTART,the
higher the input current required during start-up. This relationship is describe in more detail in the section titled,
Programming the Current Limit which follows. The soft-start capacitance, CSS, is described in Equation 5.
For applications in which the VIN supply ramps up slowly, (typically between 50 ms and 100 ms) it may be
necessary to increase the soft-start time to between approximately 2 ms and 5 ms to prevent nuisance UVLO
tripping. The soft-start time should be longer than the time that the VINsupply transitions between 6 V and 7 V.
10


Similar Part No. - TPS40061PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40061PWPR TI1-TPS40061PWPR Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40061PWPR TI1-TPS40061PWPR Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40061PWPRG4 TI1-TPS40061PWPRG4 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40061PWPRG4 TI1-TPS40061PWPRG4 Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40061PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI1-TPS40060_17 Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI1-TPS40055-EP Datasheet
2Mb / 36P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com