Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC47A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 1.5SMC47A
Description  1500 W Unidirectional and Bidirectional Surface Mounted Transient Voltage Suppressor Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1.5SMC47A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  1.5SMC47A Datasheet HTML 1Page - List of Unclassifed Manufacturers 1.5SMC47A Datasheet HTML 2Page - List of Unclassifed Manufacturers 1.5SMC47A Datasheet HTML 3Page - List of Unclassifed Manufacturers 1.5SMC47A Datasheet HTML 4Page - List of Unclassifed Manufacturers 1.5SMC47A Datasheet HTML 5Page - List of Unclassifed Manufacturers 1.5SMC47A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1.5SMC6V8C
BGA
1000
5.50
6.12
6.8
7.48
10
10.8
139
1.5SMC6V8CA
BGB
1000
5.80
6.45
6.8
7.14
10
10.5
143
1.5SMC7V5C
BGC
500
6.05
6.75
7.5
8.25
10
11.7
128
1.5SMC7V5CA
BGD
500
6.40
7.13
7.5
7.88
10
11.3
132
1.5SMC8V2C
BGE
200
6.63
7.38
8.2
9.02
10
12.5
120
1.5SMC8V2CA
BGF
200
7.02
7.79
8.2
8.61
10
12.1
124
1.5SMC9V1C
BGG
50
7.37
8.19
9.1
10.0
1
13.8
109
1.5SMC9V1CA
BGH
50
7.78
8.65
9.1
9.55
1
13.4
112
1.5SMC10C
BGK
10
8.10
9.00
10
11.0
1
15.0
100
1.5SMC10CA
BGL
10
8.55
9.50
10
10.5
1
14.5
103
1.5SMC11C
BGM
5
8.92
9.90
11
12.1
1
16.2
93
1.5SMC11CA
BGN
5
9.40
10.5
11
11.6
1
15.6
96
1.5SMC12C
BGP
5
9.72
10.8
12
13.2
1
17.3
87
1.5SMC12CA
BGR
5
10.2
11.4
12
12.6
1
16.7
90
1.5SMC13C
BGS
5
10.5
11.7
13
14.3
1
19.0
79
1.5SMC13CA
BGT
5
11.1
12.4
13
13.7
1
18.2
82
1.5SMC15C
BGU
5
12.1
13.5
15
16.5
1
22.0
68
1.5SMC15CA
BGV
5
12.8
14.3
15
15.8
1
21.2
71
1.5SMC16C
BGW
5
12.9
14.4
16
17.6
1
23.5
64
1.5SMC16CA
BGX
5
13.6
15.2
16
16.8
1
22.5
67
1.5SMC18C
BGY
5
14.5
16.2
18
19.8
1
26.5
56.5
1.5SMC18CA
BGZ
5
15.3
17.1
18
18.9
1
25.5
59.5
1.5SMC20C
BHA
5
16.2
18.0
20
22.0
1
29.1
51.5
1.5SMC20CA
BHB
5
17.1
19.0
20
21.0
1
27.7
54
1.5SMC22C
BHC
5
17.8
19.8
22
24.2
1
31.9
47
1.5SMC22CA
BHD
5
18.8
20.9
22
23.1
1
30.6
49
1.5SMC24C
BHE
5
19.4
21.6
24
26.4
1
34.7
43
1.5SMC24CA
BHF
5
20.5
22.8
24
25.2
1
33.2
45
1.5SMC27C
BHG
5
21.8
24.3
27
29.7
1
39.1
38.5
1.5SMC27CA
BHH
5
23.1
25.7
27
28.4
1
37.5
40
1.5SMC30C
BHK
5
24.3
27.0
30
33.0
1
43.5
34.5
1.5SMC30CA
BHL
5
25.6
28.5
30
31.5
1
41.4
36
1.5SMC33C
BHM
5
26.8
29.7
33
36.3
1
47.7
31.5
1.5SMC33CA
BHN
5
28.2
31.4
33
34.7
1
45.7
33
1.5SMC36C
BHP
5
29.1
32.4
36
39.6
1
52.0
29
1.5SMC36CA
BHR
5
30.8
34.2
36
37.8
1
49.9
30
1.5SMC39C
BHS
5
31.6
35.1
39
42.9
1
56.4
26.5
1.5SMC39CA
BHT
5
33.3
37.1
39
41.0
1
53.9
28
1.5SMC43C
BHU
5
34.8
38.7
43
47.3
1
61.9
24
1.5SMC43CA
BHV
5
36.8
40.9
43
45.2
1
59.3
25.3
1.5SMC47C
BHW
5
38.1
42.3
47
51.7
1
67.8
22.2
1.5SMC47CA
BHX
5
40.2
44.7
47
49.4
1
64.8
23.2
1.5SMC51C
BHY
5
41.3
45.9
51
56.1
1
73.5
20.4
1.5SMC51CA
BHZ
5
43.6
48.5
51
53.6
1
70.1
21.4
1.5SMC6V8...........1.5SMC220A
1.5SMC6V8C......1.5SMC220CA
Type
Maximum Reverse
Leakage Current
at
Bidirectional
(µA)
(V)
Min.
Nom.
Max.
(mA)
(1)
I
RM
I
R
at
(V)
Breakdown Voltage
Max. Clamping Voltage
V
BR
V
CL
at
I
pp
V
RM
max. 1ms. Expo.
(V)
(A)
(1) Tested with pulses.
Pulse test: tp
≤ 50 ms; δ < 2%
Marking
Code
Jun - 03


Similar Part No. - 1.5SMC47A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1.5SMC47A CENTRAL-1.5SMC47A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Bourns Electronic Solut...
1.5SMC47A BOURNS-1.5SMC47A Datasheet
377Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
MDE Semiconductor, Inc.
1.5SMC47A MDE-1.5SMC47A Datasheet
169Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Nantong Hornby Electron...
1.5SMC47A HORNBY-1.5SMC47A Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
1.5SMC47A VISHAY-1.5SMC47A Datasheet
103Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 14-Dec-12
More results

Similar Description - 1.5SMC47A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BZW06-273 ETC-BZW06-273 Datasheet
66Kb / 4P
   600 W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com